Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25DN512C-XMHF-B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AT25DN512C-XMHF-B
Description  512-Kbit, 2.3V Minimum SPI Serial Flash Memory with Dual-Read Support
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DN512C-XMHF-B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AT25DN512C-XMHF-B Datasheet HTML 1Page - List of Unclassifed Manufacturers AT25DN512C-XMHF-B Datasheet HTML 2Page - List of Unclassifed Manufacturers AT25DN512C-XMHF-B Datasheet HTML 3Page - List of Unclassifed Manufacturers AT25DN512C-XMHF-B Datasheet HTML 4Page - List of Unclassifed Manufacturers AT25DN512C-XMHF-B Datasheet HTML 5Page - List of Unclassifed Manufacturers AT25DN512C-XMHF-B Datasheet HTML 6Page - List of Unclassifed Manufacturers AT25DN512C-XMHF-B Datasheet HTML 7Page - List of Unclassifed Manufacturers AT25DN512C-XMHF-B Datasheet HTML 8Page - List of Unclassifed Manufacturers AT25DN512C-XMHF-B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
DS-25DN512C–037C–5/2014
Features
Single 2.3V - 3.6V Supply
Serial Peripheral Interface (SPI) Compatible
Supports SPI Modes 0 and 3
Supports Dual Output Read
104MHz Maximum Operating Frequency
Clock-to-Output (t
V) of 6ns
Flexible, Optimized Erase Architecture for Code + Data Storage Applications
Uniform 256-Byte Page erase
Uniform 4-Kbyte Block Erase
Uniform 32-Kbyte Block Erase
Full Chip Erase
Hardware Controlled Locking of Protected Sectors via WP Pin
128-Byte Programmable OTP Security Register
Flexible Programming
Byte/Page Program (1 to 256 Bytes)
Fast Program and Erase Times
1.5ms Typical Page Program (256 Bytes) Time
40ms Typical 4-Kbyte Block Erase Time
320ms Typical 32-Kbyte Block Erase Time
Automatic Checking and Reporting of Erase/Program Failures
Software Controlled Reset
JEDEC Standard Manufacturer and Device ID Read Methodology
Low Power Dissipation
350nA Ultra Deep Power Down current (Typical)
5µA Deep Power-Down Current (Typical)
25uA Standby current (Typical)
6mA Active Read Current (Typical)
Endurance: 100,000 Program/Erase Cycles
Data Retention: 20 Years
Complies with Full Industrial Temperature Range
Industry Standard Green (Pb/Halide-free/RoHS Compliant) Package Options
8-lead SOIC (150-mil)
8-pad Ultra Thin DFN (2 x 3 x 0.6mm)
8-lead TSSOP Package
AT25DN512C
512-Kbit, 2.3V Minimum
SPI Serial Flash Memory with Dual-Read Support
PRELIMINARY DATASHEET


Similar Part No. - AT25DN512C-XMHF-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT25DN512C-XMHF-B ETC2-AT25DN512C-XMHF-B Datasheet
1Mb / 40P
   512-Kbit, 2.3V Minimum SPI Serial Flash Memory with Dual-I/O Support
logo
Dialog Semiconductor
AT25DN512C-XMHF-B DIALOG-AT25DN512C-XMHF-B Datasheet
1Mb / 41P
   512-Kbit, 2.3V Minimum SPI Serial Flash Memory with Dual-Read Support
More results

Similar Description - AT25DN512C-XMHF-B

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
AT25DN512C DIALOG-AT25DN512C Datasheet
1Mb / 41P
   512-Kbit, 2.3V Minimum SPI Serial Flash Memory with Dual-Read Support
logo
Renesas Technology Corp
AT25DN512C RENESAS-AT25DN512C Datasheet
2Mb / 40P
   512-Kbit, 2.3V Minimum SPI Serial Flash Memory with Dual-Read Support
02/2022
logo
List of Unclassifed Man...
AT25DN256 ETC2-AT25DN256 Datasheet
1Mb / 39P
   256-Kbit, 2.3V Minimum SPI Serial Flash Memory with Dual-Read Support
logo
Dialog Semiconductor
AT25DN256 DIALOG-AT25DN256 Datasheet
1Mb / 40P
   256-Kbit, 2.3V Minimum SPI Serial Flash Memory with Dual-Read Support
logo
Renesas Technology Corp
AT25DN256 RENESAS-AT25DN256 Datasheet
2Mb / 39P
   256-Kbit, 2.3V Minimum SPI Serial Flash Memory with Dual-Read Support
02/2022
logo
List of Unclassifed Man...
AT25DN512C ETC2-AT25DN512C Datasheet
1Mb / 40P
   512-Kbit, 2.3V Minimum SPI Serial Flash Memory with Dual-I/O Support
logo
Dialog Semiconductor
AT25DF512C DIALOG-AT25DF512C Datasheet
1Mb / 43P
   512-Kbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support
logo
Renesas Technology Corp
AT25XE512C RENESAS-AT25XE512C Datasheet
2Mb / 41P
   512-Kbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support
02/2022
logo
Dialog Semiconductor
AT25XE512C DIALOG-AT25XE512C Datasheet
1Mb / 42P
   512-Kbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support
logo
Renesas Technology Corp
AT25DF512C RENESAS-AT25DF512C Datasheet
2Mb / 42P
   512-Kbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support
02/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com