Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S4008D Datasheet(PDF) 2 Page - Littelfuse

Part # S4008D
Description  RoHS Compliant
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

S4008D Datasheet(HTML) 2 Page - Littelfuse

  S4008D Datasheet HTML 1Page - Littelfuse S4008D Datasheet HTML 2Page - Littelfuse S4008D Datasheet HTML 3Page - Littelfuse S4008D Datasheet HTML 4Page - Littelfuse S4008D Datasheet HTML 5Page - Littelfuse S4008D Datasheet HTML 6Page - Littelfuse S4008D Datasheet HTML 7Page - Littelfuse S4008D Datasheet HTML 8Page - Littelfuse S4008D Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SCRs
Data Sheets
http://www.littelfuse.com
E6 - 2
©2004 Littelfuse, Inc.
+1 972-580-7777
Thyristor Product Catalog
Specific Test Conditions
di/dt — Maximum rate-of-rise of on-state current; IGT = 150 mA with
≤ 0.1 µs rise time
dv/dt — Critical rate of applied forward voltage
I2t — RMS surge (non-repetitive) on-state current for period of 8.3 ms
for fusing
IDRM and IRRM — Peak off-state forward and reverse current at VDRM and
VRRM
Igt — dc gate trigger current; VD = 12 V dc; RL = 60 Ω for 1 to 16 A
devices and 30
Ω for 20 to 70 A devices
IGM — Peak gate current
IH — dc holding current; gate open
IT — Maximum on-state current
ITSM — Peak one-cycle forward surge current
PG(AV) — Average gate power dissipation
PGM — Peak gate power dissipation
tgt — Gate controlled turn-on time; gate pulse = 100 mA; minimum
width = 15 µs with rise time
≤ 0.1 µs
tq — Circuit commutated turn-off time
VDRM and VRRM — Repetitive peak off-state forward and reverse voltage
Vgt — DC gate trigger voltage; VD = 12 V dc; RL = 60 Ω for 1 to 16 A
devices and 30
Ω for 20 to 70 A devices
VTM — Peak on-state voltage at maximum rated RMS current
General Notes
All measurements are made at 60 Hz with a resistive load at an
ambient temperature of +25
°C unless otherwise specified.
Operating temperature range (TJ) is -65 °C to +125 °C for TO-92
devices and -40
°C to +125 °C for all other packages.
Storage temperature range (TS) is -65 °C to +150 °C for TO-92
devices, -40
°C to +150 °C for TO-202 and TO-220 devices, and
-40
°C to +125 °C for all others.
Lead solder temperature is a maximum of 230
°C for 10 seconds
maximum;
≥1/16" (1.59 mm) from case.
The case temperature (TC) is measured as shown on dimensional
outline drawings in the “Package Dimensions” sectionof this
catalog.
TYPE
Part Number
IT
VDRM
& VRRM
IGT
Isolated
Non-isolated
TO-92
TO-220
TO-202
TO-220
TO-251
V-Pak
Compak
TO-252
D-Pak
(1) (2) (15)
Amps
Volts
(4)
mAmps
See “Package Dimensions” section for variations. (11)
IT(RMS)
IT(AV)
MAX
MAX
MIN
MIN
MAX
1A
S201E
S2N1
1
0.64
200
1
10
S401E
S4N1
1
0.64
400
1
10
S601E
S6N1
1
0.64
600
1
10
6A
S2006L
S2006F1
S2006V
S2006D
6
3.8
200
1
15
S4006L
S4006F1
S4006V
S4006D
6
3.8
400
1
15
S6006L
S6006F1
S6006V
S6006D
6
3.8
600
1
15
S8006L
S8006V
S8006D
6
3.8
800
1
15
SK006L
SK006V
SK006D
6
3.8
1000
1
15
8A
S2008L
S2008F1
S2008R
S2008V
S2008D
8
5.1
200
1
15
S4008L
S4008F1
S4008R
S4008V
S4008D
8
5.1
400
1
15
S6008L
S6008F1
S6008R
S6008V
S6008D
8
5.1
600
1
15
S8008L
S8008R
S8008V
S8008D
8
5.1
800
1
15
SK008L
SK008R
SK008V
SK008D
8
5.1
1000
1
15
10 A
S2010L
S2010F1
S2010R
S2010V
S2010D
10
6.4
200
1
15
S4010L
S4010F1
S4010R
S4010V
S4010D
10
6.4
400
1
15
S6010L
S6010F1
S6010R
S6010V
S6010D
10
6.4
600
1
15
S8010L
S8010R
S8010V
S8010D
10
6.4
800
1
15
SK010L
SK010R
SK010V
SK010D
10
6.4
1000
1
15
12 A
S2012R
S2012V
S2012D
12
7.6
200
1
20
S4012R
S4012V
S4012D
12
7.6
400
1
20
S6012R
S6012V
S6012D
12
7.6
600
1
20
S8012R
S8012V
S8012D
12
7.6
800
1
20
SK012R
SK012V
SK012D
12
7.6
1000
1
20
K
G
A
K
A
G
K
A
G
A
K
A
G
A
A
A
G
K
A
G
K
A
A
K
G


Similar Part No. - S4008D

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
S4008D TECCOR-S4008D Datasheet
222Kb / 12P
   SCRs
logo
Littelfuse
S4008D LITTELFUSE-S4008D Datasheet
212Kb / 12P
   SCRs (1 A to 70 A)
S4008D LITTELFUSE-S4008D Datasheet
218Kb / 12P
   RoHS Compliant, Electrically-isolated package
logo
List of Unclassifed Man...
S4008D ETC2-S4008D Datasheet
218Kb / 12P
   RoHS Compliant
logo
Littelfuse
S4008DRP LITTELFUSE-S4008DRP Datasheet
793Kb / 11P
   Excellent unidirectional switches for phase control
More results

Similar Description - S4008D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
   RoHs Compliant
logo
Assmann Electronics Inc...
V7236A1 ASSMANN-V7236A1 Datasheet
107Kb / 1P
   RoHS compliant
logo
List of Unclassifed Man...
S6006FS22 ETC2-S6006FS22 Datasheet
205Kb / 12P
   RoHS Compliant
logo
Pulse A Technitrol Comp...
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
   ROHS COMPLIANT
logo
International Rectifier
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
   RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
   RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
   RoHS compliant
logo
Pulse A Technitrol Comp...
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
   ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
   ROHS COMPLIANT
logo
Assmann Electronics Inc...
A-CCS-052-Z-T ASSMANN-A-CCS-052-Z-T Datasheet
303Kb / 1P
   RoHS compliant
logo
Everlight Electronics C...
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
   RoHS compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com