Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S4008D Datasheet(PDF) 4 Page - Littelfuse

Part # S4008D
Description  RoHS Compliant
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

S4008D Datasheet(HTML) 4 Page - Littelfuse

  S4008D Datasheet HTML 1Page - Littelfuse S4008D Datasheet HTML 2Page - Littelfuse S4008D Datasheet HTML 3Page - Littelfuse S4008D Datasheet HTML 4Page - Littelfuse S4008D Datasheet HTML 5Page - Littelfuse S4008D Datasheet HTML 6Page - Littelfuse S4008D Datasheet HTML 7Page - Littelfuse S4008D Datasheet HTML 8Page - Littelfuse S4008D Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SCRs
Data Sheets
http://www.littelfuse.com
E6 - 4
©2004 Littelfuse, Inc.
+1 972-580-7777
Thyristor Product Catalog
See “General Notes” on page E6 - 2 and “Electrical Specification Notes” on page E6 - 3.
TYPE
Part Number
IT
VDRM &
VRRM
IGT
IDRM & IRRM
Isolated
Non-isolated
TO-220
TO-218X
TO-218
TO-220
TO-218X
TO-218
TO-263
D2Pak
(1) (15)
Amps
Volts
(4)
mAmps
(14)
mAmps
IT(RMS)
IT(AV)
TC =
25 °C
TC =
100 °C
TC =
125 °C
See “Package Dimensions” section for variations. (11)
MAX
MIN
MIN MAX
MAX
15 A
S2015L
15
9.5
200
1
30
0.01
0.5
1
S4015L
15
9.5
400
1
30
0.01
0.5
1
S6015L
15
9.5
600
1
30
0.01
0.5
1
S8015L
15
9.5
800
1
30
0.02
1
2
SK015L
15
9.5
1000
1
30
0.02
3
16 A
S2016R
S2016N
16
10
200
1
30
0.01
0.5
1
S4016R
S4016N
16
10
400
1
30
0.01
0.5
1
S6016R
S6016N
16
10
600
1
30
0.01
0.5
1
S8016R
S8016N
16
10
800
1
30
0.02
1
2
SK016R
SK016N
16
10
1000
1
30
0.02
3
20 A
S2020L
20
12.8
200
1
30
0.01
0.5
1
S4020L
20
12.8
400
1
30
0.01
0.5
1
S6020L
20
12.8
600
1
30
0.01
0.5
1
S8020L
20
12.8
800
1
30
0.02
1.0
2
SK020L
20
12.8
1000
1
30
0.02
3
25 A
S2025L
S2025R
S2025N
25
16
200
1
35
0.01
1
2
S4025L
S4025R
S4025N
25
16
400
1
35
0.01
1
2
S6025L
S6025R
S6025N
25
16
600
1
35
0.01
1
2
S8025L
S8025R
S8025N
25
16
800
1
35
0.02
1.5
3
SK025L
SK025R
SK025N
25
16
1000
1
35
0.02
3
35 A
S2035J
S2035K
35
22
200
5
40
0.01
1
2
S4035J
S4035K
35
22
400
5
40
0.01
1
2
S6035J
S6035K
35
22
600
5
40
0.01
1
2
S8035J
S8035K
35
22
800
5
40
0.02
1.5
3
SK035K
35
22
1000
5
40
0.02
3
40 A
S2040R
S2040N
40
25
200
5
40
0.01
1
2
S4040R
S4040N
40
25
400
5
40
0.01
1
2
S6040R
S6040N
40
25
600
5
40
0.01
1
2
S8040R
S8040N
40
25
800
5
40
0.02
1.5
3
SK040R
SK040N
40
25
1000
5
40
0.03
5
55 A
S2055R
S2055W
S2055M
S2055N
55
35
200
5
40
0.01
1
2
S4055R
S4055W
S4055M
S4055N
55
35
400
5
40
0.01
1
2
S6055R
S6055W
S6055M
S6055N
55
35
600
5
40
0.01
1
2
S8055R
S8055W
S8055M
S8055N
55
35
800
5
40
0.02
1.5
3
SK055R
SK055M
SK055N
55
35
1000
5
40
0.03
5
65 A
S2065J
S2065K
65
41
200
5
50
0.02
1.5
3
S4065J
S4065K
65
41
400
5
50
0.02
1.5
3
S6065J
S6065K
65
41
600
5
50
0.02
1.5
3
S8065J
S8065K
65
41
800
5
50
0.02
2
5
SK065K
65
41
1000
5
50
0.03
5
70 A
S2070W
70
45
200
5
50
0.02
1.5
3
S4070W
70
45
400
5
50
0.02
1.5
3
S6070W
70
45
600
5
50
0.02
1.5
3
S8070W
70
45
800
5
50
0.02
2
5
K
A
G
K
A
G
K
G
A
K
A
G
A
K
A
G
A
K
G
A
A
A
A
K
G


Similar Part No. - S4008D

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
S4008D TECCOR-S4008D Datasheet
222Kb / 12P
   SCRs
logo
Littelfuse
S4008D LITTELFUSE-S4008D Datasheet
212Kb / 12P
   SCRs (1 A to 70 A)
S4008D LITTELFUSE-S4008D Datasheet
218Kb / 12P
   RoHS Compliant, Electrically-isolated package
logo
List of Unclassifed Man...
S4008D ETC2-S4008D Datasheet
218Kb / 12P
   RoHS Compliant
logo
Littelfuse
S4008DRP LITTELFUSE-S4008DRP Datasheet
793Kb / 11P
   Excellent unidirectional switches for phase control
More results

Similar Description - S4008D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
   RoHs Compliant
logo
Assmann Electronics Inc...
V7236A1 ASSMANN-V7236A1 Datasheet
107Kb / 1P
   RoHS compliant
logo
List of Unclassifed Man...
S6006FS22 ETC2-S6006FS22 Datasheet
205Kb / 12P
   RoHS Compliant
logo
Pulse A Technitrol Comp...
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
   ROHS COMPLIANT
logo
International Rectifier
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
   RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
   RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
   RoHS compliant
logo
Pulse A Technitrol Comp...
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
   ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
   ROHS COMPLIANT
logo
Assmann Electronics Inc...
A-CCS-052-Z-T ASSMANN-A-CCS-052-Z-T Datasheet
303Kb / 1P
   RoHS compliant
logo
Everlight Electronics C...
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
   RoHS compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com