Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S8008D Datasheet(PDF) 1 Page - Littelfuse

Part # S8008D
Description  RoHS Compliant
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

S8008D Datasheet(HTML) 1 Page - Littelfuse

  S8008D Datasheet HTML 1Page - Littelfuse S8008D Datasheet HTML 2Page - Littelfuse S8008D Datasheet HTML 3Page - Littelfuse S8008D Datasheet HTML 4Page - Littelfuse S8008D Datasheet HTML 5Page - Littelfuse S8008D Datasheet HTML 6Page - Littelfuse S8008D Datasheet HTML 7Page - Littelfuse S8008D Datasheet HTML 8Page - Littelfuse S8008D Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
©2004 Littelfuse, Inc.
E6 - 1
http://www.littelfuse.com
Thyristor Product Catalog
+1 972-580-7777
*
Selected
Packag
es
U.L.
RECOGN
IZED
File
#E71639
AK
G
SCRs
(1 A to 70 A)
E6
General Description
The Teccor line of thyristor SCR semi-conductors are half-wave,
unidirectional, gate-controlled rectifiers which complement Tec-
cor's line of sensitive SCRs. Teccor offers devices with ratings of
1 A to 70 A and 200 V to 1000 V, with gate sensitivities from
10 mA to 50 mA. If gate currents in the 12 µA to 500 µA ranges
are required, see “Sensitive SCRs” section of this catalog.
Three packages are offered in electrically isolated construction
where the case or tab is internally isolated to allow the use of
low-cost assembly and convenient packaging techniques.
The Teccor line of SCRs features glass-passivated junctions to
ensure long-term reliability and parameter stability. Teccor’s
glass offers a rugged, reliable barrier against junction contamina-
tion.
Variations of devices covered in this data sheet are available for
custom design applications. Consult the factory for more informa-
tion.
R
oHS
Features
•RoHS Compliant
Electrically-isolated package
High voltage capability — 200 V to 1000 V
High surge capability — up to 950 A
Glass-passivated chip
Compak SCR
Surface mount package — 1 A series
New small profile three-leaded Compak package
Packaged in embossed carrier tape with 2,500
devices per reel
Can replace SOT-223
E6
TO-92
*TO-218
TO-202
*TO-218X
3-lead
Compak
TO-252
D-Pak
TO-251
V-Pak
*TO-220
TO-263
D2Pak


Similar Part No. - S8008D

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
S8008D TECCOR-S8008D Datasheet
222Kb / 12P
   SCRs
logo
Littelfuse
S8008D LITTELFUSE-S8008D Datasheet
212Kb / 12P
   SCRs (1 A to 70 A)
S8008D LITTELFUSE-S8008D Datasheet
218Kb / 12P
   RoHS Compliant, Electrically-isolated package
logo
List of Unclassifed Man...
S8008D ETC2-S8008D Datasheet
218Kb / 12P
   RoHS Compliant
logo
Inchange Semiconductor ...
S8008D ISC-S8008D Datasheet
251Kb / 2P
   isc Thyristors
More results

Similar Description - S8008D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
   RoHs Compliant
logo
Assmann Electronics Inc...
V7236A1 ASSMANN-V7236A1 Datasheet
107Kb / 1P
   RoHS compliant
logo
List of Unclassifed Man...
S6006FS22 ETC2-S6006FS22 Datasheet
205Kb / 12P
   RoHS Compliant
logo
Pulse A Technitrol Comp...
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
   ROHS COMPLIANT
logo
International Rectifier
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
   RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
   RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
   RoHS compliant
logo
Pulse A Technitrol Comp...
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
   ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
   ROHS COMPLIANT
logo
Assmann Electronics Inc...
A-CCS-052-Z-T ASSMANN-A-CCS-052-Z-T Datasheet
303Kb / 1P
   RoHS compliant
logo
Everlight Electronics C...
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
   RoHS compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com