Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

42225-0130 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 42225-0130
Description  KK짰 254 Breakaway Header, Vertical, with Polarizing Wall, 25 Circuits, Tin (Sn) Plating. with Kinked PC Tails
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

42225-0130 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  42225-0130 Datasheet HTML 1Page - Molex Electronics Ltd. 42225-0130 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Voltage - Maximum
250V
Solder Process Data
Duration at Max. Process Temperature (seconds)
5
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
235
Material Info
Old Part Number
42225-0130
Reference - Drawing Numbers
Product Specification
PS-10-07
Sales Drawing
SD-42225-001
This document was generated on 07/09/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 42225-0130

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
42225-0130 MOLEX2-42225-0130 Datasheet
201Kb / 8P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, with Polarizing Wall, 25 Circuits, Tin (Sn) Plating. with Kinked PC Tails
More results

Similar Description - 42225-0130

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
22-28-3083 MOLEX11-22-28-3083 Datasheet
59Kb / 2P
   KK짰 254 Breakaway Header, Vertical, with Polarizing Wall, 8 Circuits, Tin (Sn) Plating. with Kinked PC Tails
22-28-3133 MOLEX11-22-28-3133 Datasheet
59Kb / 2P
   KK짰 254 Breakaway Header, Vertical, with Polarizing Wall, 13 Circuits, Tin (Sn) Plating. with Kinked PC Tails
22-28-3073 MOLEX11-22-28-3073 Datasheet
59Kb / 2P
   KK짰 254 Breakaway Header, Vertical, with Polarizing Wall, 7 Circuits, Tin (Sn) Plating. with Kinked PC Tails
22-28-3303 MOLEX11-22-28-3303 Datasheet
59Kb / 2P
   KK짰 254 Breakaway Header, Vertical, with Polarizing Wall, 30 Circuits, Tin (Sn) Plating. with Kinked PC Tails
22-28-3213 MOLEX11-22-28-3213 Datasheet
59Kb / 2P
   KK짰 254 Breakaway Header, Vertical, with Polarizing Wall, 21 Circuits, Tin (Sn) Plating. with Kinked PC Tails
22-28-3063 MOLEX11-22-28-3063 Datasheet
59Kb / 2P
   KK짰 254 Breakaway Header, Vertical, with Polarizing Wall, 6 Circuits, Tin (Sn) Plating. with Kinked PC Tails
22-28-3163 MOLEX11-22-28-3163 Datasheet
59Kb / 2P
   KK짰 254 Breakaway Header, Vertical, with Polarizing Wall, 16 Circuits, Tin (Sn) Plating. with Kinked PC Tails
22-28-3183 MOLEX11-22-28-3183 Datasheet
59Kb / 2P
   KK짰 254 Breakaway Header, Vertical, with Polarizing Wall, 18 Circuits, Tin (Sn) Plating. with Kinked PC Tails
22-28-3203 MOLEX11-22-28-3203 Datasheet
59Kb / 2P
   KK짰 254 Breakaway Header, Vertical, with Polarizing Wall, 20 Circuits, Tin (Sn) Plating. with Kinked PC Tails
22-28-3263 MOLEX11-22-28-3263 Datasheet
59Kb / 2P
   KK짰 254 Breakaway Header, Vertical, with Polarizing Wall, 26 Circuits, Tin (Sn) Plating. with Kinked PC Tails
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com