Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECJ3YB0J475 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ECJ3YB0J475
Description  Multilayer Ceramic Capacitors(High Capacitance)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECJ3YB0J475 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ECJ3YB0J475 Datasheet HTML 1Page - Panasonic Semiconductor ECJ3YB0J475 Datasheet HTML 2Page - Panasonic Semiconductor ECJ3YB0J475 Datasheet HTML 3Page - Panasonic Semiconductor ECJ3YB0J475 Datasheet HTML 4Page - Panasonic Semiconductor ECJ3YB0J475 Datasheet HTML 5Page - Panasonic Semiconductor ECJ3YB0J475 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
– EC5 –
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Multilayer Ceramic Capacitors(High Capacitance)
Item
Specification
Test Method
Resistance
to Soldering
Heat
Appearance : No mechanical damage
Capacitance change :
Temp. Char. B, X7R, X5R : within ±7.5 %
F, Y5V : within ±20 %
tan
δ : Initial standard value
IR : Initial standard value
Withstand voltage : No dielectric breakdown or damage
Soldering bath method
Preconditioning : Heat treatment
(
✽1)
Solder temperature : 270±5 °C
Dipping period : 3.0±0.5 s
Preheat condition :
Order Temp. (°C) Size 0805 max. Size 1206
1
80 to 100
120 to 180s 300 to 360s
2
150 to 200
120 to 180s 300 to 360s
Recovery (Standard condition) : 48±4 h
Solderability
More than 95 % of the soldered area of both terminal
electrodes shall be covered with fresh solder.
Soldering bath method
Solder temperature : 230±5 °C
Dipping period : 4±1 s
Solder : H63A (JIS–Z–3282)
Temperature
Cycle
Appearance : No mechanical damage
Capacitance change :
Temp. Char. B, X7R, X5R : within ±7.5 %
F, Y5V : within ±20 %
tan
δ : Initial standard value
IR : Initial standard value
Withstand voltage : No dielectric breakdown and/or damage
Preconditioning : Heat treatment
(
✽1)
Step 1: Minimum operating temp. 30±3 min
Step 2: Room temp. 3 min max.
Step 3: Maximum operating temp. 30±3 min
Step 4: Room temp. 3 min max.
Number of cycles : 5 cycles
Recovery(Standard condition) : 48±4 h
Damp Heat
(steady state)
Appearance : No mechanical damage
Capacitance change :
Temp. Char. B, X7R, X5R : within ±20 %
F, Y5V : within ±30 %
tan
δ : Temp. Char. B, X7R, X5R : 0.25 max.
F, Y5V : 0.3 max.
IR : 50/C (M ) min.
Note : 10/C (M ) min. for rated vol. DC 10 V max.
C:Nominal cap. in µF
Please see the technical specifications for details.
Preconditioning : Heat treatment
(
✽1)
Temperature : 40±2 °C
Relative humidity : 90 to 95 %
Test period : 500+24/0 h
Recovery(Standard condition) : 48±4 h
Damp Heat
Load
Appearance : No mechanical damage
Capacitance change :
Temp. Char. B, X7R, X5R : within ±20 %
F, Y5V : within ±30 %
tan
δ : Temp. Char. B, X7R, X5R : 0.25 max.
F, Y5V : 0.3 max.
IR : 25/C (M ) min.
Note : 5/C (M ) min. for rated vol. DC 10 V max.
C:Nominal cap. in µF
Please see the technical specifications for details.
Preconditioning : Voltage treatment
(
✽2)
Temperature : 40±2 °C
Relative humidity : 90 to 95 %
Applied voltage : Rated voltage
Charge/discharge current : 50 mA max.
Test period : 500+24/0 h
Recovery(Standard condition) : 48±4 h
High
Temperature
Load
Appearance : no mechanical damage
Capacitance change :
Temp. Char. B, X7R, X5R : within ±20 %
F, Y5V : within ±30 %
tan
δ : Temp. Char. B, X7R, X5R : 0.25 max.
F, Y5V : 0.3 max.
IR : 50/C (M ) min.
Note : 10/C (M ) min. for rated vol. DC 10 V max.
C:Nominal cap. in µF
Please see the technical specifications for details.
Preconditioning : Voltage treatment
(
✽2)
Temperature : Maximum operation temp. ±3 °C
Applied voltage : (1)Rated voltage 200 %
(2)Rated voltage 150 %
(3)Rated voltage 100 %
Please see the technical specifications
for details.
Charge/discharge current : 50 mA max.
Test period : 1000+48/0 h
Recovery (Standard condition) : 48±4 h
(
✽1) Heat treatment : 1 h of heat treatment at 150+0/–10 °C followed by 48±4 h recovery under standard conditions.
(
✽2) Voltage treatment : 1 h of voltage treatment under the specified temperature and voltage for testing followed by 48±4 h of recovery under
standard conditions.
02 Dec. 2008


Similar Part No. - ECJ3YB0J475

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECJ3YB0J475 PANASONIC-ECJ3YB0J475 Datasheet
313Kb / 6P
   Multilayer Ceramic Capacitors High Capacitance
ECJ3YB0J475 PANASONIC-ECJ3YB0J475 Datasheet
677Kb / 6P
   Multilayer Ceramic Capacitors
ECJ3YB0J475 PANASONIC-ECJ3YB0J475 Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance)
ECJ3YB0J475 PANASONIC-ECJ3YB0J475 Datasheet
677Kb / 6P
   Multilayer Ceramic Chip Capacitors (High Capacitance)
ECJ3YB0J475 PANASONIC-ECJ3YB0J475 Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors (High Capacitance)
More results

Similar Description - ECJ3YB0J475

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECJ-3YB0J226M PANASONIC-ECJ-3YB0J226M Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors (High Capacitance)
ECJ-3FB1E474K PANASONIC-ECJ-3FB1E474K Datasheet
321Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance)
ECJ-0EB0J225M PANASONIC-ECJ-0EB0J225M Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance)
ECJ-2FB0J106M PANASONIC-ECJ-2FB0J106M Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors (High Capacitance)
ECJ-1VB0J475K PANASONIC-ECJ-1VB0J475K Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance)
ECJ-1VB0J225K PANASONIC-ECJ-1VB0J225K Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance)
ECJ-2YF1A475Z PANASONIC-ECJ-2YF1A475Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors (High Capacitance)
ECJ-2YB1H104K PANASONIC-ECJ-2YB1H104K Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors (High Capacitance)
ECJ-1VB1A106M PANASONIC-ECJ-1VB1A106M Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance)
ECJ-3YF1E225Z PANASONIC-ECJ-3YF1E225Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors (High Capacitance)
ECJ-2FB1E105K PANASONIC-ECJ-2FB1E105K Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com