Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT45DB161E-SHD-T Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AT45DB161E-SHD-T
Description  16-Mbit DataFlash (with Extra 512-Kbits), 2.3V or 2.5V Minimum SPI Serial Flash Memory
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB161E-SHD-T Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AT45DB161E-SHD-T Datasheet HTML 1Page - List of Unclassifed Manufacturers AT45DB161E-SHD-T Datasheet HTML 2Page - List of Unclassifed Manufacturers AT45DB161E-SHD-T Datasheet HTML 3Page - List of Unclassifed Manufacturers AT45DB161E-SHD-T Datasheet HTML 4Page - List of Unclassifed Manufacturers AT45DB161E-SHD-T Datasheet HTML 5Page - List of Unclassifed Manufacturers AT45DB161E-SHD-T Datasheet HTML 6Page - List of Unclassifed Manufacturers AT45DB161E-SHD-T Datasheet HTML 7Page - List of Unclassifed Manufacturers AT45DB161E-SHD-T Datasheet HTML 8Page - List of Unclassifed Manufacturers AT45DB161E-SHD-T Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 73 page
background image
5
AT45DB161E
8782G–DFLASH–10/2013
3.
Memory Array
To provide optimal flexibility, the AT45DB161E memory array is divided into three levels of granularity comprising of
sectors, blocks, and pages. Figure 3-1, Memory Architecture Diagram illustrates the breakdown of each level and details
the number of pages per sector and block. Program operations to the DataFlash can be done at the full page level or at
the byte level (a variable number of bytes). The erase operations can be performed at the chip, sector, block, or page
level.
Figure 3-1. Memory Architecture Diagram
Sector 0a = 8 pages
4,096/4,224 bytes
Sector 0b = 248 pages
126,976/130,944 bytes
Block = 4,096/4,224 bytes
8 Pages
Sector 0a
Page = 512/528 bytes
Page 0
Page 1
Page 6
Page 7
Page 8
Page 9
Page 4,094
Page 4,095
Page 14
Page 15
Page 16
Page 17
Page 18
Sector Architecture
Block Architecture
Page Architecture
Block 0
Block 1
Block 30
Block 31
Block 32
Block 33
Block 510
Block 511
Block 62
Block 63
Block 64
Block 65
Sector 15 = 256 pages
131,072/135,168 bytes
Block 2
Sector 1 = 256 pages
131,072 /135,168 bytes
Sector 14 = 256 pages
131,072/135,168 bytes
Sector 2 = 256 pages
131,072/135,168 bytes


Similar Part No. - AT45DB161E-SHD-T

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
AT45DB161E-SHD-T DIALOG-AT45DB161E-SHD-T Datasheet
1Mb / 80P
   16-Mbit DataFlash (with Extra 512-kbits) 2.3 V or 2.5 V Minimum SPI Serial Flash Memory
More results

Similar Description - AT45DB161E-SHD-T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB161E ATMEL-AT45DB161E Datasheet
2Mb / 70P
   16-Mbits DataFlash (with Extra 512-Kbits), 2.3V or 2.5V Minimum SPI Serial Flash Memory
logo
List of Unclassifed Man...
AT45DQ161 ETC2-AT45DQ161_14 Datasheet
2Mb / 82P
   16-Mbit DataFlash (with Extra 512-Kbits), 2.3V or 2.5V Minimum
logo
Renesas Technology Corp
AT45DB161E RENESAS-AT45DB161E Datasheet
2Mb / 77P
   16-Mbit DataFlash (with Extra 512-kbits) 2.3 V or 2.5 V Minimum SPI Serial Flash Memory
1/27/23
logo
Dialog Semiconductor
AT45DB161E DIALOG-AT45DB161E Datasheet
1Mb / 80P
   16-Mbit DataFlash (with Extra 512-kbits) 2.3 V or 2.5 V Minimum SPI Serial Flash Memory
logo
List of Unclassifed Man...
AT45DQ161 ETC2-AT45DQ161 Datasheet
2Mb / 81P
   16-Mbit DataFlash (with Extra 512-Kbits), 2.3V or 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
AT45DB041E ETC2-AT45DB041E_14 Datasheet
2Mb / 71P
   4-Mbit DataFlash (with Extra 128-Kbits), 1.65V Minimum SPI Serial Flash Memory
AT45DB041E ETC2-AT45DB041E Datasheet
2Mb / 71P
   4-Mbit DataFlash (with Extra 128-Kbits), 1.65V Minimum SPI Serial Flash Memory
AT45DB321E ETC2-AT45DB321E_13 Datasheet
2Mb / 73P
   32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory
logo
Renesas Technology Corp
AT45DB321E RENESAS-AT45DB321E Datasheet
2Mb / 69P
   32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory
2/2022
logo
Dialog Semiconductor
AT45DB321E DIALOG-AT45DB321E Datasheet
1Mb / 70P
   32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com