Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECWH12333 Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # ECWH12333
Description  Metallized Polypropylene Film Capacitor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWH12333 Datasheet(HTML) 6 Page - Panasonic Semiconductor

Back Button ECWH12333 Datasheet HTML 2Page - Panasonic Semiconductor ECWH12333 Datasheet HTML 3Page - Panasonic Semiconductor ECWH12333 Datasheet HTML 4Page - Panasonic Semiconductor ECWH12333 Datasheet HTML 5Page - Panasonic Semiconductor ECWH12333 Datasheet HTML 6Page - Panasonic Semiconductor ECWH12333 Datasheet HTML 7Page - Panasonic Semiconductor ECWH12333 Datasheet HTML 8Page - Panasonic Semiconductor ECWH12333 Datasheet HTML 9Page - Panasonic Semiconductor ECWH12333 Datasheet HTML 10Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
−FC66−
Plastic Film Capacitors
■Rating & Dimensions
●Rated voltage : 2000 VDC Capacitance tolerance : ±3 %(H), ±5 %(J)
Suffix for lead crimped
Cap. tol. code
ød
ECWH20102
□V()
0.0010
18.0
6.5
13.5
18.5
15.0
10.0
0.80
ECWH20112
□V(
)
0.0011
18.0
6.5
13.5
18.5
15.0
10.0
0.80
ECWH20122
□V(
)
0.0012
18.0
7.0
13.5
18.5
15.0
10.0
0.80
ECWH20132
□V(
)
0.0013
18.0
7.0
14.0
19.0
15.0
10.0
0.80
ECWH20152
□V(
)
0.0015
18.0
7.5
14.0
19.0
15.0
10.0
0.80
ECWH20162
□V(
)
0.0016
18.0
7.5
14.5
19.5
15.0
10.0
0.80
ECWH20182
□V(
)
0.0018
18.0
8.0
14.5
19.5
15.0
10.0
0.80
ECWH20202
□V(
)
0.0020
18.0
8.0
15.0
20.0
15.0
10.0
0.80
ECWH20222
□V(
)
0.0022
18.0
8.5
15.0
20.0
15.0
10.0
0.80
ECWH20242
□V(
)
0.0024
18.0
8.5
15.5
20.5
15.0
10.0
0.80
ECWH20272
□V(
)
0.0027
18.0
9.0
16.0
21.0
15.0
10.0
0.80
ECWH20302
□V(
)
0.0030
18.0
9.5
16.0
21.0
15.0
10.0
0.80
ECWH20332
□V(
)
0.0033
18.0
8.5
15.5
20.5
15.0
10.0
0.80
ECWH20362
□V(
)
0.0036
18.0
9.0
15.5
20.5
15.0
10.0
0.80
ECWH20392
□V(
)
0.0039
18.0
9.0
16.0
21.0
15.0
10.0
0.80
ECWH20432
□V(
)
0.0043
18.0
9.5
16.0
21.0
15.0
10.0
0.80
ECWH20472
□V(
)
0.0047
23.0
7.0
15.5
20.5
20.0
15.0
0.80
ECWH20512
□V(
)
0.0051
23.0
7.5
16.0
21.0
20.0
15.0
0.80
ECWH20562
□V(
)
0.0056
23.0
7.5
16.0
21.0
20.0
15.0
0.80
ECWH20622
□V(
)
0.0062
23.0
8.0
16.5
21.5
20.0
15.0
0.80
ECWH20682
□V(
)
0.0068
23.0
8.5
16.5
21.5
20.0
15.0
0.80
ECWH20752
□V(
)
0.0075
23.0
9.5
18.0
23.0
20.0
15.0
0.80
ECWH20822
□V(
)
0.0082
23.0
10.0
18.0
23.0
20.0
15.0
0.80
ECWH20912
□V(
)
0.0091
23.0
10.0
19.0
24.0
20.0
15.0
0.80
ECWH20103
□V(
)
0.010
23.0
10.5
19.5
24.5
20.0
15.0
0.80
ECWH20113
□V(
)
0.011
23.0
11.0
20.0
25.0
20.0
15.0
0.80
ECWH20123
□V(
)
0.012
23.0
11.5
20.5
25.5
20.0
15.0
0.80
ECWH20133
□V(
)
0.013
23.0
12.0
21.0
26.0
20.0
15.0
0.80
ECWH20153
□V(
)
0.015
23.0
12.0
21.5
26.5
20.0
15.0
0.80
Part No.
Dimensions
400
500
400
300
L max
T max
500
500
300
400
300
H max.
Straight Crimped lead Straight
F
Crimped lead
S
Cap.
(µF)
Min. order Q'ty
Taping
7.5 mm
Bulk
p Œ ¯ ¶
‚ /P53-76
12.11.14 20:52
y [ W
66


Similar Part No. - ECWH12333

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECWH12333 PANASONIC-ECWH12333 Datasheet
214Kb / 14P
   Plastic Film Capacitors
ECWH12333MV PANASONIC-ECWH12333MV Datasheet
98Kb / 7P
   Metallized Polypropylene Film Capacitor
ECWH12333V PANASONIC-ECWH12333V Datasheet
207Kb / 14P
   Metallized Polypropylene Film Capaitor
ECWH12333V PANASONIC-ECWH12333V Datasheet
214Kb / 14P
   Designed for high frequency and pluse applications.
More results

Similar Description - ECWH12333

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1845 VISHAY-MKP1845 Datasheet
210Kb / 5P
   Metallized Polypropylene Film Capacitor
Revision: 04-Jul-05
logo
Panasonic Semiconductor
ECW-F4105JL PANASONIC-ECW-F4105JL Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
ECW-H12362JV PANASONIC-ECW-H12362JV Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
ECQUAAF474M PANASONIC-ECQUAAF474M Datasheet
164Kb / 2P
   Metallized Polypropylene Film Capacitor
logo
Vishay Siliconix
MKP1837410011 VISHAY-MKP1837410011 Datasheet
155Kb / 3P
   Metallized Polypropylene Film Capacitor
Revision: 23-Jun-05
logo
Panasonic Semiconductor
ECWF4223MLL PANASONIC-ECWF4223MLL Datasheet
110Kb / 5P
   Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
C4BSPBX3470ZAFJ KEMET-C4BSPBX3470ZAFJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
C4BSPBX4200ZBMJ KEMET-C4BSPBX4200ZBMJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
R46KI333000P2M KEMET-R46KI333000P2M Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene
R474W422050A1K KEMET-R474W422050A1K Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene
C4BSNBX4150ZBJJ KEMET-C4BSNBX4150ZBJJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com