Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFB0412LD Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EFB0412LD
Description  Bearing Type Ball Bearings
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EFB0412LD Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EFB0412LD Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Rated
Input
Power
40 x 40 x 20 MM SERIES
EFB
DIMENSIONS DRAWING
MOUNTING PANEL CUTOUT
Bearing Type
Ball Bearings
Material
Impeller & Frame : Plastic (UL 94V-0)
Lead Wires :
UL 1007 AWG #24 Or Equivalent
Red Wire Positive (+)
Black Wire Negative (-)
Weight : 33g (1.16 oz)
*
*
*
*
* Function type is optional.
* The max. air flow and the speed are measured in free air ; max. air pressure is measured at zero air flow.
* Noise is measured in anechoic chamber in free air, one meter from intake side.
* All readings are typical values at rated voltage.
* Specifications are subject to change without notice.
Operating
Voltage
Range
MODEL
Rated
Voltage
Maximum
Air Flow
Rated
Current
Speed
Maximum
Air Pressure
Noise
FUNCTION
VDC
VDC
Amp
Watt
R.P.M.
3
m /min
CFM
mmH2O
IN H2O
dB-A
EFB0405LD
54
12
7
24
14
-R00 / -F00
.5 to 5.5
0.10
0.50
5000
0.157
5.54
3.45
0.136
22.0
EFB0412LD
-R00 / -F00
.0 to 13.8
0.05
0.60
EFB0424LD
-R00 / -F00
.0 to 27.6
0.04
0.96
EFB0405MD
-R00 / -F00
5
4.5 to 5.5
0.15
0.75
6300
0.203
7.17
5.54
0.218
24.0
EFB0412MD
-R00 / -F00
12
7.0 to 13.8
0.06
0.72
EFB0424MD
-R00 / -F00
24
14.0 to 27.6
0.05
1.20
EFB0405HD
-R00 / -F00
5
4.5 to 5.5
0.25
1.25
7600
0.242
8.54
7.69
0.303
28.5
EFB0412HD
-R00 / -F00
12
7.0 to 13.8
0.08
0.96
EFB0424HD
-R00 / -F00
24
14.0 to 27.6
0.06
1.44
EFB0405HHD -R00 / -F00
5
4.5 to 5.5
0.30
1.50
8200
0.267
9.43
9.00
0.354
30.5
EFB0412HHD -R00 / -F00
12
7.0 to 13.8
0.10
1.20
EFB0424HHD -R00 / -F00
24
14.0 to 27.6
0.07
1.68
EFB0405VHD -R00 / -F00
5
4.5 to 5.5
0.32
1.60
9000
0.286
10.10
10.57
0.416
32.5
EFB0412VHD -R00 / -F00
12
7.0 to 13.8
0.12
1.44
EFB0424VHD -R00 / -F00
24
14.0 to 27.6
0.09
2.16
(12.992 0.394)
330.0 10.0
(0.394)
10.0
(4- 0.138 0.008)
4- 3.5 0.2
(0.787 0.020)
20.0 0.5
(0.118 0.012)
3.0 0.3
(0.118 0.012)
3.0 0.3
(1.260 0.012)
(1.575 0.020)
40.0 0.5
32.0 0.3
LABEL
UNIT:
(INCH)
mm
(1.480)
37.6
(1.260)
32.0
32.0
(1.260)
37.6
(1.480)
(4- 0.138)
(4- 0.138)
4- 3.5
4- 3.5
P & Q CURVE (AT RATED VOLTAGE)
26
Rib Type Only
*
0
0.08
0.16
0.24
0.32
0.40
0.48
(CFM)
12.8
9.6
6.4
3.2
0
Air Flow
3
(M /MIN)
EFB0405/12/24XD
0
.08
.16
.32
.24
.40
12.0
10.0
8.0
4.0
2.0
0
6.0
VH
HH
H
M
L
mm
(INCH)
UNIT:
OUTLET SIDE
INLET SIDE
http://www.deltaww.com
PART NO.


Similar Part No. - EFB0412LD

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
EFB0412LD DELTA-EFB0412LD Datasheet
480Kb / 2P
   Bearing Type Ball Bearings
EFB0412LD-R00 DELTA-EFB0412LD-R00 Datasheet
788Kb / 9P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
More results

Similar Description - EFB0412LD

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
FTA DELTA-FTA Datasheet
356Kb / 1P
   Bearing Type Ball Bearings
GFB DELTA-GFB Datasheet
297Kb / 1P
   Bearing Type Ball Bearings
EFB DELTA-EFB Datasheet
480Kb / 2P
   Bearing Type Ball Bearings
FTA0102AA DELTA-FTA0102AA Datasheet
303Kb / 1P
   Bearing Type Ball Bearings
logo
AEL Crystals Ltd
FFB0812SH AEL-FFB0812SH Datasheet
142Kb / 1P
   Bearing Type Ball Bearings
logo
Delta Electronics, Inc.
AFB0912L DELTA-AFB0912L_V01 Datasheet
615Kb / 2P
   Bearing Type Ball Bearings
logo
Kepont Electronics, Inc...
KEST-482BW KEPONT-KEST-482BW Datasheet
188Kb / 1P
   Ball Bearing
KEST-481BT KEPONT-KEST-481BT Datasheet
188Kb / 1P
   Ball Bearing
KEST-482BT KEPONT-KEST-482BT Datasheet
188Kb / 1P
   Ball Bearing
logo
ebm-papst
6318H EBMPAPST-6318H Datasheet
111Kb / 1P
   Ball bearing
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com