Electronic Components Datasheet Search |
|
KBU8A Datasheet(PDF) 1 Page - Vishay Siliconix |
|
KBU8A Datasheet(HTML) 1 Page - Vishay Siliconix |
1 / 4 page KBU8A, KBU8B, KBU8D, KBU8G, KBU8J, KBU8K, KBU8M www.vishay.com Vishay General Semiconductor Revision: 14-May-14 1 Document Number: 88658 For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Single-Phase Bridge Rectifier FEATURES • UL recognition, file number E54214 • Ideal for printed circuit boards • High surge current capability • High case dielectric strength of 1500 VRMS • Solder dip 275 °C max. 10 s, per JESD 22-B106 • Material categorization: for definitions of compliance please see www.vishay.com/doc?99912 TYPICAL APPLICATIONS General purpose use in AC/DC bridge full wave rectification for monitor, TV, printer, SMPS, adapter, audio equipment, and home appliances applications. MECHANICAL DATA Case: KBU Molding compound meets UL 94 V-0 flammability rating Base P/N-E4 - RoHS-compliant, commercial grade Terminals: Silver plated leads, solderable per J-STD-002 and JESD22-B102 Polarity: As marked on body Mounting Torque: 10 cm-kg (8.8 inches-lbs) max. Recommended Torque: 5.7 cm-kg (5 inches-lbs) Notes (1) Recommended mounting position is to bolt down on heatsink with silicone thermal compound for maximum heat transfer with #6 screw (2) Units mounted in free air, no heatsink, PCB at 0.375" (9.5 mm) lead length with 0.5" x 0.5" (12 mm x 12 mm) copper pads (3) Units mounted on a 3.0" x 3.0" x 0.11" thick (7.5 cm x 7.5 cm x 0.3 cm) aluminum plate heatsink PRIMARY CHARACTERISTICS Package KBU IF(AV) 8 A VRRM 50 V, 100 V, 200 V, 400 V, 600 V, 800 V, 1000 V IFSM 300 A IR 10 μA VF at IF = 8 A 1.0 V TJ max. 150 °C Diode variations In-Line Case Style KBU ~ ~ ~ ~ e4 MAXIMUM RATINGS (TA = 25 °C unless otherwise noted) PARAMETER SYMBOL KBU8A KBU8B KBU8D KBU8G KBU8J KBU8K KBU8M UNIT Maximum repetitive peak reverse voltage VRRM 50 100 200 400 600 800 1000 V Maximum RMS voltage VRMS 35 70 140 280 420 560 700 V Maximum DC blocking voltage VDC 50 100 200 400 600 800 1000 V Maximum average forward rectified output current at TC = 100 °C (1)(3) IF(AV) 8.0 A TA = 40 °C (2) 6.0 Peak forward surge current single sine-wave superimposed on rated load IFSM 300 A Operating junction and storage temperature range TJ, TSTG - 50 to + 150 °C ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted) PARAMETER TEST CONDITIONS SYMBOL KBU8A KBU8B KBU8D KBU8G KBU8J KBU8K KBU8M UNIT Maximum instantaneous forward drop per diode IF = 8.0 A VF 1.0 V Maximum DC reverse current at rated DC blocking voltage per diode TA = 25 °C IR 10 μA TA = 125 °C 1.0 mA |
Similar Part No. - KBU8A |
|
Similar Description - KBU8A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |