Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBU8A Datasheet(PDF) 3 Page - Vishay Siliconix

Part # KBU8A
Description  Single-Phase Bridge Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

KBU8A Datasheet(HTML) 3 Page - Vishay Siliconix

  KBU8A Datasheet HTML 1Page - Vishay Siliconix KBU8A Datasheet HTML 2Page - Vishay Siliconix KBU8A Datasheet HTML 3Page - Vishay Siliconix KBU8A Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
KBU8A, KBU8B, KBU8D, KBU8G, KBU8J, KBU8K, KBU8M
www.vishay.com
Vishay General Semiconductor
Revision: 14-May-14
3
Document Number: 88658
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 5 - Typical Junction Capacitance Per Diode
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
1
10
100
10
100
1000
Reverse Voltage (V)
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mV
p-p
0.160 (4.1)
0.065 (1.7)
0.185 (4.7)
0.895 (22.7)
0.935 (23.7)
0.140 (3.6)
0.165 (4.2)
0.085 (2.2)
0.240 (6.09)
0.200 (5.08)
0.220 (5.6)
0.180 (4.6)
0.075 (1.9) R TYP. (2 Places)
45°
0.205 (5.2)
0.185 (4.7)
0.052 (1.3)
0.048 (1.2)
0.280 (7.1)
0.260 (6.6)
DIA.
0.760
(19.3)
MAX.
0.700
(17.8)
0.660
(16.8)
1.0
(25.4)
MIN.
0.455 (11.3)
0.405 (10.3)
Case Style KBU


Similar Part No. - KBU8A

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
KBU8A SUNMATE-KBU8A Datasheet
410Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
Pan Jit International I...
KBU8A PANJIT-KBU8A Datasheet
55Kb / 2P
   SILICON SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 8.0 Amperes)
logo
Galaxy Semi-Conductor H...
KBU8A BILIN-KBU8A Datasheet
107Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Yea Shin Technology Co....
KBU8A YEASHIN-KBU8A Datasheet
512Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Galaxy Semi-Conductor H...
KBU8A BILIN-KBU8A Datasheet
145Kb / 3P
   Silicon Bridge Rectifiers
More results

Similar Description - KBU8A

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
General Semiconductor
KBU4A GE-KBU4A Datasheet
83Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
IXYS Corporation
VBO25 IXYS-VBO25 Datasheet
87Kb / 2P
   Single Phase Rectifier Bridge
VBO55 IXYS-VBO55 Datasheet
57Kb / 1P
   Single Phase Rectifier Bridge
VBO13 IXYS-VBO13 Datasheet
84Kb / 2P
   Single Phase Rectifier Bridge
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436 Datasheet
111Kb / 3P
   Single Phase Bridge Rectifier
logo
Shenzhen Ping Sheng Ele...
W005M PFS-W005M Datasheet
222Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
BR1005 PFS-BR1005 Datasheet
228Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
MB1505 PFS-MB1505 Datasheet
223Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
KBPC8005 PFS-KBPC8005 Datasheet
227Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
KBPC2505N PFS-KBPC2505N Datasheet
271Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com