Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD139 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BD139
Description  NPN EPITAXIAL SILICON POWER TRANSISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BD139 Datasheet(HTML) 1 Page - Continental Device India Limited

  BD139 Datasheet HTML 1Page - Continental Device India Limited BD139 Datasheet HTML 2Page - Continental Device India Limited BD139 Datasheet HTML 3Page - Continental Device India Limited BD139 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NPN EPITAXIAL SILICON POWER TRANSISTORS
BD135 BD137
BD139
TO126
Plastic Package
Designed for use as Audio Amplifier and Drivers Utilizing
Complementary BD136, BD138, BD140
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
BD135
BD137
UNIT
Collector -Emitter Voltage
VCEO
45
60
V
Collector -Emitter Voltage (RBE=1kΩ
Ω)
VCER
45
60
V
Collector -Base Voltage
VCBO
45
60
V
Emitter Base Voltage
VEBO
5.0
V
Collector Current
IC
1.5
A
Collector Peak Current
ICM
2.0
A
Base Current
IB
0.5
A
Power Dissipation @ Ta=25ºC
PD
1.25
W
Derate above 25ºC
10
mW/ºC
Power Dissipation @ Tc=25ºC
PD
12.5
W
Derate above 25ºC
100
mW/ºC
Power Dissipation @ Tc=70ºC
PD
8.0
W
Operating And Storage Junction
Temperature Range
Tj, Tstg
- 55 to +150
ºC
THERMAL CHARACTERISTICS
Junction to Ambient in free air
Rth (j-a)
ºC/W
Junction to Case
Rth (j-c)
ºC/W
ELECTRICAL CHARACTERISTICS (Tc=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MAX
UNIT
Collector Emitter Sustaining Voltage
*VCEO (sus)
IC=30mA, IB=0
BD135
V
BD137
V
BD139
V
Collector Cut off Current
ICBO
VCB=30V, IE=0
0.1
µA
VCB=30V, IE=0,
Tc=125ºC
10
µA
Emitter Cut off Current
IEBO
VEB=5V, IC=0
10
µA
DC Current Gain
*hFE
IC=0.005A, VCE=2V
IC=0.15A, VCE=2V
250
IC=0.5A, VCE=2V
*Pulse test:- Pulse width=300
µµs, duty cycle=2%
100
10
MIN
45
60
80
BD139
80
100
100
25
40
25
B
C
E
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BD139

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BD139 MOTOROLA-BD139 Datasheet
100Kb / 4P
   Plastic Medium Power Silicon NPN Transistor
logo
Micro Commercial Compon...
BD139 MCC-BD139 Datasheet
357Kb / 3P
   Power Transistors NPN Silicon 45,60,80 Volts
logo
Jiangsu Changjiang Elec...
BD139 JIANGSU-BD139 Datasheet
1Mb / 4P
   TO-126 Plastic-Encapsulate Transistors
logo
NXP Semiconductors
BD139 PHILIPS-BD139 Datasheet
44Kb / 8P
   NPN power transistors
1999 Apr 12
logo
Inchange Semiconductor ...
BD139 ISC-BD139 Datasheet
131Kb / 3P
   Silicon NPN Power Transistors
More results

Similar Description - BD139

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
C44C8 CDIL-C44C8 Datasheet
101Kb / 3P
   NPN SILICON EPITAXIAL POWER TRANSISTORS
2N5191 CDIL-2N5191 Datasheet
136Kb / 4P
   NPN EPITAXIAL SILICON POWER TRANSISTORS
MJE13002 CDIL-MJE13002 Datasheet
153Kb / 4P
   NPN EPITAXIAL SILICON POWER TRANSISTORS
logo
Micro Commercial Compon...
2SC4097-P MCC-2SC4097-P Datasheet
221Kb / 3P
   NPN Silicon Epitaxial Transistors
logo
Jinan Jing Heng Electro...
TIP41C JINGHENG-TIP41C Datasheet
1Mb / 5P
   NPN Epitaxial Silicon Transistors
logo
Wing Shing Computer Com...
WMBTA42 WINGS-WMBTA42 Datasheet
73Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTORS
logo
Micro Commercial Compon...
2SC1623-L6 MCC-2SC1623-L6_11 Datasheet
340Kb / 4P
   NPN Silicon Epitaxial Transistors
2SC2873-O MCC-2SC2873-O Datasheet
299Kb / 4P
   NPN Silicon Epitaxial Transistors
2SC3279-L MCC-2SC3279-L Datasheet
266Kb / 3P
   NPN Silicon Epitaxial Transistors
KSD1616-Y MCC-KSD1616-Y Datasheet
233Kb / 2P
   NPN Silicon Epitaxial Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com