Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QT2032 Datasheet(PDF) 8 Page - Applied Micro Circuits Corporation

Part # QT2032
Description  10 Gb/s Serial-to-XAUI PHY ICs for Ethernet and Fibre Channel LAN/ SAN/WAN Applications (CDR)
Download  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

QT2032 Datasheet(HTML) 8 Page - Applied Micro Circuits Corporation

Back Button QT2032 Datasheet HTML 4Page - Applied Micro Circuits Corporation QT2032 Datasheet HTML 5Page - Applied Micro Circuits Corporation QT2032 Datasheet HTML 6Page - Applied Micro Circuits Corporation QT2032 Datasheet HTML 7Page - Applied Micro Circuits Corporation QT2032 Datasheet HTML 8Page - Applied Micro Circuits Corporation QT2032 Datasheet HTML 9Page - Applied Micro Circuits Corporation QT2032 Datasheet HTML 10Page - Applied Micro Circuits Corporation QT2032 Datasheet HTML 11Page - Applied Micro Circuits Corporation QT2032 Datasheet HTML 12Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 220 page
background image
8
AppliedMicro - Confidential & Proprietary
Revision 5.11
QT2022/32 - Data Sheet: DS3051
Features
Benefits
Selectable LAN or WAN 1 mode operation
Single module footprint to support LAN and WAN.
10GE, 10GFC and SONET 1 data rate support
Compliant with multiple protocols
Compliant to IEEE 802.3-2005 standard including WIS 1 , and
XENPAK and XFP MSAs
Industry standard operation
Selectable XAUI lane ordering
Flexible system card design
Selectable 10G I/O polarity
Accommodates polarity inversion
Adjustable XAUI and 10G output amplitude
Optimizes performance / power
9.6kB jumbo frame support
Supports all Ethernet frame sizes
3.3V tolerant I/O
Low speed I/O pins are compatible with 3.3V logic
Optional ability to configure registers from an external EEPROM
on powerup or reset
Modify default register settings to customize device operation.
Configurable polarity of low-speed CMOS I/O
Flexible interface logic
25MHz MDIO operation
Superior bus speed
1. QT2032 only
QT2032 WIS Features
WIS interface with extended SONET overhead processing
Maximum flexibility in network design
SONET overhead serial interface
SONET overhead insertion and extraction
Line-timing capability with optional VCXO interface
Support synchronous transport
Conditional (auto-linetiming) or forced line-timing operation
Flexible operation
VCXOONLY mode where the local SONET reference clock is
eliminated
Reduce system cost
SONET-compliant jitter performance
Compatible with SONET network timing requirements
Module Features
Integrated limiting amplifier with 20mVppD sensitivity
Eliminates need for external limiting amp
Internal LOS detector with option to use external LOS detector.
Increased flexibility to accommodate design constraints.
Support for dual rate module (10GE/10GFC)
Two reference clock inputs for 10.3 and 10.5Gb/s in a single module
Standard two-wire I2C interface to external EEPROM/DOM
devices
Reduced module cost
I2C interface supports clock stretching by an external device
Allows I2C operation with devices which use clock stretching for flow
control
Dedicated power-up reset pin
No large capacitor required on the reset pin to the connector
Two-byte I2C addressing capability to allow combined
EEPROM+DOM memory in a single device
Reduce number of devices on I2C bus
Configurable LASI interrupt input for fast response to externally
generated alarms
Meet sub-10ms response time.
Configure any register on powerup from EEPROM
Customization of module
System Card Features
XFI compliant 10G serial interface
XFP compliant
XFP module access through MDIO
Eliminates additional I2C bus to control XFP module
3 GPIOs, configurable as LED drivers with built-in Link and Tx/Rx
Activity modes
Easily drive faceplate LEDs with no additional firmware required
Provides divide-by-64 output clock reference to XFP module
Eliminates extra clock source on the board.
Ability to access internal registers via the I2C interface
Chip can be controlled entirely from I2C interface, eliminating need for
MDIO access.
Test and Diagnostics
Multiple loopback modes
Assists in system test and diagnostics
PRBS and jitter generators and checkers
Reduces need for expensive test equipment
JTAG interface for Boundary Scan
Standard design and manufacturing test and verification
AC BSCAN IEEE1149.6 on XAUI I/O
Standard design and manufacturing test and verification
‘Extended link monitoring' feature allowing far-end link status
monitoring
Link diagnostic capability
XAUI 8B/10B decoder error counters on each lane
Per-lane integrity checking, aids jitter tolerance testing
Ability to selectively turn-off any XAUI output
Full control of XAUI signal
PCS scrambler/descrambler bypass mode
Provides Test flexibility
Register bits which mirror the state of the low-speed CMOS
inputs
Software monitoring of low-speed hardware I/O
Frequency out-of-range (sync_err) indication
Diagnosis of clock rate errors


Similar Part No. - QT2032

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
QT20.241 PULS-QT20.241 Datasheet
932Kb / 27P
   THREE PHASE INPUT
QT20.241-C1 PULS-QT20.241-C1 Datasheet
932Kb / 27P
   THREE PHASE INPUT
QT20.361 PULS-QT20.361 Datasheet
728Kb / 23P
   THREE PHASE INPUT
QT20.481 PULS-QT20.481 Datasheet
658Kb / 23P
   THREE PHASE INPUT
More results

Similar Description - QT2032

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A2111 ETC1-A2111 Datasheet
112Kb / 2P
   10 Gigabit Ethernet LAN/WAN PHY
logo
Texas Instruments
TLK10021ZWQ TI1-TLK10021ZWQ Datasheet
658Kb / 2P
[Old version datasheet]   10 Gbps PHY Transceiver for LAN/MAN/SAN Applications
logo
Vitesse Semiconductor C...
VSC8486 VITESSE-VSC8486 Datasheet
485Kb / 2P
   10 Gbps XAUI or XGMII to XFI LAN/WAN Transceiver
logo
Allied Components Inter...
AT3973I ALLIED-AT3973I Datasheet
921Kb / 1P
   Ethernet based LAN, WAN and other networking applications
logo
Applied Micro Circuits ...
CS19233 AMCC-CS19233 Datasheet
94Kb / 2P
   10 G Ethernet/Fibre Channel/SONET/SDH Dual CDR
logo
Agilent(Hewlett-Packard...
HDMP-1636A HP-HDMP-1636A Datasheet
281Kb / 18P
   Gigabit Ethernet and Fibre Channel SerDes ICs
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-79EEPZ AVAGO-AFBR-79EEPZ Datasheet
697Kb / 20P
   40 Gb and 10 Gb Ethernet Applications
logo
Broadcom Corporation.
BCM8705LAKFBG BOARDCOM-BCM8705LAKFBG Datasheet
99Kb / 2P
   SERIAL 10-GBE/FIBRE CHANNEL TRANSCEIVER WITH WIS LAYER AND XAUI??INTERFACE
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-57L5AP AVAGO-HFBR-57L5AP Datasheet
460Kb / 18P
   Digital Diagnostic SFP 850 nm Transceiver for Fibre Channel 1.0625 Gb/s and Ethernet 1.25 Gb/s
logo
Vitesse Semiconductor C...
VSC8222 VITESSE-VSC8222 Datasheet
388Kb / 2P
   Multi-rate SONET/SDH, Fibre Channel, and Gigabit Ethernet CDR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com