Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QTLP650C-2 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # QTLP650C-2
Description  SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

QTLP650C-2 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  QTLP650C-2 Datasheet HTML 1Page - Fairchild Semiconductor QTLP650C-2 Datasheet HTML 2Page - Fairchild Semiconductor QTLP650C-2 Datasheet HTML 3Page - Fairchild Semiconductor QTLP650C-2 Datasheet HTML 4Page - Fairchild Semiconductor QTLP650C-2 Datasheet HTML 5Page - Fairchild Semiconductor QTLP650C-2 Datasheet HTML 6Page - Fairchild Semiconductor QTLP650C-2 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2/12/03
QTLP650C-2 / QTLP650D-2 HER
QTLP650C-3 / QTLP650D-3 Yellow
QTLP650C-4 / QTLP650D-4 Green
QTLP650C-7 / QTLP650D-7 AlGaAs Red
QTLP650C-B Blue
SURFACE MOUNT LED LAMP
STANDARD BRIGHT 1206
Page 2 of 7
© 2003 Fairchild Semiconductor Corporation
* Available only in QTLP650C
ABSOLUTE MAXIMUM RATINGS (TA =25°C Unless otherwise specified)
Parameter
Symbol
QTLP650C / QTLP650D
Units
-2
-3
-4
-7
-B*
Continuous Forward Current
IF
30
30
30
30
30
mA
Peak Forward Current
(f = 1.0 KHz, Duty Factor = 1/10)
IFM
160
160
160
180
100
mA
Reverse Voltage (IR = 10 µA)
VR
55555
V
Power Dissipation
PD
84
84
84
72
135
mW
Operating Temperature
TOPR
-40 to +85
°C
Storage Temperature
TSTG
-40 to +90
°C
Lead Soldering Time
TSOL
260 for 5 sec
°C
ELECTRICAL / OPTICAL CHARACTERISTICS (TA =25°C)
Part Number
Symbol
QTLP650C / QTLP650D
Condition
-2
-3
-4
-7
-B*
Luminous Intensity (mcd)
Minimum
IV
4 / 3
4 / 3
6 / 5
10 / 8
10 / -
IF = 20mA
Typical
10 / 8
10 / 8
10 / 8
20 / 15
20 / -
Forward Voltage (V)
Maximum
VF
2.8
2.8
2.8
2.4
4.5
IF = 20mA
Typical
2.0
2.0
2.1
1.9
3.8
Wavelength (nm)
Peak
λP
635
585
565
660
430
IF = 20mA
Dominant
λD
630
590
570
645
465
Spectral Line Half Width (nm)
∆λ
45
35
30
20
65
IF = 20mA
Viewing Angle (°)
2
Θ1/2
140 / 160
140 / 160
140 / 160
140 / 160
140 / -
IF = 20mA


Similar Part No. - QTLP650C-2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QTLP650C-2 FAIRCHILD-QTLP650C-2 Datasheet
401Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206
QTLP650C-2 FAIRCHILD-QTLP650C-2 Datasheet
403Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206
QTLP650C-2 FAIRCHILD-QTLP650C-2 Datasheet
407Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206
QTLP650C-2 FAIRCHILD-QTLP650C-2 Datasheet
407Kb / 7P
   SURFACE MOUNT LED LAMP
QTLP650C-23 FAIRCHILD-QTLP650C-23 Datasheet
83Kb / 6P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1210
More results

Similar Description - QTLP650C-2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QTLP650C-2 FAIRCHILD-QTLP650C-2 Datasheet
403Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206
QTLP650C FAIRCHILD-QTLP650C Datasheet
401Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206
QTLP650CBTR FAIRCHILD-QTLP650CBTR Datasheet
407Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206
QTLP652C FAIRCHILD-QTLP652C Datasheet
403Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206 (Reverse Mount)
QTLP651C FAIRCHILD-QTLP651C Datasheet
402Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206 Inner Lens
QTLP650C-Y FAIRCHILD-QTLP650C-Y Datasheet
160Kb / 8P
   SURFACE MOUNT LED LAMP SUPER BRIGHT 1206
QTLP653C7TR FAIRCHILD-QTLP653C7TR Datasheet
360Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206 (Reverse Mount with Inner Lens)
QTLP653C FAIRCHILD-QTLP653C Datasheet
354Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206 (Reverse Mount with Inner Lens)
QTLP652C-R FAIRCHILD-QTLP652C-R Datasheet
125Kb / 8P
   SURFACE MOUNT LED LAMP SUPER BRIGHT 1206 (Reverse Mount)
QTLP630C FAIRCHILD-QTLP630C Datasheet
111Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 0805
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com