Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QTLP600C-B Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # QTLP600C-B
Description  SURFACE MOUNT LED LAMP STANDARD BRIGHT 0603 (0.8 mm Height)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

QTLP600C-B Datasheet(HTML) 4 Page - Fairchild Semiconductor

  QTLP600C-B Datasheet HTML 1Page - Fairchild Semiconductor QTLP600C-B Datasheet HTML 2Page - Fairchild Semiconductor QTLP600C-B Datasheet HTML 3Page - Fairchild Semiconductor QTLP600C-B Datasheet HTML 4Page - Fairchild Semiconductor QTLP600C-B Datasheet HTML 5Page - Fairchild Semiconductor QTLP600C-B Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
9/3/03
QTLP600C-2 HER
QTLP600C-3 Yellow
QTLP600C-4 Green
QTLP600C-7 AlGaAs Red
QTLP600C-B Blue
SURFACE MOUNT LED LAMP
STANDARD BRIGHT 0603 (0.8 mm Height)
QTLP600C
Page 4 of 6
© 2003 Fairchild Semiconductor Corporation
RECOMMENDED PRINTED CIRCUIT BOARD PATTERN
RECOMMENDED IR REFLOW SOLDERING PROFILE
0.031 (0.80)
0.039 (1.00)
0.031 (0.80)
0.033 (0.85)
60 - 120 sec
Preheating
+5
° C/s MAX
-5
° C/s MAX
120 - 150
° C MAX
5 sec MAX
soldering time
240
° C MAX


Similar Part No. - QTLP600C-B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QTLP600C-B FAIRCHILD-QTLP600C-B Datasheet
78Kb / 6P
   STANDARD BRIGHT 0603 (0.8 mm Height)
QTLP600C-B FAIRCHILD-QTLP600C-B Datasheet
85Kb / 6P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 0603 (0.8 mm Height)
More results

Similar Description - QTLP600C-B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QTLP600C7TR FAIRCHILD-QTLP600C7TR Datasheet
85Kb / 6P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 0603 (0.8 mm Height)
QTLP600C-R FAIRCHILD-QTLP600C-R Datasheet
146Kb / 8P
   SURFACE MOUNT LED LAMP SUPER BRIGHT 0603 (0.8 mm Height)
QTLP601C FAIRCHILD-QTLP601C Datasheet
362Kb / 6P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 0603 (0.6 mm Height)
QTLP601CRTR FAIRCHILD-QTLP601CRTR Datasheet
368Kb / 6P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 0603 (0.6 mm Height)
QTLP600C-2 FAIRCHILD-QTLP600C-2 Datasheet
78Kb / 6P
   STANDARD BRIGHT 0603 (0.8 mm Height)
QTLP603C-EB FAIRCHILD-QTLP603C-EB Datasheet
470Kb / 6P
   SURFACE MOUNT LED LAMP 0603 (0.35 mm Height)
QTLP650D2TR FAIRCHILD-QTLP650D2TR Datasheet
407Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206
QTLP630C FAIRCHILD-QTLP630C Datasheet
111Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 0805
QTLP650C-23 FAIRCHILD-QTLP650C-23 Datasheet
83Kb / 6P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1210
QTLP650C-2 FAIRCHILD-QTLP650C-2 Datasheet
403Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com