Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

294008 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 294008
Description  0,8 DRC-B, F 4mm, 80 polig
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

294008 Datasheet(HTML) 1 Page - ERNI Electronics

  294008 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0,1 mm
Coplanarity Area of Termination
Anforderungsstufe 2
Performance Level 2
Kontaktbereich vergoldet
Mating Area gold plating
Anschlussbereich verzinnt 4-6 µm
Terminal Area 4-6 µm tin plating
Koplanarität der Anschlüsse
0,1 mm
Abspulrichtung -
Reel off Direction
330
150
56,5
Verpackt in Gurtverpackung
-
Tape on Reel Packaging
Verpackungseinheit: 840 Stück -
Packaging unit: 840 pcs
Leiterplatten-Layout Vorschlag für SMT
PCB-Layout Proposal for SMT
a1
0,8
39 x 0,8 = 31,2
-0,03
1,35
0,8
1
0,15
-0,03
0,55
1 ±0,03
33,2 ±0,03
0,9
4,2
a1
12
a40
a1
32,5
31,2
34,6
39 x 0,8 =
0,8
35,9
ohne Ansaughaube -
without hood
Ansaughaube
hood
-0,03
0,7
12,8
0,7 -0,03
33,2 ±0,03
A2
prior notice.
contact one of the ERNI companies
Date
Index
DRCB
0,8 DRC-B, F 4mm, 80 pin
0,8 DRC-B, F 4mm, 80 polig
294008
5:1
Information:
Tolerances
Scale
All Dimensions
I
www.ERNI.com
Designation
Class
in mm
before using.
Drawing will not be updated.
Subject to modification without
All rights reserved.
Only for Information.
To ensure that this is the latest
version of this drawing, please


Similar Part No. - 294008

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2940087 PHOENIX-2940087 Datasheet
121Kb / 5P
   EMG 10-REL/KSR-G 24/ 1-LC AU
More results

Similar Description - 294008

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
294002 ERNI-294002 Datasheet
85Kb / 1P
   0,8 DRC-B, F 4mm, 20 polig
294001 ERNI-294001 Datasheet
79Kb / 1P
   0,8 DRC-B, F 4mm, 16 polig
294004 ERNI-294004 Datasheet
93Kb / 1P
   0,8 DRC-B, F 4mm, 32 polig
294011 ERNI-294011 Datasheet
170Kb / 1P
   0,8 DRC-B, F 4mm, 140 polig
100502650001 ERNI-100502650001 Datasheet
135Kb / 1P
   0,8 DRC-B, F 4mm, 50 polig
100200100004 ERNI-100200100004 Datasheet
135Kb / 1P
   0,8 DRC-B, F 4mm, 50 polig
100403340001 ERNI-100403340001 Datasheet
135Kb / 1P
   0,8 DRC-B, F 4mm, 50 polig
294010 ERNI-294010 Datasheet
154Kb / 1P
   0,8 DRC-B, F 4mm, 120 polig
294000 ERNI-294000 Datasheet
77Kb / 1P
   0,8 DRC-B, F 4mm, 12 polig
294003 ERNI-294003 Datasheet
88Kb / 1P
   0,8 DRC-B, F 4mm, 26 polig
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com