Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DD171N12K Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # DD171N12K
Description  Netz-Dioden-Modul Rectifier Diode Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

DD171N12K Datasheet(HTML) 4 Page - Infineon Technologies AG

  DD171N12K Datasheet HTML 1Page - Infineon Technologies AG DD171N12K Datasheet HTML 2Page - Infineon Technologies AG DD171N12K Datasheet HTML 3Page - Infineon Technologies AG DD171N12K Datasheet HTML 4Page - Infineon Technologies AG DD171N12K Datasheet HTML 5Page - Infineon Technologies AG DD171N12K Datasheet HTML 6Page - Infineon Technologies AG DD171N12K Datasheet HTML 7Page - Infineon Technologies AG DD171N12K Datasheet HTML 8Page - Infineon Technologies AG DD171N12K Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
N
Netz-Dioden-Modul
Rectifier Diode Module
Datenblatt / Data sheet
DD171N
IFBIP D AEC / 2011-03-01, M.Stelte
A 13/11
4/9
Seite/page
R,T
– Werte
R,Tau-Glieder des Elements
Transienter Wärmewiderstand
Analytische Elemente des transienten Wärmewiderstandes Z thJC für DC
Analytical elements of transient thermal impedance Z thJC for DC
Pos. n
1
2
3
4
5
6
7
Rthn [°C/W]
0,0094
0,0224
0,0586
0,162
τ
n [s]
0,0014
0,0253
0,267
1,68
Analytische Funktion / Analytical function:
max
n
n=1
thn
thJC
n
– t
- e
1
R
Z
Transienter innerer Wärmewiderstand je Zweig / Transient thermal impedance per arm ZthJC = f(t)
Parameter: Stromflußwinkel
Θ / Current conduction angle Θ


Similar Part No. - DD171N12K

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
DD171N16K INFINEON-DD171N16K Datasheet
546Kb / 10P
   Netz-Dioden-Modul Rectifier Diode Module
2011-03-01 revision:3.0
More results

Similar Description - DD171N12K

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
DD261N22K INFINEON-DD261N22K Datasheet
261Kb / 11P
   Netz-Dioden-Modul Rectifier Diode Module
14.08.03 revision:2
DD540N22K INFINEON-DD540N22K Datasheet
228Kb / 11P
   Netz-Dioden-Modul Rectifier Diode Module
06.05.03 revision:1
DD390N22S INFINEON-DD390N22S Datasheet
472Kb / 10P
   Netz-Dioden-Modul Rectifier Diode Module
2022-06-27 Revision 3.3
DD171N16K INFINEON-DD171N16K Datasheet
546Kb / 10P
   Netz-Dioden-Modul Rectifier Diode Module
2011-03-01 revision:3.0
DD220N16S INFINEON-DD220N16S Datasheet
448Kb / 10P
   Netz-Dioden-Modul Rectifier Diode Module
2018-03-21 Revision 3.1
logo
eupec GmbH
DD285N EUPEC-DD285N Datasheet
241Kb / 10P
   Netz-Dioden-Modul Rectifier Diode Module
logo
Infineon Technologies A...
DD89N12K INFINEON-DD89N12K Datasheet
231Kb / 11P
   Netz-Dioden-Modul Rectifier Diode Module
29.04.03 revision:1
DD171N INFINEON-DD171N Datasheet
583Kb / 9P
   Netz-Dioden-Modul Rectifier Diode Module
2011-03-01 revision:3.0
DD104N INFINEON-DD104N Datasheet
231Kb / 10P
   Netz-Dioden-Modul Rectifier Diode Module
Ver 1 29.04.03
DD160N INFINEON-DD160N Datasheet
206Kb / 10P
   Netz-Dioden-Modul Rectifier Diode Module
2009-02-11 revision:1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com