Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP1205C868LF Datasheet(PDF) 9 Page - Semtech Corporation

Part # DP1205C868LF
Description  Combine Small Form Factor with High Performance
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

DP1205C868LF Datasheet(HTML) 9 Page - Semtech Corporation

Back Button DP1205C868LF Datasheet HTML 5Page - Semtech Corporation DP1205C868LF Datasheet HTML 6Page - Semtech Corporation DP1205C868LF Datasheet HTML 7Page - Semtech Corporation DP1205C868LF Datasheet HTML 8Page - Semtech Corporation DP1205C868LF Datasheet HTML 9Page - Semtech Corporation DP1205C868LF Datasheet HTML 10Page - Semtech Corporation DP1205C868LF Datasheet HTML 11Page - Semtech Corporation DP1205C868LF Datasheet HTML 12Page - Semtech Corporation DP1205C868LF Datasheet HTML 13Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
© Semtech 2006
www.semtech.com
9
DP1205
433/868/915 MHz RF Modules
7
OPERATING MODES
By default, the serial control interface is used for configuration. It is also possible to change between the four modes
(sleep, stand-by, receive, transmit) by using the two-bit signal SW(1:0). This option is enabled by setting the bit
MCParam_Select_mode to ‘1’ in the configuration register.
If MCParam_Select_mode is low, the modes are defined by the register through the SPI_CONFIG interface and SW(1:0)
may be used as an output to control, for example, an antenna switch.
MCParam_Select_mode
Bit 5, Address 0
SWITCH (pin)
SW(1:0)
MCParam_chip_mode
Bit 7-6, Address 0
0
Set in Output
sleep mode
-> SW(1:0) = ”00”
receiver mode
-> SW(1:0) = “01”
transmitter mode -> SW(1:0) = “10”
stand-by mode -> SW(1:0) = “00”
00 -> sleep mode
01 -> receive mode
10 -> transmit mode
11 -> stand-by mode
1
SW(1:0) = 00 -> sleep mode
SW(1:0) = 01 -> receive mode
SW(1:0) = 10 -> transmit mode
SW(1:0) = 11 -> stand-by mode
x
For more information about the modes of operation, please refer to the XE1205 Datasheet on the Semtech website
http://www.semtech.com .


Similar Part No. - DP1205C868LF

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
DP1200 SENSATA-DP1200 Datasheet
441Kb / 1P
   |DP1200
logo
Semtech Corporation
DP1203C4333 SEMTECH-DP1203C4333 Datasheet
295Kb / 13P
   868 and 915MHz Drop-In RF Transceiver Modules
DP1203F SEMTECH-DP1203F Datasheet
395Kb / 13P
   433/868/915 MHz RF Modules
More results

Similar Description - DP1205C868LF

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
PL904XXX MICREL-PL904XXX Datasheet
579Kb / 15P
   a small form-factor, high performance, programmable device
logo
TE Connectivity Ltd
408-32215 TEC-408-32215 Datasheet
277Kb / 4P
   Small Form-Factor Pluggable
logo
Dialog Semiconductor
SLG7NT4741 DIALOG-SLG7NT4741 Datasheet
270Kb / 10P
   Small Form Factor CRB
logo
Adam Technologies, Inc.
SFC-1-LP ADAM-TECH-SFC-1-LP Datasheet
85Kb / 1P
   SMALL FORM FACTOR CAGE
logo
TE Connectivity Ltd
408-32208 TEC-408-32208 Datasheet
407Kb / 4P
   Small Form-Factor Pluggable
408-32209 TEC-408-32209 Datasheet
388Kb / 4P
   Small Form-Factor Pluggable
logo
Renesas Technology Corp
SLG7NT4741V RENESAS-SLG7NT4741V Datasheet
573Kb / 10P
   Small Form Factor CRB
February 25, 2022
logo
TE Connectivity Ltd
408-32217 TEC-408-32217 Datasheet
319Kb / 4P
   Small Form-Factor Pluggable
408-32165 TEC-408-32165 Datasheet
286Kb / 4P
   Small Form-Factor Pluggable
408-32163 TEC-408-32163 Datasheet
409Kb / 4P
   Enhanced Small Form-Factor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com