Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DPG15I400PM Datasheet(PDF) 2 Page - IXYS Corporation

Part # DPG15I400PM
Description  High Performance Fast Recovery Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DPG15I400PM Datasheet(HTML) 2 Page - IXYS Corporation

  DPG15I400PM Datasheet HTML 1Page - IXYS Corporation DPG15I400PM Datasheet HTML 2Page - IXYS Corporation DPG15I400PM Datasheet HTML 3Page - IXYS Corporation DPG15I400PM Datasheet HTML 4Page - IXYS Corporation DPG15I400PM Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DPG15I400PM
ns
4
A
T
VJ =°C
reverse recovery time
A
5.5
45
70
ns
I
RM
max. reverse recovery current
IF =A;
15
25
T= 125°C
VJ
-diF
=A/µs
200
/dt
t
rr
VR =V
270
TVJ =°C
25
T= 125°C
VJ
V
=
V
Symbol
Definition
Ratings
typ.
max.
I
R
V
I
A
V
F
1.39
R
4.2 K/W
R
min.
15
VRSM
V
1
T
= 25°C
VJ
T
=
°C
VJ
mA
0.18
V
=
V
R
T
= 25°C
VJ
I =
A
F
V
T =
°C
C
90
P
tot
35
W
T
= 25°C
C
R
K/W
15
400
max. non-repetitive reverse blocking voltage
reverse current, drain current
forward voltage drop
total power dissipation
Conditions
Unit
1.63
T
= 25°C
VJ
150
V
F0
V
0.84
T
=
°C
VJ
175
rF
16.5
mΩ
V
1.14
T
=
°C
VJ
I =
A
F
V
15
1.40
I =
A
F
30
I =
A
F
30
threshold voltage
slope resistance
for power loss calculation only
µA
150
VRRM
V
400
max. repetitive reverse blocking voltage
T
= 25°C
VJ
C
J
16
junction capacitance
V =
V
200
T
= 25°C
f = 1 MHz
R
VJ
pF
I
FSM
t = 10 ms; (50 Hz), sine;
T
= 45°C
VJ
max. forward surge current
V = 0 V
R
T
=
°C
VJ
175
190
A
400
FAV
d =
rectangular
0.5
average forward current
thermal resistance junction to case
thJC
thermal resistance case to heatsink
thCH
Fast Diode
400
0.50
IXYS reserves the right to change limits, conditions and dimensions.
20131101a
Data according to IEC 60747and per semiconductor unless otherwise specified
© 2013 IXYS all rights reserved


Similar Part No. - DPG15I400PM

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
DPG15I400PM ISC-DPG15I400PM Datasheet
288Kb / 2P
   Fast Recovery Rectifier
More results

Similar Description - DPG15I400PM

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DPG30I300HA IXYS-DPG30I300HA Datasheet
132Kb / 5P
   High Performance Fast Recovery Diode
DPG10I300PA IXYS-DPG10I300PA Datasheet
125Kb / 5P
   High Performance Fast Recovery Diode
DPG60C200QB IXYS-DPG60C200QB Datasheet
148Kb / 5P
   High Performance Fast Recovery Diode
DPG30C200HB IXYS-DPG30C200HB Datasheet
107Kb / 3P
   High Performance Fast Recovery Diode
DPF30I300PA IXYS-DPF30I300PA Datasheet
136Kb / 5P
   High Performance Fast Recovery Diode Low Loss and Soft Recovery Single Diode
DPG30I400HA IXYS-DPG30I400HA Datasheet
143Kb / 5P
   High Performance Fast Recovery Diode Low Loss and Soft Recovery Single Diode
DPG30IM300PC IXYS-DPG30IM300PC Datasheet
148Kb / 5P
   High Performance Fast Recovery Diode Low Loss and Soft Recovery Single Diode
DHG10I600PA IXYS-DHG10I600PA Datasheet
105Kb / 4P
   High Performance Fast Recovery Diode Low Loss and Soft Recovery Single Diode
DPG10IM300UC IXYS-DPG10IM300UC Datasheet
211Kb / 5P
   High Performance Fast Recovery Diode Low Loss and Soft Recovery Single Diode
DHG60I1200HA IXYS-DHG60I1200HA Datasheet
108Kb / 4P
   High Performance Fast Recovery Diode Low Loss and Soft Recovery Single Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com