Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSSR-711E Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSSR-711E
Description  90 V/1.0, Hermetically Sealed, Power MOSFET Optocoupler
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSSR-711E Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HSSR-711E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSSR-711E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSSR-711E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSSR-711E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSSR-711E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSSR-711E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSSR-711E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSSR-711E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSSR-711E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
Electrical Specifications
TA =-55°C to +125°C, unless otherwise specified. See note 9.
Parameter
Sym.
Group A,
Sub-group
Test Conditions
Min.
Typ.*
Max.
Units
Fig.
Notes
Output Withstand
Voltage
|VO(OFF)|
1, 2, 3VF = 0.6 V, IO = 10 A
90
110
V
5
Output On-Resistance
Connection A
R(ON)
1, 2, 3
IF = 10 mA, IO = 800 mA,
(pulse duration 30 ms)
0.40
1.0
6, 7
3, 11
IF = 5 mA, IO = 800 mA,
(pulse duration 30 ms)
1.0
3, 10
Output On-Resistance
Connection B
R(ON)
1, 2, 3
IF = 10 mA, IO = 1.6 A,
(pulse duration 30 ms)
0.12
0.25
6, 7
3, 11
IF = 5 mA, IO = 1.6 A,
(pulse duration 30 ms)
0.25
3, 10
Output Leakage
Current
IO(OFF)
1, 2, 3VF = 0.6 V, VO = 90 V10-4
10
A8
Input Forward
Voltage
VF
1, 2, 3
IF = 10 mA
1.0
1.24
1.7
V9
11
IF = 5 mA
10
Input Reverse
Breakdown Voltage
VR
1, 2, 3
IR = 100 A
5.0
V
Input-Output
Insulation
II-O
1RH 65%, t = 5 s,
VI-O = 1500 Vdc, TA = 25°C
1.0
A4, 5
Turn On Time
tON
9, 10, 11
IF = 10 mA, VDD = 28 V,
IO = 800 mA
1.25
6.0
ms
1,
10, 11,
12, 13
11
IF = 5 mA, VDD = 28 V,
IO = 800 mA
6.0
10
Turn Off Time
tOFF
9, 10, 11
IF = 10 mA, VDD = 28 V,
IO = 800 mA
0.02
0.25
ms
1,
10, 14, 15
11
IF = 5 mA, VDD = 28 V,
IO = 800 mA
0.25
10
Output Transient
Rejection
dVo
dt
9VPEAK = 50 V, CM = 1000 pF,
CL = 15 pF, RM 1 M
1000
V/ s17
Input-Output
Transient Rejection
dVio
dt
9VDD = 5 V, VI-O(PEAK) = 50 V,
RL = 20 k , CL = 15 pF
500
V/ s18


Similar Part No. - HSSR-711E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSSR-711E AVAGO-HSSR-711E Datasheet
143Kb / 11P
   90 V/1.0 , Hermetically Sealed, Power MOSFET Optocoupler QML-38534
HSSR-711E AVAGO-HSSR-711E Datasheet
143Kb / 11P
   90 V/1.0 Ohm, Hermetically Sealed, Power MOSFET Optocoupler
logo
Broadcom Corporation.
HSSR-711E BOARDCOM-HSSR-711E Datasheet
935Kb / 13P
   90V/1.0廓, Hermetically Sealed, Power MOSFET Optocoupler
More results

Similar Description - HSSR-711E

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSSR711X HP-HSSR711X Datasheet
209Kb / 12P
   90 V/1.0 W, Hermetically Sealed, Power MOSFET Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
5962-9314002HPA AVAGO-5962-9314002HPA Datasheet
143Kb / 11P
   90 V/1.0 Ohm, Hermetically Sealed, Power MOSFET Optocoupler
HSSR-7110 AVAGO-HSSR-7110 Datasheet
143Kb / 11P
   90 V/1.0 , Hermetically Sealed, Power MOSFET Optocoupler QML-38534
logo
Broadcom Corporation.
HSSR-7110 BOARDCOM-HSSR-7110 Datasheet
935Kb / 13P
   90V/1.0廓, Hermetically Sealed, Power MOSFET Optocoupler
logo
Micropac Industries
53259 MICROPAC-53259 Datasheet
130Kb / 6P
   POWER MOSFET OPTOCOUPLER 400V / 50ohm HERMETICALLY SEALED
66024 MICROPAC-66024 Datasheet
94Kb / 3P
   4N55 DUAL CHANNEL, HERMETICALLY SEALED OPTOCOUPLER
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-1930 AVAGO-HCPL-1930_12 Datasheet
742Kb / 12P
   Dual Channel Line Receiver Hermetically Sealed Optocoupler
logo
Micropac Industries
66179 MICROPAC-66179 Datasheet
49Kb / 2P
   GULL WING HERMETICALLY SEALED, SINGLE CHANNEL OPTOCOUPLER
logo
Broadcom Corporation.
HCPL-1930 BOARDCOM-HCPL-1930 Datasheet
1Mb / 13P
   Dual-Channel Line Receiver Hermetically Sealed Optocoupler
logo
Micropac Industries
66186 MICROPAC-66186 Datasheet
79Kb / 2P
   TWO CHANNEL, HERMETICALLY SEALED OPTOCOUPLER PHOTOTRANSISTOR OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com