Selected language     English  ā–¼


G-4 Datasheet(PDF) 1 Page - Visual Communications Company

Part No. G-4
Description  Base
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VCC [Visual Communications Company]
Homepage  http://vcclite.com
Logo 

   
 1 page
background image
engineered to light up your design
www.vcclite.com
1.800.522.5546
CML and Chicago Miniature Lamp are registered trademarks of Visual Communications Company, LLC.
G-4 1/2 Miniature Bayonet Base
G-4 1/2 Miniature Screw Base
G-4 1/2 Miniature 2 Pin Base
C -6
C -2R
500
500
2.0
2.0
.40
.23
7.0
14.0
C M20
C M15
T ype
F ilament
Hours
L ife
MS C P
A mps
V oltage
Des ign
Number
P art
MAX.
.590
1.06 MAX.
NOM .
.200
C -2V
C -2R
C -2V
C -2R
C -2R
250
250
250
15
15
3.5
2.7
2.4
3.4
2.0
.25
.25
.25
.50
.30
18.0
14.0
12.50
6.15
6.15
C M432
C M430
C M428
C M605
C M31
Number
P art
V oltage
Des ign
A mps
MS C P
Hours
L ife
T ype
F ilament
C M136
C M116
C M27
C M425
C M502
C M1482
C M1483
6.00
6.00
5.10
5.00
4.90
2.65
1.25
.04
.45
.15
.50
.30
.41
.60
.10
2.2
.60
2.3
1.4
.80
.20
500
100
100
15
30
15
75
C -6
C -2R
C -2R
C -2
C -2R
C -2R
S -2
1.06 MAX.
MAX.
.590
C -2V
C -2F
C -2V
C -2F
C -2F
C -2V
250
1,500
250
5,000
500
500
3.5
2.0
2.7
2.0
2.0
2.0
.25
.27
.25
.33
.24
.24
18.0
14.0
14.0
14.0
14.0
14.0
C M433
C M1895
C M431
C M293
C M57X
C M57
Number
P art
V oltage
Des ign
A mps
MS C P
Hours
L ife
T ype
F ilament
C M427
C M503
C M607
C M1406
C M604
C M55
C M1896
7.0
7.0
6.15
6.0
6.0
5.1
5.0
.50
.41
.50
.04
.50
.15
.50
2.2
2.0
3.2
.10
3.6
.60
2.3
1,500
500
15
250
3
100
15
C -2R
C -2R
C -2R
C -6
C -2R
C -2R
C -2R
C -2F
5,000
2.0
.17
28.0
C M456
MAX.
.590
MAX.
1.06




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl