Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM503 Datasheet(PDF) 1 Page - Visual Communications Company

Part # CM503
Description  Base
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

CM503 Datasheet(HTML) 1 Page - Visual Communications Company

  CM503 Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
engineered to light up your design
www.vcclite.com
1.800.522.5546
CML and Chicago Miniature Lamp are registered trademarks of Visual Communications Company, LLC.
G-4 1/2 Miniature Bayonet Base
G-4 1/2 Miniature Screw Base
G-4 1/2 Miniature 2 Pin Base
C -6
C -2R
500
500
2.0
2.0
.40
.23
7.0
14.0
C M20
C M15
T ype
F ilament
Hours
L ife
MS C P
A mps
V oltage
Des ign
Number
P art
MAX.
.590
1.06 MAX.
NOM .
.200
C -2V
C -2R
C -2V
C -2R
C -2R
250
250
250
15
15
3.5
2.7
2.4
3.4
2.0
.25
.25
.25
.50
.30
18.0
14.0
12.50
6.15
6.15
C M432
C M430
C M428
C M605
C M31
Number
P art
V oltage
Des ign
A mps
MS C P
Hours
L ife
T ype
F ilament
C M136
C M116
C M27
C M425
C M502
C M1482
C M1483
6.00
6.00
5.10
5.00
4.90
2.65
1.25
.04
.45
.15
.50
.30
.41
.60
.10
2.2
.60
2.3
1.4
.80
.20
500
100
100
15
30
15
75
C -6
C -2R
C -2R
C -2
C -2R
C -2R
S -2
1.06 MAX.
MAX.
.590
C -2V
C -2F
C -2V
C -2F
C -2F
C -2V
250
1,500
250
5,000
500
500
3.5
2.0
2.7
2.0
2.0
2.0
.25
.27
.25
.33
.24
.24
18.0
14.0
14.0
14.0
14.0
14.0
C M433
C M1895
C M431
C M293
C M57X
C M57
Number
P art
V oltage
Des ign
A mps
MS C P
Hours
L ife
T ype
F ilament
C M427
C M503
C M607
C M1406
C M604
C M55
C M1896
7.0
7.0
6.15
6.0
6.0
5.1
5.0
.50
.41
.50
.04
.50
.15
.50
2.2
2.0
3.2
.10
3.6
.60
2.3
1,500
500
15
250
3
100
15
C -2R
C -2R
C -2R
C -6
C -2R
C -2R
C -2R
C -2F
5,000
2.0
.17
28.0
C M456
MAX.
.590
MAX.
1.06


Similar Part No. - CM503

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM503 CML-CM503 Datasheet
227Kb / 1P
   G-4 1/2 Miniature Bayonet Base
More results

Similar Description - CM503

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CM1826 VCC-CM1826 Datasheet
26Kb / 1P
   Bayonet Base, Screw Base
CM7909 VCC-CM7909 Datasheet
58Kb / 1P
   Bayonet Base, Screw Base
G-3 VCC-G-3 Datasheet
32Kb / 1P
   Base
CM1855 VCC-CM1855 Datasheet
46Kb / 1P
   Base
G-6 VCC-G-6 Datasheet
30Kb / 1P
   Base
logo
PHOENIX CONTACT
2316393 PHOENIX-2316393 Datasheet
1Mb / 10P
   Base module - AXL P FBPS BASE
12/24/2021
logo
Visual Communications C...
CM7302 VCC-CM7302 Datasheet
36Kb / 1P
   Midget Flange Base, Bi-Pin Base
CM6502 VCC-CM6502 Datasheet
44Kb / 1P
   Wedge Base
logo
Festo Corporation.
560979 FESTO-560979 Datasheet
71Kb / 1P
   Sub-base
8/1/22
561011 FESTO-561011 Datasheet
74Kb / 1P
   Sub-base
8/1/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com