Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FLX443YTP06 Datasheet(PDF) 1 Page - Visual Communications Company

Part # FLX443YTP06
Description  FLEXIBLE LITEPIPE FLX 44X FLEXFIRE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

FLX443YTP06 Datasheet(HTML) 1 Page - Visual Communications Company

  FLX443YTP06 Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
190 Bosstick Boulevard, Suite101 San Marcos, CA 92069 USA
2
PERMISSION OF VISUAL
D
C
B
A
A
B
C
D
1
2
3
4
5
6
7
8
8
7
6
5
4
3
DWG. NO.
TITLE:
3.
OPTICAL CORE ENDS POLISHED TO 10 MICRONS
1
SEE NOTES
CHECKED
OPTOELECTRONICS
004
PROHIBITED.
MATERIAL
LENS SEAL: EPDM
SIZE
Phone (760) 560-1300 Fax (760) 560-1301 email vccsales@vcclite.com
COMMUNICATIONS COMPANY, INC IS
PROPRIETARY AND CONFIDENTIAL
SHEET 1 OF 1
1'
.X
.XX
SEE NOTES
AZANELLI
KHOWARD
8/2/10
APPROVAL
FINISH
DATE
THIRD ANGLE PROJECTION
8/2/10
REV
BREAK ALL CORNERS AND SHARP
5.
LENSES MOUNT THROUGH A 5/16" (7.94mm) HOLE ON 1/2" (6.35mm) CENTERS
WITH OUTPUT POWER GREATER THAN 100mcd
FLEXIBLE LITEPIPE
D
C
B
A
A
B
C
D
1
2
3
4
5
6
7
8
8
7
6
5
4
3
8.
U.S. AND FOREIGN PAT. ISSUED
ANGLE
6.
PANEL THICKNESS 1/32" (0.79mm) TO 1/8" (3.18mm)
7.
FOR BEST RESULTS USE ONLY NARROW VIEWING ANGLE NON-DIFFUSED LEDS
FLX 44X XXX XX
OTHERWISE SPECIFIED
FLX 44X FLEXFIRE
MM
GENERAL TOLERANCES UNLESS
INCHES
.508
.254
.127
.005
.020
.010
.XXX
2
1
DIMENSION STYLE: INCHES [MM]
EDGES .030 MAX
DRAWN
4.
MOUNTS THROUGH FRONT OF PANEL. SECURED BY RETAINING RING
B
SCALE: 2:1
SHEET 1 OF 1
DO NOT SCALE DRAWING
NOTES:
ROHS COMPLIANT
1.
MATERIALS:
2.
FIBER OPTIC:
1.5MM OPTICAL CORE,
2.2MM POLYETHYLENE
CABLE JACKET
LENS MOUNT: OPTICAL GRADE ACRYLIC
LED MOUNTS: FOR SMD 22 & THR 22 - NYLON 66, UL RATING 94-V2
FOR THR 5 22 - NYLON 66, UL RATING 94-HB
LENS: POLYCARBONATE UL RATING 94-V2
LENS WASHER: FH STEEL, NICKLE PLATE
LENS RETAINING RING: THERMOPLASTIC UL RATING 94-V0
THE INFORMATION CONTAINED IN THIS
DRAWING IS THE SOLE PROPERTY OF
VISUAL COMMUNICATIONS COMPANY, INC.
ANY REPRODUCTION IN PART OR AS
A WHOLE WITHOUT THE WRITTEN
63
THR 22
FIBER OPTIC
LENS MOUNT
LENS
.25
FIBER OPTIC LENGTH XX
.06in±.02
1.52mm±0.51
CMC 441 & CMC 443; INCLUDES
LENS, CLW 441 LOCKWASHER, AND
RTN 441 RETAINING RING
CMC 441, STANDARD FRESNEL
442
THR 5 22
RATING), CLW 441 LOCKWASHER,
LENS W/SEAL (MEETS NEMA 6P
CMS 442 & CMS 444; INCLUDES
44X XXX
FLX
BLUE TRANSPARENT
GTP
AMBER TRANSPARENT
BTP
4.0"
AND RTN 441 RETAINING RING
08
6.0"
04
ATP
RED TRANSPARENT
GREEN TRANSPARENT
RTP
LENS COLOR
2.0"
02
CMS 442, MOISTURE-SEALED FRESNEL
443
CMC 443, PLAIN LENS
444
CMS 444, MOISTURE-SEALED PLAIN END
CTP
YELLOW TRANSPARENT
CODE
FIBER LENGTH
AVAILABLE UPON
AZ
441
LENS TYPE CODE
ORDERING CODE (EXAMPLE):
LITE PIPE ASSEMBLY
SMD 22
XX
8.0"
12
06
12.0"
CUSTOM LENGTHS
KH
REQUESTS
YTP
CLEAR TRANSPARENT
REVISIONS
ECN #
REV.
DESCRIPTION
DATE
INITIALS CHK'D
-
001
INITIAL RELEASE
7/8/09
SMU
AZ
-
002
DWG FORMAT UPDATE
8/2/10
KH
AZ
-
003
REVISED PER ECR 092810AA01
10/4/10
KH
AZ
396
004
REVISED PER ECR 011812KH01
1/20/12
MOUNTING OPTIONS
(ORDER SEPARATELY)


Similar Part No. - FLX443YTP06

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
FLX VCC-FLX Datasheet
27Kb / 1P
   FLX ASSEMBLY
FLX-322 VCC-FLX-322 Datasheet
36Kb / 1P
   FLEXIBLE LITEPIPE FLX 322 FLEXFIRE
logo
AVX Corporation
FLX0001DP AVX-FLX0001DP Datasheet
266Kb / 2P
   Communication BUS Varistor
FLX0001RP AVX-FLX0001RP Datasheet
266Kb / 2P
   Communication BUS Varistor
FLX0001TP AVX-FLX0001TP Datasheet
266Kb / 2P
   Communication BUS Varistor
More results

Similar Description - FLX443YTP06

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
FLX-322 VCC-FLX-322 Datasheet
36Kb / 1P
   FLEXIBLE LITEPIPE FLX 322 FLEXFIRE
FLX3 VCC-FLX3 Datasheet
28Kb / 1P
   LITEPIPE 3MM FLEXFIRE FLEXIBLE
FLX VCC-FLX Datasheet
27Kb / 1P
   FLX ASSEMBLY
logo
List of Unclassifed Man...
RTN100 ETC2-RTN100 Datasheet
78Kb / 1P
   MICRO-LITEPIPE
logo
Visual Communications C...
LMS VCC-LMS Datasheet
76Kb / 1P
   5MM MOISTURE SEALED LITEPIPE
LCV VCC-LCV Datasheet
75Kb / 1P
   5MM ROUND LITEPIPE
logo
Keysight Technologies
N5432C KEYSIGHT-N5432C Datasheet
4Mb / 12P
   FlexRay Measurements (Option FLX)
logo
PHOENIX CONTACT
2773429 PHOENIX-2773429 Datasheet
138Kb / 5P
   FLX ASI DI 4 M12
logo
Visual Communications C...
LCS VCC-LCS Datasheet
89Kb / 1P
   5MM THREADED MOISTURE SEALED LITEPIPE
LPC VCC-LPC Datasheet
78Kb / 1P
   VERTICAL CLIPLITE 4MM LITEPIPE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com