Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F1206HI3500V032T Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # F1206HI3500V032T
Description  1206 High Inrush Current Surface Mount Fuses
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

F1206HI3500V032T Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  F1206HI3500V032T Datasheet HTML 1Page - List of Unclassifed Manufacturers F1206HI3500V032T Datasheet HTML 2Page - List of Unclassifed Manufacturers F1206HI3500V032T Datasheet HTML 3Page - List of Unclassifed Manufacturers F1206HI3500V032T Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rev. Aug. 11
Website: www.aemchina.com & www.aemcomponents.com
SolidMatrix
® 1206 High Inrush Current Surface Mount Fuses
Average I
2t vs. t Curves
0.001
0.01
0.1
1
10
100
1000
10000
100000
0.001
0.01
0.1
1
10
100
1000
Time (s)
8.0 A
7.0 A
6.0 A
5.0 A
4.5 A
4.0 A
3.5 A
3.0 A
2.5 A
2.0 A
1.5 A
1.0 A


Similar Part No. - F1206HI3500V032T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
F1206HI3500V032T ETC2-F1206HI3500V032T Datasheet
108Kb / 5P
   1206 High Inrush Current Surface Mount Fuses
More results

Similar Description - F1206HI3500V032T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
F1206HI1500V063T ETC2-F1206HI1500V063T Datasheet
108Kb / 5P
   1206 High Inrush Current Surface Mount Fuses
F0603HI1000V032T ETC2-F0603HI1000V032T Datasheet
107Kb / 4P
   0603 High Inrush Current Surface Mount Fuses
logo
Bourns Electronic Solut...
SF-0603HIXXXM BOURNS-SF-0603HIXXXM Datasheet
424Kb / 5P
   High Inrush Current Withstand Surface Mount Fuses
SF-0603HIXXXM BOURNS-SF-0603HIXXXM_19 Datasheet
410Kb / 6P
   High Inrush Current Withstand Surface Mount Fuses
SF-0603HIXXXF BOURNS-SF-0603HIXXXF Datasheet
570Kb / 5P
   High Inrush Current Withstand Surface Mount Fuses
SF-1206HHXXM BOURNS-SF-1206HHXXM Datasheet
552Kb / 6P
   High Current & High Inrush Multilayer Surface Mount Fuses
SF-1206HIXXXM BOURNS-SF-1206HIXXXM_19 Datasheet
383Kb / 6P
   High Inrush Multilayer Surface Mount Fuses
SF-1206HIXXXM BOURNS-SF-1206HIXXXM Datasheet
428Kb / 5P
   High Inrush Multilayer Surface Mount Fuses
logo
List of Unclassifed Man...
F1206HA10V024T ETC2-F1206HA10V024T Datasheet
95Kb / 4P
   1206 High Current Rating Fast Acting Surface Mount Fuses
F1206HB10V024T ETC2-F1206HB10V024T Datasheet
73Kb / 3P
   1206 High Current Rating Fast Acting Surface Mount Fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com