Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFC-110-T1-L-D-A Datasheet(PDF) 1 Page - Samtec, Inc

Part # SFC-110-T1-L-D-A
Description  COST SAVING RELIABLE SOCKET
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

SFC-110-T1-L-D-A Datasheet(HTML) 1 Page - Samtec, Inc

  SFC-110-T1-L-D-A Datasheet HTML 1Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
(1,27 mm) .050"
SFC SERIES
High reliability
Tiger Eye™ LITE
contacts
(1,27 mm x 1,27 mm)
.050" x .050"
micro pitch
SFC–120–T2–L–D–A
SFC–110–T1–L–D–A
Polarized
Slotted SMT tails
SFC–135–T2–L–D–A–K
Alignment
pin option
WWW.SAMTEC.COM
(1,27) .050 x No. of Positions + (3,94) .155
except for alignment pin option:
(1,27) .050 x No. of Positions + (3,17) .125
(1,27) .050 x No. of Positions + (0,38) .015
(1,27)
.050
TYP
(3,05)
.120
(4,57)
.180
(3,68)
.145
(0,51) .020
(2,03)
.080
(4,19)
.165
(0,13)
.005
TYP
(0,58)
.023
(1,27)
.050
(1,59)
.063
(1,27)
.050
DIA
(2,79)
.110
(0,51)
.020
(3,05)
.120
(0,13)
.005
TYP
(1,27)
.050
02
01
05, 10, 15, 20, 25,
30, 35, 40, 45, 50
(Standard sizes)
For complete specifications and
recommended PCB layouts
see www.samtec.com?SFC
Insulator Material:
Black Liquid Crystal Polymer
Contact Material:
Phosphor Bronze
Plating:
Au or Sn over
50µ" (1,27 µm) Ni
Current Rating:
2.9 A per pin
(1 pin powered per row)
Voltage Rating:
350 VAC mated with TFC
Operating Temp Range:
-55°C to +125°C
Contact Resistance:
15 m
Ω
Insertion Depth:
(3,05 mm) .120" to
(4,06 mm) .160"
Insertion Force:
(Single contact only)
2.5 oz (0,69 N) avg.
Withdrawal Force:
(Single contact only)
2.0 oz (0,56 N) avg.
Max Cycles:
10,000 with 30µ" (0,76 µm) Au
RoHS Compliant:
Yes
Processing:
Lead-Free Solderable:
Yes
SMT Lead Coplanarity:
(0,10 mm) .004" max (05-25)
(0,15 mm) .006" max (30-50)
Mates with:
TFC, TFSD, TFSDT
OPTION
NO. PINS
PER ROW
SFC
LEAD
STYLE
D
PLATING
OPTION
1
–A
= Alignment Pin
–K
= (4,00 mm) .157" DIA
Polyimide film
Pick & Place Pad
–TR
= Tape & Reel
(–T2 only)
Note: Some sizes, styles and
options are non-standard,
non-returnable.
–A OPTION
–T1
= Through-hole
Tiger EyeLITE
–T2
= Surface Mount
Tiger EyeLITE
–F
= Gold flash on contact,
Matte Tin on tail
–L
= 10µ" (0,25 µm)
Gold on contact,
Matte Tin on tail
–T1
–T2
SPECIFICATIONS
COST SAVING RELIABLE SOCKET
SYSTEM
F-214
For complete scope
of recognitions see
www.samtec.com/quality
RECOGNITIONS
FILE NO: 090871_0_000
ALSO AVAILABLE
(MOQ Required)
• Other sizes
Contact Samtec.


Similar Part No. - SFC-110-T1-L-D-A

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
SFC-110-T1-L-D-A SAMTEC-SFC-110-T1-L-D-A Datasheet
324Kb / 1P
   (1.27 mm) .050
More results

Similar Description - SFC-110-T1-L-D-A

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
SFC-110-T1-F-D SAMTEC-SFC-110-T1-F-D Datasheet
572Kb / 1P
   COST SAVING RELIABLE SOCKET
SFC-110-T2-F-D SAMTEC-SFC-110-T2-F-D Datasheet
572Kb / 1P
   COST SAVING RELIABLE SOCKET
HLE10702LDV SAMTEC-HLE10702LDV Datasheet
832Kb / 1P
   COST-EFFECTIVE RELIABLE SOCKET
FLE-115-01-G-DV-A SAMTEC-FLE-115-01-G-DV-A Datasheet
608Kb / 1P
   COST EFFECTIVE RELIABLE SOCKET
FLE-119-01-G-DV-K SAMTEC-FLE-119-01-G-DV-K Datasheet
988Kb / 1P
   COST EFFECTIVE RELIABLE SOCKET
HLE-108-02-L-DV SAMTEC-HLE-108-02-L-DV Datasheet
832Kb / 1P
   COST-EFFECTIVE RELIABLE SOCKET
logo
Murata Manufacturing Co...
CSTLS16M0X51-B0 MURATA-CSTLS16M0X51-B0 Datasheet
191Kb / 3P
   cost-effective and reliable availability
CSTLS5M50G56-B0 MURATA-CSTLS5M50G56-B0 Datasheet
190Kb / 3P
   cost-effective and reliable availability
CSTLS30M0X53-B0 MURATA-CSTLS30M0X53-B0 Datasheet
188Kb / 3P
   cost-effective and reliable availability
CSTLS3M52G53Z-B0 MURATA-CSTLS3M52G53Z-B0 Datasheet
186Kb / 3P
   cost-effective and reliable availability
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com