Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF2410F1600TM Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MF2410F1600TM
Description  Extremely small size with 250 VAC rating
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MF2410F1600TM Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MF2410F1600TM Datasheet HTML 1Page - List of Unclassifed Manufacturers MF2410F1600TM Datasheet HTML 2Page - List of Unclassifed Manufacturers MF2410F1600TM Datasheet HTML 3Page - List of Unclassifed Manufacturers MF2410F1600TM Datasheet HTML 4Page - List of Unclassifed Manufacturers MF2410F1600TM Datasheet HTML 5Page - List of Unclassifed Manufacturers MF2410F1600TM Datasheet HTML 6Page - List of Unclassifed Manufacturers MF2410F1600TM Datasheet HTML 7Page - List of Unclassifed Manufacturers MF2410F1600TM Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Rev. Dec. 12
Website: www.aemchina.com & www.aemcomponents.com
250V UMF for AC Applications: MF2410
Shape and Dimensions:
Recommended Land Pattern:
W
L
P
H
·
Lighting: Ballast, LED Drivers
·
Power: Chargers, Adapters, Power Boards
·
Medical Equipment
·
Indutrial Equipment
·
White Goods
Typical Applications:
Product Identification:
MF 2410
F
1.000
T
M
(
1)
(2)
(3)
(4)
(5) (6)
(
1)
Series code: MF
(
2)
Size code: 2410
(
4)
Current rating code: 1.000 - 1 A
(
5)
Package code:
T - Tape & Reel
B - Bulk
(
6)
Marking code: M - with mark
(
3)
Time/current characteristics: F
Inch
mm
L
0.240 ± 0.006
6.10 ± 0.15
W
0.098 ± 0.006
2.49 ± 0.15
H
0.085 ± 0.008
2.16 ± 0.20
P
0.118
3.00
BW
0.053 ± 0.015
1.35 ± 0.38
Inch
mm
L
0.338
8.60
G
0.118
3.00
H
0.110
2.80
BW


Similar Part No. - MF2410F1600TM

ManufacturerPart #DatasheetDescription
logo
Mercury United Electron...
MF2 MERCURY-MF2 Datasheet
102Kb / 1P
   Surface Mount Crystals
logo
Riedon Powertron
MF2000 RIEDON-MF2000 Datasheet
301Kb / 2P
   Precision / Metal Film Resistors
MF2000 RIEDON-MF2000 Datasheet
172Kb / 1P
   Precision / Metal Film Resistors
MF2000 RIEDON-MF2000_13 Datasheet
172Kb / 1P
   Precision / Metal Film Resistors
logo
List of Unclassifed Man...
MF20080V1-1000U-A99 ETC-MF20080V1-1000U-A99 Datasheet
8Mb / 89P
   DC Brushless Fan & Blower
More results

Similar Description - MF2410F1600TM

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
2R1000-5S LEIDITECH-2R1000-5S Datasheet
393Kb / 3P
   Extremely small size Extremely fast response time
3R090-5S LEIDITECH-3R090-5S Datasheet
1Mb / 4P
   Extremely small size Extremely fast response time
SMD5050-090I LEIDITECH-SMD5050-090I Datasheet
314Kb / 3P
   Extremely small size Extremely fast response time
2R600-5S LEIDITECH-2R600-5S Datasheet
397Kb / 3P
   Extremely small size Extremely fast response time
SMD5050-420 LEIDITECH-SMD5050-420 Datasheet
408Kb / 4P
   Extremely small size Excellent SMD handing
logo
Mallory Sonalert Produc...
SC250FPR MSPI-SC250FPR Datasheet
52Kb / 1P
   Voltage Rating 60 to 250 VAC/DC
SC250HJR MSPI-SC250HJR Datasheet
52Kb / 1P
   Voltage Rating 60 to 250 VAC/DC
SCH250R MSPI-SCH250R Datasheet
56Kb / 1P
   Voltage Rating 60 to 250 VAC/DC
SC250FKR MSPI-SC250FKR Datasheet
89Kb / 1P
   Voltage Rating 60 to 250 VAC/DC
SC250DPR MSPI-SC250DPR Datasheet
52Kb / 1P
   Voltage Rating 60 to 250 VAC/DC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com