Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLV0805NA026V0100T Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MLV0805NA026V0100T
Description  Surface Mount Multilayer Varistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MLV0805NA026V0100T Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MLV0805NA026V0100T Datasheet HTML 1Page - List of Unclassifed Manufacturers MLV0805NA026V0100T Datasheet HTML 2Page - List of Unclassifed Manufacturers MLV0805NA026V0100T Datasheet HTML 3Page - List of Unclassifed Manufacturers MLV0805NA026V0100T Datasheet HTML 4Page - List of Unclassifed Manufacturers MLV0805NA026V0100T Datasheet HTML 5Page - List of Unclassifed Manufacturers MLV0805NA026V0100T Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Rev. Aug.11
Website: www.aemchina.com & www.aemcomponents.com
Surface Mount Multilayer Varistors
Shape and Dimensions
Size
L
(mm)
W
(mm)
T
(mm)
E
(mm)
0402
1.00
± 0.10
0.50
± 0.10
0.50 ± 0.10
0.25 ± 0.10
0603
1.60
± 0.15
0.80
± 0.15
0.90 max.
0.30 ± 0.10
0805
2.00
± 0.20
1.25
± 0.15
1.00 max.
0.30 ± 0.10
1206
3.20
± 0.20
1.60
± 0.15
1.20 max.
0.50 ± 0.20
1210
3.20
± 0.20
2.50
± 0.20
1.50 max.
0.50 ± 0.20
1812
4.50
± 0.20
3.20
± 0.20
2.00 max.
0.60 ± 0.20
2220
5.70
± 0.20
5.00
± 0.20
3.00 max.
0.60 ± 0.20
0201
0.60 ± 0.03
0.30 ± 0.03
0.30 ± 0.03
0.30 ± 0.03
W
L
T
E
MLV Series
ESD Array
Size
0508
0612
T (mm)
0.80 max.
0.95 max.
B (mm)
0.25 ± 0.05
0.40 ± 0.15
L (mm)
2.00 ± 0.20
3.20 ± 0.20
W (mm)
1.25 ± 0.20
1.60 ± 0.15
A (mm)
0.20 ± 0.10
0.20 ± 0.10
ESD-EMI Series
Size
L
(mm)
W
(mm)
T
(mm)
e
(mm)
0508
2.00 ± 0.20
1.25 ± 0.20
0.75 ± 0.15 0.25 ± 0.10
p
(mm)
0.50
g
(mm)
0.25 ± 0.15


Similar Part No. - MLV0805NA026V0100T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MLV0805E3 VISHAY-MLV0805E3 Datasheet
81Kb / 3P
   SMD 0805 Multilayer Varistor
Revision: 22-Apr-15
MLV0805E3 VISHAY-MLV0805E3 Datasheet
65Kb / 3P
   SMD 0805 Multilayer Varistor
01-Jan-2022
MLV0805E3 VISHAY-MLV0805E3_V01 Datasheet
65Kb / 3P
   SMD 0805 Multilayer Varistor
01-Jan-2022
logo
List of Unclassifed Man...
MLV0805ES005V0056N ETC2-MLV0805ES005V0056N Datasheet
41Kb / 1P
   ES Series (For ESD Protection) of Surface Mount Multilayer
MLV0805ES005V0100N ETC2-MLV0805ES005V0100N Datasheet
41Kb / 1P
   ES Series (For ESD Protection) of Surface Mount Multilayer
More results

Similar Description - MLV0805NA026V0100T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
232257312583 VISHAY-232257312583 Datasheet
192Kb / 2P
   Surface Mount Multilayer Varistors
14-Jun-04
232257420403 VISHAY-232257420403 Datasheet
190Kb / 2P
   Surface Mount Multilayer Varistors
Revision: 14-Jun-04
logo
Littelfuse
V3.5MLA0603N LITTELFUSE-V3.5MLA0603N Datasheet
265Kb / 8P
   Surface Mount Multilayer Varistors
V14MLA0805H LITTELFUSE-V14MLA0805H Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors
V0402MHS03N LITTELFUSE-V0402MHS03N Datasheet
221Kb / 5P
   Surface Mount Multilayer Varistors
logo
Vishay Siliconix
23815741 VISHAY-23815741 Datasheet
130Kb / 2P
   Surface Mount Multilayer Varistors
Revision: 15-Jun-05
logo
Littelfuse
V18MLE0402N LITTELFUSE-V18MLE0402N Datasheet
248Kb / 6P
   Surface Mount Multilayer Varistors
logo
Vishay Siliconix
232257320403 VISHAY-232257320403 Datasheet
189Kb / 2P
   Surface Mount Multilayer Varistors
Revision: 14-Jun-04
23225741 VISHAY-23225741 Datasheet
207Kb / 2P
   Surface Mount Multilayer Varistors
Revision: 10-Oct-03
logo
Littelfuse
V5.5MLA0402NR LITTELFUSE-V5.5MLA0402NR Datasheet
875Kb / 8P
   Surface Mount Multilayer Varistors (MLVs)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com