Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLV0402ES024V00R8PT Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MLV0402ES024V00R8PT
Description  Surface Mount Multilayer Varistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MLV0402ES024V00R8PT Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MLV0402ES024V00R8PT Datasheet HTML 1Page - List of Unclassifed Manufacturers MLV0402ES024V00R8PT Datasheet HTML 2Page - List of Unclassifed Manufacturers MLV0402ES024V00R8PT Datasheet HTML 3Page - List of Unclassifed Manufacturers MLV0402ES024V00R8PT Datasheet HTML 4Page - List of Unclassifed Manufacturers MLV0402ES024V00R8PT Datasheet HTML 5Page - List of Unclassifed Manufacturers MLV0402ES024V00R8PT Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Rev. Aug.11
Website: www.aemchina.com & www.aemcomponents.com
Size
Solder pad layout
A
(mm)
C
(mm)
D
(mm)
0402
0.4~0.6
0.5~0.6
0.5~0.7
0603
0.9~1.2
0.6~1.0
0.8~1.2
0805
1.0~1.5
1.2~1.5
1.0~1.4
1206
1.8~2.5
1.2~1.8
1.0~1.4
1210
1.8~2.5
2.2~3.0
1.0~1.4
1812
2.5~3.3
2.8~3.6
1.2~1.8
2220
3.8~4.6
4.8~5.5
1.2~1.8
0201
0.25~0.35
0.20~0.30
0.25~0.35
Recommended Land Patterns
ESD Array Series
Size
A
(mm)
B
(mm)
D
(mm)
F
(mm)
G
(mm)
0508
2.10
0.40
2.50
0.50
0.35
0612
2.60
0.80
3.60
0.80
0.50
ESD-EMI Series
Size
A
(mm)
B
(mm)
D
(mm)
F
(mm)
G
(mm)
0508
2.00
0.60
2.50
0.50
0.25
C
(mm)
0.25
E
(mm)
1.60
MLV Series


Similar Part No. - MLV0402ES024V00R8PT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLV0402ES024V00R8P ETC2-MLV0402ES024V00R8P Datasheet
41Kb / 1P
   ES Series (For ESD Protection) of Surface Mount Multilayer
More results

Similar Description - MLV0402ES024V00R8PT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
232257312583 VISHAY-232257312583 Datasheet
192Kb / 2P
   Surface Mount Multilayer Varistors
14-Jun-04
232257420403 VISHAY-232257420403 Datasheet
190Kb / 2P
   Surface Mount Multilayer Varistors
Revision: 14-Jun-04
logo
Littelfuse
V3.5MLA0603N LITTELFUSE-V3.5MLA0603N Datasheet
265Kb / 8P
   Surface Mount Multilayer Varistors
V14MLA0805H LITTELFUSE-V14MLA0805H Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors
V0402MHS03N LITTELFUSE-V0402MHS03N Datasheet
221Kb / 5P
   Surface Mount Multilayer Varistors
logo
Vishay Siliconix
23815741 VISHAY-23815741 Datasheet
130Kb / 2P
   Surface Mount Multilayer Varistors
Revision: 15-Jun-05
logo
Littelfuse
V18MLE0402N LITTELFUSE-V18MLE0402N Datasheet
248Kb / 6P
   Surface Mount Multilayer Varistors
logo
Vishay Siliconix
232257320403 VISHAY-232257320403 Datasheet
189Kb / 2P
   Surface Mount Multilayer Varistors
Revision: 14-Jun-04
23225741 VISHAY-23225741 Datasheet
207Kb / 2P
   Surface Mount Multilayer Varistors
Revision: 10-Oct-03
logo
Littelfuse
V5.5MLA0402NR LITTELFUSE-V5.5MLA0402NR Datasheet
875Kb / 8P
   Surface Mount Multilayer Varistors (MLVs)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com