Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ULCD-220RD Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # ULCD-220RD
Description  1.38 DIABLO16 Round TFT LCD Intelligent Display Module
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ULCD-220RD Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  ULCD-220RD Datasheet HTML 1Page - List of Unclassifed Manufacturers ULCD-220RD Datasheet HTML 2Page - List of Unclassifed Manufacturers ULCD-220RD Datasheet HTML 3Page - List of Unclassifed Manufacturers ULCD-220RD Datasheet HTML 4Page - List of Unclassifed Manufacturers ULCD-220RD Datasheet HTML 5Page - List of Unclassifed Manufacturers ULCD-220RD Datasheet HTML 6Page - List of Unclassifed Manufacturers ULCD-220RD Datasheet HTML 7Page - List of Unclassifed Manufacturers ULCD-220RD Datasheet HTML 8Page - List of Unclassifed Manufacturers ULCD-220RD Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
4D SYSTEMS
uLCD-70DT Display Module
© 2014 4D SYSTEMS
Page 5 of 22
www.4dsystems.com.au
3. Pin Configuration and Summary
Continued overleaf…
I = Input, O = Output, P = Power
H1 Pinout (Programming Header)
Pin
Symbol
I/O
Description
1
+5V IN
P
Main Voltage Supply +ve input pin. Reverse polarity protected. Range is 4.0V to
5.5V, nominal 5.0V. 500mA minimum Required.
2
N/C
-
No Connect – Leave this pin unconnected
3
TX
O
Asynchronous Serial Transmit pin, TTL level. Connect this pin to the Receive (Rx)
signal of other serial devices. Used in conjunction with the RX pin for
programming this microLCD. 5.0V Tolerant Pin. Connected to TX0 via Resistor.
4
N/C
-
No Connect – Leave this pin unconnected
5
RX
I
Asynchronous Serial Receive pin, TTL level. Connect this pin to the Transmit (Tx)
signal of other serial devices. Used in conjunction with the TX pin for
programming this microLCD. 5.0V Tolerant Pin. Connected to RX0 via Resistor.
6
N/C
No Connect – Leave this pin unconnected
7
GND
P
Supply Ground
8
N/C
-
No Connect – Leave this pin unconnected
9
RESET
I
Master Reset signal. Internally pulled up to 3.3V via a 10K resistor. An active Low
pulse greater than 2 micro-seconds will reset the module. If the module needs
to be reset externally, only use open collector type circuits. This pin is not driven
low by any internal conditions. The host should control this pin via one of its
port pins using an open collector/drain arrangement.
10
N/C
-
No Connect – Leave this pin unconnected


Similar Part No. - ULCD-220RD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ULCD-24-PTU-AR ETC2-ULCD-24-PTU-AR Datasheet
415Kb / 10P
   Arduino Display Module Pack Display Module
ULCD-24-PTU-PI ETC2-ULCD-24-PTU-PI Datasheet
484Kb / 9P
   Raspberry Pi Display Module Pack Featuring a 2.4
ULCD-24PT(GFX) ETC2-ULCD-24PT(GFX) Datasheet
1Mb / 23P
   2.4??LCD Display Module
ULCD-24PT(SGC) ETC2-ULCD-24PT(SGC) Datasheet
1Mb / 22P
   2.4??Serial LCD Display Module
ULCD-24PTU ETC2-ULCD-24PTU Datasheet
2Mb / 21P
   2.4??microLCD PICASO Display
More results

Similar Description - ULCD-220RD

ManufacturerPart #DatasheetDescription
logo
4D Systems Pty Ltd
ULCD-90D 4DSYSTEMS-ULCD-90D Datasheet
4Mb / 26P
   9.0 DIABLO16 INTELLIGENT DISPLAY MODULE
18 th March 2021/REVISION: 1. 2
logo
List of Unclassifed Man...
ULCD-35DT ETC2-ULCD-35DT Datasheet
1Mb / 25P
   3.5 DIABLO16 Intelligent Display Module
ULCD-70DT ETC2-ULCD-70DT Datasheet
2Mb / 22P
   7.0??DIABLO16 Intelligent Display Module
logo
Crystalfontz America, I...
CFAM1280800B0-101R CRYSTAIFONTZ-CFAM1280800B0-101R Datasheet
566Kb / 10P
   HDMI TFT LCD DISPLAY MODULE
CFAM1280800A0-101C CRYSTAIFONTZ-CFAM1280800A0-101C Datasheet
567Kb / 10P
   HDMI TFT LCD DISPLAY MODULE
CFAM1280800A0-101N CRYSTAIFONTZ-CFAM1280800A0-101N Datasheet
589Kb / 10P
   HDMI TFT LCD DISPLAY MODULE
logo
Hantronix,Inc
HDA350T-3S HANTRONIX-HDA350T-3S Datasheet
1Mb / 15P
   QVGA, TFT COLOR GRAPHICS LCD DISPLAY MODULE
HDA350-2G HANTRONIX-HDA350-2G Datasheet
454Kb / 19P
   QVGA, TFT COLOR GRAPHICS LCD DISPLAY MODULE
HDA280-3S HANTRONIX-HDA280-3S Datasheet
1Mb / 14P
   240X320 , TFT COLOR GRAPHICS LCD DISPLAY MODULE
HDA570S-V HANTRONIX-HDA570S-V_15 Datasheet
44Kb / 3P
   5.7 TFT QVGA COLOR LCD DISPLAY MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com