Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2MBI100F-060 Datasheet(PDF) 2 Page - Fuji Electric

Part # 2MBI100F-060
Description  IGBT-IPM R series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

2MBI100F-060 Datasheet(HTML) 2 Page - Fuji Electric

  2MBI100F-060 Datasheet HTML 1Page - Fuji Electric 2MBI100F-060 Datasheet HTML 2Page - Fuji Electric 2MBI100F-060 Datasheet HTML 3Page - Fuji Electric 2MBI100F-060 Datasheet HTML 4Page - Fuji Electric 2MBI100F-060 Datasheet HTML 5Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Min.
0.5
Symbol
ton
toff
trr
Unit
µs
µs
µs
IGBT Modules
6MBP15RH060
q Switching characteristics (Tc=Tj=25˚C, Vcc=15V)
Item
Condition
Ic=15A, VDC=300V
Inductive-Load
Max.
3.5
0.5
Typ.
Switching time (IGBT) See Fig. 3
Switching time (FWD)
Fig.1 Definition of OC delay time
Fig.2 Definition of tsc
Fig.3 Definition of switching time
DC bus voltage
Operating power supply voltage range of pre-drive
Switching frequency
Flatness of heat sink
Mounting screw torque (M4)
Junction to case thermal resistance
Case to fin thermal resistance with compound
Item
Symbol
Rth (j-c)
Rth (j-c)
Rth (c-f)
Max.
3.1
5.4
Unit
˚C/W
˚C/W
˚C/W
Typ.
0.05
q Thermal characteristics (Tc=Tj=25˚C, Vcc=15V)
IGBT
FWD
Symbol
VDC
VCC
fsw
Item
Unit
V
V
kHz
µm
N • m
Typ.
15
Min.
200
13.5
1
–100
1.3
Max.
400
16.5
20
100
1.7
q Recommendable value
Min.
Power supply current of P-line pre-driver (one unit)
Power supply current of N-line pre-driver
Input signal threshold voltage
Input zener voltage
IGBT chips overheat protection temperature level
Hysteresis
Collector current protection level
OC detecting resistance value
Protection delay time
Undervoltage protection level
Hysteresis
Alarm signal hold time
mA
mA
V
V
V
˚C
˚C
A
mV
m
µs
V
V
ms
1.00
1.25
150
21
190
11.0
0.2
1.0
2.0
4.0
1.35
1.60
8.0
20
27
200
7.5
5.0
2.0
5.0
10.0
1.70
1.95
33
210
7.0
12.5
0.8
q Electrical characteristics of control circuit (Tc=Tj=25˚C, Vcc=15V)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
ICCP
ICCN
VIn (th)
VZ
TjoH
TjH
IOC
VOC
ROC
tDOC
VUV
VH
tALM
Vin=H
Vin=H
Turn-on
Turn-off
Rin=20k
Surface of IGBT
N-side, (N1-N2 open)
Between N1 and N2
Tj=25˚C Fig. 1, Fig. 2


Similar Part No. - 2MBI100F-060

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2MBI100F-120 FUJI-2MBI100F-120 Datasheet
128Kb / 4P
   IGBT MODULE(F series)
More results

Similar Description - 2MBI100F-060

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
7MBP50RA060 FUJI-7MBP50RA060 Datasheet
775Kb / 8P
   IGBT-IPM R series
6MBP75RJ120 FUJI-6MBP75RJ120 Datasheet
303Kb / 8P
   IGBT IPM R-series 1200V class
7MBP50RJ120 FUJI-7MBP50RJ120 Datasheet
352Kb / 9P
   IGBT IPM R-series 1200V class
7MBP25RJ120 FUJI-7MBP25RJ120 Datasheet
377Kb / 9P
   IGBT IPM R-series 1200V class
7MBP75RJ120 FUJI-7MBP75RJ120 Datasheet
350Kb / 9P
   IGBT IPM R-series 1200V class
7MBP50TEA060 FUJI-7MBP50TEA060 Datasheet
344Kb / 9P
   Econo IPM series IGBT-IPM
logo
List of Unclassifed Man...
7MBP150RA060 ETC2-7MBP150RA060 Datasheet
1Mb / 8P
   IGBT-IPM R series 600V / 150A 7 in one-package
logo
Fuji Electric
4MBP75RA060 FUJI-4MBP75RA060 Datasheet
4Mb / 15P
   IGBT-IPM
6MBP100RTJ060 FUJI-6MBP100RTJ060 Datasheet
1Mb / 22P
   IGBT - IPM
logo
List of Unclassifed Man...
7MBP50RA060 ETC2-7MBP50RA060 Datasheet
767Kb / 8P
   IGBT-IPM R series 600V / 50A 7 in one-package
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com