Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PO74G2309A Datasheet(PDF) 5 Page - Pomona Electronics

Part # PO74G2309A
Description  700MHz TTL/CMOS Potato Chip
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

PO74G2309A Datasheet(HTML) 5 Page - Pomona Electronics

  PO74G2309A_14 Datasheet HTML 1Page - Pomona Electronics PO74G2309A_14 Datasheet HTML 2Page - Pomona Electronics PO74G2309A_14 Datasheet HTML 3Page - Pomona Electronics PO74G2309A_14 Datasheet HTML 4Page - Pomona Electronics PO74G2309A_14 Datasheet HTML 5Page - Pomona Electronics PO74G2309A_14 Datasheet HTML 6Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Packaging Mechanical Drawing: 16 pin SOIC
Packaging Mechanical Drawing: 16 pin TSSOP
.050
BSC
1
16
.149
.157
3.78
3.99
.386
.393
9.80
10.00
1.27
.053
.068
1.35
1.75
.0040
.0098
0.10
0.25
.013
.020
.0155
.0260
0.330
0.508
0.393
0.660
.0075
.0098
0.19
0.25
.016
.050
0.41
1.27
.2284
.2440
5.80
6.20
X.XX
X.XX
DENOTES DIMENSIONS
IN MILLIMETERS
X.XX
X.XX
DENOTES DIMENSIONS
IN MILLIMETERS
1.2V - 3.6V 1:9 CMOS Clock Buffered Driver
700MHz TTL/CMOS Potato Chip
5
01/01/10
Potato Semiconductor Corporation
PO74G2309A
www.potatosemi.com


Similar Part No. - PO74G2309A_14

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO74G2309ASR POTATO-PO74G2309ASR Datasheet
554Kb / 6P
   3.3V 1:9 CMOS Clock Buffered Driver
PO74G2309ASU POTATO-PO74G2309ASU Datasheet
554Kb / 6P
   3.3V 1:9 CMOS Clock Buffered Driver
PO74G2309ATR POTATO-PO74G2309ATR Datasheet
554Kb / 6P
   3.3V 1:9 CMOS Clock Buffered Driver
PO74G2309ATU POTATO-PO74G2309ATU Datasheet
554Kb / 6P
   3.3V 1:9 CMOS Clock Buffered Driver
More results

Similar Description - PO74G2309A_14

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
PO74G304A POMONA-PO74G304A_14 Datasheet
1Mb / 5P
   700MHz TTL/CMOS Potato Chip
PO49FCT32806G POMONA-PO49FCT32806G_14 Datasheet
1Mb / 6P
   700MHz TTL/CMOS Potato Chip
PO74G2308A POMONA-PO74G2308A_14 Datasheet
1Mb / 6P
   700MHz TTL/CMOS Potato Chip
logo
List of Unclassifed Man...
PO74G304A ETC2-PO74G304A Datasheet
566Kb / 6P
   700MHz TTL/CMOS Potato Chip
logo
Potato Semiconductor Co...
PO49HSTL3807G POTATO-PO49HSTL3807G_14 Datasheet
396Kb / 5P
   400MHz TTL/CMOS Potato Chip
logo
Pomona Electronics
PO74G38074A POMONA-PO74G38074A_14 Datasheet
1Mb / 5P
   900MHz TTL/CMOS Potato Chip
PO49FCT32803G POMONA-PO49FCT32803G_14 Datasheet
1Mb / 6P
   500MHz TTL/CMOS Potato Chip
PO49FCT32805G POMONA-PO49FCT32805G_14 Datasheet
1Mb / 6P
   600MHz TTL/CMOS Potato Chip
PO49FCT3805B POMONA-PO49FCT3805B_14 Datasheet
1Mb / 6P
   800MHz TTL/CMOS Potato Chip
PO49FCT3804A POMONA-PO49FCT3804A_14 Datasheet
1Mb / 5P
   800MHz TTL/CMOS Potato Chip
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com