Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC179B Datasheet(PDF) 2 Page - Continental Device India Limited

Part # BC179B
Description  SILICON PLANAR EPITAXIAL TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BC179B Datasheet(HTML) 2 Page - Continental Device India Limited

  BC179B Datasheet HTML 1Page - Continental Device India Limited BC179B Datasheet HTML 2Page - Continental Device India Limited BC179B Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
BC177XX
DESCRIPTION
SYMBOL TEST CONDITION
MIN
MAX
UNIT
Collector Knee Voltage
VCE (K)
IC=10mA, IB=The Value for
-
0.60
V
Which IC=11mA, @ VCE=1V
Transition Frequency
ft
VCE=5V,IC=10mA, f=50MHz
200
-
MHZ
Noise Figure
NF
VCE=5V, IC=0.2mA
Rg=2kohms,
F=30Hz to 15 KHz
BC179
-4.0
dB
F=1kHz, F=200Hz
BC179
-4.0
dB
BC177/178
-10
dB
Output Capacitance
Cobo
VCB=10V, f=1MHz
-
4.0
pF
ALL f=1kHz
Small Signal Current Gain
hfe
IC=2mA,VCE=5V
BC177
125
500
BC178
125
900
BC179
240
900
A Group
125
260
B Group
240
500
C Group
450
900
Input Impedance
hie
IC=2mA,VCE=5V
A Group
1.6
4.5
Kohms
B Group
3.2
8.5
Kohms
C Group
6.0
15
Kohms
Output Admittance
hoe
IC=2mA,VCE=5V
A Group
-
30
umhos
B Group
-
60
umhos
C Group
-
110
umhos
Continental Device India Limited
Data Sheet
Page 2 of 3


Similar Part No. - BC179B

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC179B SIEMENS-BC179B Datasheet
269Kb / 8P
   PNP SILICON TRANSISTORS
logo
Comset Semiconductor
BC179B COMSET-BC179B Datasheet
151Kb / 3P
   LOW NOISE GENERAL PURPOSE AUDIO AMPLIFIERS
More results

Similar Description - BC179B

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
BC413 MICRO-ELECTRONICS-BC413 Datasheet
130Kb / 2P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Comset Semiconductor
2N1613 COMSET-2N1613 Datasheet
214Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
2N2218A COMSET-2N2218A Datasheet
209Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
BSS50A COMSET-BSS50A Datasheet
171Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Continental Device Indi...
CSAL1013PNP CDIL-CSAL1013PNP Datasheet
705Kb / 4P
   SILICON PLANAR EPITAXIAL TRANSISTORS
BC212L CDIL-BC212L Datasheet
82Kb / 4P
   SILICON PLANAR EPITAXIAL TRANSISTORS
CNL635 CDIL-CNL635 Datasheet
348Kb / 5P
   SILICON PLANAR EPITAXIAL TRANSISTORS
BCY70 CDIL-BCY70 Datasheet
238Kb / 5P
   SILICON PLANAR EPITAXIAL TRANSISTORS
BC817 CDIL-BC817 Datasheet
204Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
First Components Intern...
BC557 FCI-BC557 Datasheet
367Kb / 1P
   Silicon Planar Epitaxial Transistors
logo
Continental Device Indi...
CMBT5087 CDIL-CMBT5087 Datasheet
155Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com