Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10EP08DTG Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC10EP08DTG
Description  3.3V / 5V ECL 2-Input Differential XOR/XNOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP08DTG Datasheet(HTML) 5 Page - ON Semiconductor

  MC10EP08DTG Datasheet HTML 1Page - ON Semiconductor MC10EP08DTG Datasheet HTML 2Page - ON Semiconductor MC10EP08DTG Datasheet HTML 3Page - ON Semiconductor MC10EP08DTG Datasheet HTML 4Page - ON Semiconductor MC10EP08DTG Datasheet HTML 5Page - ON Semiconductor MC10EP08DTG Datasheet HTML 6Page - ON Semiconductor MC10EP08DTG Datasheet HTML 7Page - ON Semiconductor MC10EP08DTG Datasheet HTML 8Page - ON Semiconductor MC10EP08DTG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MC10EP08, MC100EP08
http://onsemi.com
5
Table 8. 100EP DC CHARACTERISTICS, PECL VCC = 3.3 V, VEE = 0 V (Note 12)
−40°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
20
28
36
20
30
38
20
32
40
mA
VOH
Output HIGH Voltage (Note 13)
2155
2280
2405
2155
2280
2405
2155
2280
2405
mV
VOL
Output LOW Voltage (Note 13)
1355
1480
1605
1355
1480
1605
1355
1480
1605
mV
VIH
Input HIGH Voltage (Single−Ended)
2075
2420
2075
2420
2075
2420
mV
VIL
Input LOW Voltage (Single−Ended)
1355
1675
1355
1675
1355
1675
mV
VIHCMR
Input HIGH Voltage Common Mode Range
(Differential Configuration) (Note 14)
2.0
3.3
2.0
3.3
2.0
3.3
V
IIH
Input HIGH Current
150
150
150
mA
IIL
put LOW Current
D
D
0.5
−150
0.5
−150
0.5
−150
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
12.Input and output parameters vary 1:1 with VCC. VEE can vary +0.3 V to −2.2 V.
13.All loading with 50 W to VCC − 2.0 V.
14.VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.
Table 9. 100EP DC CHARACTERISTICS, PECL VCC = 5.0 V, VEE = 0 V (Note 15)
−40°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
20
28
36
20
30
38
20
32
40
mA
VOH
Output HIGH Voltage (Note 16)
3855
3980
4105
3855
3980
4105
3855
3980
4105
mV
VOL
Output LOW Voltage (Note 16)
3055
3180
3305
3055
3180
3305
3055
3180
3305
mV
VIH
Input HIGH Voltage (Single−Ended)
3775
4120
3775
4120
3775
4120
mV
VIL
Input LOW Voltage (Single−Ended)
3055
3375
3055
3375
3055
3375
mV
VIHCMR
Input HIGH Voltage Common Mode Range
(Differential Configuration) (Note 17)
2.0
5.0
2.0
5.0
2.0
5.0
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
D
D
0.5
−150
0.5
−150
0.5
−150
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
15.Input and output parameters vary 1:1 with VCC. VEE can vary +2.0 V to −0.5 V.
16.All loading with 50 W to VCC − 2.0 V.
17.VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.


Similar Part No. - MC10EP08DTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP08DTG ONSEMI-MC10EP08DTG Datasheet
178Kb / 10P
   ECL 2-Input Differential XOR/XNOR
August, 2016 ??Rev. 7
More results

Similar Description - MC10EP08DTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP08DG ONSEMI-MC100EP08DG Datasheet
156Kb / 11P
   3.3V / 5V ECL 2-Input Differential XOR/XNOR
September, 2012 ??Rev. 6
logo
Micrel Semiconductor
SY10EP08V MICREL-SY10EP08V Datasheet
110Kb / 7P
   5V/3.3V DIFFERENTIAL 2-INPUT XOR/XNOR
logo
ON Semiconductor
MC10EP08 ONSEMI-MC10EP08_16 Datasheet
178Kb / 10P
   ECL 2-Input Differential XOR/XNOR
August, 2016 ??Rev. 7
MC10E107 ONSEMI-MC10E107_06 Datasheet
127Kb / 8P
   5V ECL Quint 2-Input XOR/XNOR Gate
November, 2006 ??Rev. 7
MC10EP08 ONSEMI-MC10EP08 Datasheet
75Kb / 8P
   Differential 2-Input XOR/XNOR
April, 2001 ??Rev. 3
logo
List of Unclassifed Man...
AZ10EL07 ETC1-AZ10EL07 Datasheet
135Kb / 6P
   ECL/PECL 2-Input XOR/XNOR
logo
Arizona Microtek, Inc
AZ10EL07 AZM-AZ10EL07 Datasheet
73Kb / 6P
   ECL/PECL 2-Input XOR/XNOR
logo
ON Semiconductor
MC10EL07 ONSEMI-MC10EL07_06 Datasheet
145Kb / 9P
   5.0 V ECL 2-Input XOR/XNOR
December, 2006 ??Rev. 6
logo
Semtech Corporation
SK10EL07U SEMTECH-SK10EL07U Datasheet
110Kb / 4P
   2-Input XOR/XNOR
logo
Micrel Semiconductor
SY10EL07 MICREL-SY10EL07 Datasheet
47Kb / 4P
   2-INPUT XOR/XNOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com