Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC5474HC4051 Datasheet(PDF) 10 Page - ON Semiconductor

Part # MC5474HC4051
Description  Analog Multiplexers/ Demultiplexers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC5474HC4051 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button MC5474HC4051 Datasheet HTML 6Page - ON Semiconductor MC5474HC4051 Datasheet HTML 7Page - ON Semiconductor MC5474HC4051 Datasheet HTML 8Page - ON Semiconductor MC5474HC4051 Datasheet HTML 9Page - ON Semiconductor MC5474HC4051 Datasheet HTML 10Page - ON Semiconductor MC5474HC4051 Datasheet HTML 11Page - ON Semiconductor MC5474HC4051 Datasheet HTML 12Page - ON Semiconductor MC5474HC4051 Datasheet HTML 13Page - ON Semiconductor MC5474HC4051 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MC54/74HC4051 MC74HC4052 MC54/74HC4053
Figure 9a. Propagation Delays, Channel Select
to Analog Out
Figure 9b. Propagation Delay, Test Set–Up Channel
Select to Analog Out
Figure 10a. Propagation Delays, Analog In
to Analog Out
Figure 10b. Propagation Delay, Test Set–Up
Analog In to Analog Out
Figure 11a. Propagation Delays, Enable to
Analog Out
Figure 11b. Propagation Delay, Test Set–Up
Enable to Analog Out
VCC
GND
CHANNEL
SELECT
ANALOG
OUT
50%
tPLH
tPHL
50%
ON/OFF
6
7
8
16
VCC
CL*
*Includes all probe and jig capacitance
CHANNEL SELECT
TEST
POINT
COMMON O/I
OFF/ON
ANALOG I/O
VCC
VCC
GND
ANALOG
IN
ANALOG
OUT
50%
tPLH
tPHL
50%
ON
6
7
8
16
VCC
CL*
*Includes all probe and jig capacitance
TEST
POINT
COMMON O/I
ANALOG I/O
ON/OFF
6
7
8
ENABLE
VCC
ENABLE
90%
50%
10%
tf
tr
VCC
GND
ANALOG
OUT
tPZL
ANALOG
OUT
tPZH
HIGH
IMPEDANCE
VOL
VOH
HIGH
IMPEDANCE
10%
90%
tPLZ
tPHZ
50%
50%
ANALOG I/O
CL*
TEST
POINT
16
VCC
1kΩ
1
2
1
2
POSITION 1 WHEN TESTING tPHZ AND tPZH
POSITION 2 WHEN TESTING tPLZ AND tPZL


Similar Part No. - MC5474HC4051

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC5474HC4016A MOTOROLA-MC5474HC4016A Datasheet
336Kb / 12P
   Quad Analog Switch Multiplexer/Demultiplexer
MC5474HC4060A MOTOROLA-MC5474HC4060A Datasheet
259Kb / 11P
   High?밣erformance Silicon?밎ate CMOS
More results

Similar Description - MC5474HC4051

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14067B ONSEMI-MC14067B_11 Datasheet
134Kb / 9P
   Analog Multiplexers/Demultiplexers
June, 2011 ??Rev. 7
MC74VHC4051 ONSEMI-MC74VHC4051_14 Datasheet
159Kb / 16P
   Analog Multiplexers / Demultiplexers
September, 2014 ??Rev. 7
MC14067B ONSEMI-MC14067B_05 Datasheet
124Kb / 10P
   Analog Multiplexers / Demultiplexers
February, 2005 ??Rev. 5
MC74HC4051A ONSEMI-MC74HC4051A Datasheet
400Kb / 16P
   Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 1
MC74HCT4051A ONSEMI-MC74HCT4051A_11 Datasheet
207Kb / 16P
   Analog Multiplexers / Demultiplexers
June, 2011 ??Rev. 2
MC74HCT4851A ONSEMI-MC74HCT4851A_16 Datasheet
139Kb / 14P
   Analog Multiplexers/ Demultiplexers
August, 2016 ??Rev. 8
MC74HC4051A ONSEMI-MC74HC4051A_16 Datasheet
180Kb / 17P
   Analog Multiplexers/ Demultiplexers
March, 2016 ??Rev. 8
logo
Motorola, Inc
MC54HC4051A MOTOROLA-MC54HC4051A Datasheet
188Kb / 15P
   ANALOG MULTIPLEXERS/ DEMULTIPLEXERS
logo
ON Semiconductor
MC74HC4053ADTR2G ONSEMI-MC74HC4053ADTR2G Datasheet
222Kb / 17P
   Analog Multiplexers Demultiplexers
February, 2013 ??Rev. 6
MC74VHC4051 ONSEMI-MC74VHC4051 Datasheet
341Kb / 16P
   Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 3
logo
STMicroelectronics
HCC4051B STMICROELECTRONICS-HCC4051B Datasheet
366Kb / 17P
   ANALOG MULTIPLEXERS-DEMULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com