Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC908AP64 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MC68HC908AP64
Description  Table of Contents
Download  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908AP64 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MC68HC908AP64 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC68HC908AP64 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC68HC908AP64 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC68HC908AP64 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC68HC908AP64 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC68HC908AP64 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC68HC908AP64 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC68HC908AP64 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC68HC908AP64 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 324 page
background image
MC68HC908AP Family Data Sheet, Rev. 4
4
Freescale Semiconductor
Revision History
Date
Revision
Level
Description
Page
Number(s)
January 2007
4
15.7.2 ADC Clock Control Register — Changed “The ADC clock should
be set to between 500kHz and 2MHz” to “The ADC clock should be set
to between 500kHz and 1MHz”
254
August 2005
3
Table 22-4 . DC Electrical Characteristics (5V) — Updated VOL values.
299
Table 22-6 . Oscillator Specifications (5V) and Table 22-10 . Oscillator
Specifications (3V) — Corrected internal oscillator clock frequency,
fICLK. Updated crystal oscillator component values CL, C1, C2, RB, and
RS.
301, 305
October 2003
2.5
Added MC68HC908AP16/AP8 information throughout.
Section 10. Monitor ROM (MON) — Corrected RAM address to $60.
167
Section 24. Electrical Specifications — Added run and wait IDD data for
8MHz at 3V.
421
August 2003
2.4
Section 24. Electrical Specifications — Updated stop IDD data.
417, 421
July 2003
2.3
Removed MC68HC908AP16 references throughout.
Table 1-2 . Pin Functions — Added footnote for VREG.
30
5.3 Configuration Register 1 (CONFIG1) — Clarified LVIPWRD and
LVIREGD bits.
67
Section 8. Clock Generator Module (CGM), 8.7.2 Stop Mode — Updated
BSC bit behavior.
125
10.5 ROM-Resident Routines — Corrected data size limits and control
byte size for EE_READ and EE_WRITE.
168–193
Figure 12-2 . Timebase Control Register (TBCR) — Corrected register
address.
207
Section 24. Electrical Specifications — Updated.
415
May 2003
2.2
Updated for fNOM = 125kHz and filter components
in CGM section.
101
Updated electricals.
415


Similar Part No. - MC68HC908AP64

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC908AP64 MOTOROLA-MC68HC908AP64 Datasheet
3Mb / 440P
   Microcontrollers
logo
Freescale Semiconductor...
MC68HC908AP64 FREESCALE-MC68HC908AP64 Datasheet
53Kb / 2P
   Update Output high voltage and Output low voltage parameters
MC68HC908AP64 FREESCALE-MC68HC908AP64 Datasheet
3Mb / 324P
   Microcontrollers
MC68HC908AP64 FREESCALE-MC68HC908AP64 Datasheet
1Mb / 324P
   Microcontrollers
logo
NXP Semiconductors
MC68HC908AP64 NXP-MC68HC908AP64 Datasheet
61Kb / 2P
   Addendum to MC68HC908AP64 Data Sheet, Rev. 2.5
Rev. 0, 2/2005
More results

Similar Description - MC68HC908AP64

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
TSI721 RENESAS-TSI721 Datasheet
633Kb / 67P
   Table of Contents
April 4, 2016
logo
AVX Corporation
9159 AVX-9159 Datasheet
2Mb / 63P
   Table of Contents
logo
Analog Devices
ADP1761-EVALZ AD-ADP1761-EVALZ Datasheet
486Kb / 9P
   TABLE OF CONTENTS
logo
Tyco Electronics
3-641214-8 MACOM-3-641214-8 Datasheet
2Mb / 84P
   Table of Contents
1410946-1 MACOM-1410946-1 Datasheet
1Mb / 26P
   Table of Contents
logo
Texas Instruments
TPA6017A2 TI-TPA6017A2_13 Datasheet
3Mb / 81P
[Old version datasheet]   Introduction and Table of Contents
logo
Tyco Electronics
2-1437683-0 MACOM-2-1437683-0 Datasheet
367Kb / 18P
   Table of Contents?봊nterface Module Systems
2-1437684-0 MACOM-2-1437684-0 Datasheet
367Kb / 18P
   Table of Contents?봊nterface Module Systems
2-1437683-6 MACOM-2-1437683-6 Datasheet
367Kb / 18P
   Table of Contents?봊nterface Module Systems
logo
National Semiconductor ...
COP400 NSC-COP400 Datasheet
8Mb / 79P
   COPS Family Users Guide Table of Contents
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com