Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC34844AEP Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MC34844AEP
Description  10 Channel LED Backlight Driver with Integrated Power Supply
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34844AEP Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MC34844AEP Datasheet HTML 4Page - Freescale Semiconductor, Inc MC34844AEP Datasheet HTML 5Page - Freescale Semiconductor, Inc MC34844AEP Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34844AEP Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34844AEP Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34844AEP Datasheet HTML 9Page - Freescale Semiconductor, Inc MC34844AEP Datasheet HTML 10Page - Freescale Semiconductor, Inc MC34844AEP Datasheet HTML 11Page - Freescale Semiconductor, Inc MC34844AEP Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 62 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
8
34844
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
MC34844
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 3. Maximum Ratings
All voltages are with respect to ground, unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device.
Ratings
Symbol
Value
Unit
ELECTRICAL RATINGS
Maximum Pin Voltages
A0/SEN
I0, I1, I2, I3, I4, I5, I6, I7, I8, I9,EN(5)
VIN
SWA, SWB, VOUT
FAIL, PIN, NIN, ISET, M/~S, CK, PWM
VMAX
7.0
45
30
65
6.0
V
Maximum LED Current
IMAX
55
mA
ESD Voltage(2)
Human Body Model (HBM)
Machine Model (MM)
VESD
+2000
+200
V
THERMAL RATINGS
Ambient Temperature Range
TA
-40 to 105
°C
Junction to Ambient Temperature(3)
TθJA
32
°C/W
Junction to Case Temperature(3)
TθJC
3.5
°C/W
Maximum junction temperature
TJ
150
°C
Storage temperature range
TSTO
-40 to 150
°C
Peak Package Reflow Temperature During Reflow(4)
TPPRT
260
°C
Power Dissipation
TA = 25 °C
TA = 70 °C
TA = 85 °C
TA = 105 °C
3.9
2.5
2.0
1.4
W
Notes
2.
ESD testing is performed in accordance with the Human Body Model (HBM) (AEC-Q100-2), and the Machine Model (MM) (AEC-Q100-
003), RZAP = 0 Ω
3.
Per JEDEC51 Standard for Multilayer PCB
4.
Pin soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
5.
45 V is the Maximum allowable voltage on all LED channels in off-state.


Similar Part No. - MC34844AEP

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC34844AEPR2 FREESCALE-MC34844AEPR2 Datasheet
2Mb / 62P
   10 Channel LED Backlight Driver with Integrated Power Supply
More results

Similar Description - MC34844AEP

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC34844 FREESCALE-MC34844 Datasheet
1Mb / 37P
   10 Channel LED Backlight Driver with Integrated Power Supply
MC34844EP FREESCALE-MC34844EP Datasheet
2Mb / 62P
   10 Channel LED Backlight Driver with Integrated Power Supply
34844 FREESCALE-34844_09 Datasheet
2Mb / 37P
   10 Channel LED Backlight Driver with Integrated Power Supply
MC34844AEPR2 FREESCALE-MC34844AEPR2 Datasheet
2Mb / 62P
   10 Channel LED Backlight Driver with Integrated Power Supply
34844 FREESCALE-34844_08 Datasheet
1Mb / 36P
   10 Channel LED Backlight Driver with Integrated Power Supply
34845 FREESCALE-34845 Datasheet
707Kb / 21P
   Low Cost 6 Channel LED Backlight Driver with Integrated Power Supply
MC34844 FREESCALE-MC34844_10 Datasheet
2Mb / 62P
   10 Channel LED Backlight Driver
logo
Texas Instruments
LM36274 TI1-LM36274 Datasheet
696Kb / 9P
[Old version datasheet]   Integrated Backlight Driver With Integrated LCD Bias
logo
Sipex Corporation
SP6415 SIPEX-SP6415 Datasheet
1Mb / 12P
   Integrated White LED Driver With Organic LED Display Power Supply
logo
Analog Microelectronics
AME5136 AME-AME5136 Datasheet
391Kb / 15P
   Integrated White LED Driver With Organic LED Display Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com