Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBU810 Datasheet(PDF) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # KBU810
Description  AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFLER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

KBU810 Datasheet(HTML) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  KBU810 Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. KBU810 Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.3-MAXIMUM NON-RETETITIVE PEAK
FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60HZ
250
200
0
100
10
1
150
100
50
KBU4
KBU6
KBU8
10
0.1
0
20
40
60
80
100
120
140
1.0
FIG.4-TYPICAL REVERSE
CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE
VOLTAGE
TA=25
TC=100
FIG.2 TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTIC
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
100
0.1
1.2
1.1
1.0
0.9
0.8
0.7
0.6
40
20
10
4.0
1.0
0.4
0.2
1.3
TJ=25
PULSE WIDTH=300S
1%DUTY CYCLE
KBU6/8
KBU4
FIG.5-TYPICAL JUNCTION CAPACITANCE PER ELEMENT
REVERSE VOLTAGE,VOLTS
KBU4
TJ=25
250
200
150
100
50
0.1
1.0
10
100
REVERSE VOLTAGE ,VOLTS
400
100
50
10
50
100
1
5
10
TJ=25
KBU6
KBU8
FIG.1-DERATING CURVE FOR
OUTPUT RECTIFIED CURRENT
CASE TEMPERATURE,
50
100
0
150
1.0
5.0
4.0
3.0
2.0
6.0
8.0
7.0
KBU8
KBU6
KBU4
HEAT SINK
MOUNTING
MOUNTED ON4*4 INCH
COPPER PC BOARD.TA
.51(1.27mm)LEAD LENGTH
KBU 4A/6A/8A SERIES
http://www.trr-jx.com


Similar Part No. - KBU810

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBU810 WTE-KBU810 Datasheet
42Kb / 3P
   8.0A BRIDGE RECTIFIER
logo
Nanjing International G...
KBU810 DGNJDZ-KBU810 Datasheet
478Kb / 2P
   SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
logo
Guangdong Juxing Electr...
KBU810 JUXING-KBU810 Datasheet
1Mb / 2P
   BRIDGE RECTIFIERS
logo
Jinan Gude Electronic D...
KBU810 JGD-KBU810 Datasheet
139Kb / 2P
   SINGLE PHASE 8.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
Bruckewell Technology L...
KBU810 BWTECH-KBU810 Datasheet
223Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results

Similar Description - KBU810

ManufacturerPart #DatasheetDescription
logo
Shenzhen Ping Sheng Ele...
BY127 PFS-BY127_1 Datasheet
158Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
logo
MIC GROUP RECTIFIERS
1N5400 MIC-1N5400 Datasheet
49Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
logo
Shenzhen Ping Sheng Ele...
RL251 PFS-RL251 Datasheet
164Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
logo
MIC GROUP RECTIFIERS
BY127 MIC-BY127 Datasheet
45Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
EM513 MIC-EM513 Datasheet
50Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
RL251 MIC-RL251 Datasheet
46Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
6A05G MIC-6A05G Datasheet
49Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
6A05S MIC-6A05S Datasheet
56Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
logo
Shenzhen Ping Sheng Ele...
RL151 PFS-RL151 Datasheet
161Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
logo
MIC GROUP RECTIFIERS
P600A MIC-P600A Datasheet
60Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com