Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC220 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # MEC220
Description  Thin Form Factor . 170 關m Thick
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MEC220 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  MEC220 Datasheet HTML 1Page - List of Unclassifed Manufacturers MEC220 Datasheet HTML 2Page - List of Unclassifed Manufacturers MEC220 Datasheet HTML 3Page - List of Unclassifed Manufacturers MEC220 Datasheet HTML 4Page - List of Unclassifed Manufacturers MEC220 Datasheet HTML 5Page - List of Unclassifed Manufacturers MEC220 Datasheet HTML 6Page - List of Unclassifed Manufacturers MEC220 Datasheet HTML 7Page - List of Unclassifed Manufacturers MEC220 Datasheet HTML 8Page - List of Unclassifed Manufacturers MEC220 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
DS1015 v1.2 11 July 2012
www.InfinitePowerSolutions.com
Product Data Sheet
5
THINERGY® MEC202: Solid-State, Flexible, Rechargeable Thin-Film Micro-Energy Cell
X-Ref Target - Figure 3
Figure 3: Typical Discharge Curves @25°C (2.2 mAh Standard Grade Cell)
X-Ref Target - Figure 4
Figure 4: Typical Discharge Curves @25°C (2.2 mAh Performance Grade Cell)
DS1015_03_20120711
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
Discharge Capacity (mAh)
2.2 mAh Standard Grade
0.75 mA Discharge
5 mA Discharge
10 mA Discharge
50 mA Discharge
70 mA Discharge (32 C-Rate)
DS1015_04_20120711
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
Discharge Capacity (mAh)
2.2 mAh Performance Grade
0.75 mA Discharge
5 mA Discharge
10 mA Discharge
50 mA Discharge
90 mA Discharge (41 C-Rate)


Similar Part No. - MEC220

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
MEC-PSA-ID LINX-MEC-PSA-ID Datasheet
828Kb / 3P
   Weatherized assembly for outdoor installation
8/31/2017
logo
List of Unclassifed Man...
MEC0251V1-0000-A99 ETC-MEC0251V1-0000-A99 Datasheet
1Mb / 10P
   DR MagLev motor fan
2010/05/31
MEC0251V2-0000-A99 ETC-MEC0251V2-0000-A99 Datasheet
1Mb / 10P
   DR MagLev motor fan
2010/05/31
MEC0251V3-0000-A99 ETC-MEC0251V3-0000-A99 Datasheet
1Mb / 10P
   DR MagLev motor fan
2010/05/31
MEC0252V1-0000-A99 ETC-MEC0252V1-0000-A99 Datasheet
1Mb / 10P
   DR MagLev motor fan
2010/05/31
More results

Similar Description - MEC220

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ALMD-EL3E AVAGO-ALMD-EL3E Datasheet
655Kb / 12P
   Compact form factor
logo
Laird Tech Smart Techno...
DL-210-24-00-00-00 LSTD-DL-210-24-00-00-00 Datasheet
241Kb / 3P
   Compact form factor
logo
AVAGO TECHNOLOGIES LIMI...
ALMD-EL3D AVAGO-ALMD-EL3D Datasheet
1Mb / 14P
   Compact form factor
logo
American Electronic Com...
DA30-P736 AEC-DA30-P736 Datasheet
327Kb / 2P
   compact form factor
logo
Laird Tech Smart Techno...
LA-024-12-02-00-00 LSTD-LA-024-12-02-00-00 Datasheet
262Kb / 3P
   Compact form factor
LA-160-24-02-00-00 LSTD-LA-160-24-02-00-00 Datasheet
307Kb / 3P
   Compact form factor
logo
STMicroelectronics
EVAL6520-1421 STMICROELECTRONICS-EVAL6520-1421 Datasheet
1Mb / 16P
   Standard form factor
logo
Laird Tech Smart Techno...
LA-075-24-02-00-00 LSTD-LA-075-24-02-00-00 Datasheet
264Kb / 3P
   Compact form factor
logo
TE Connectivity Ltd
408-32215 TEC-408-32215 Datasheet
277Kb / 4P
   Small Form-Factor Pluggable
logo
Texas Instruments
ADS1271EVM TI-ADS1271EVM Datasheet
388Kb / 16P
[Old version datasheet]   modular EVM form factor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com