Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC220 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # MEC220
Description  Thin Form Factor . 170 關m Thick
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MEC220 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button MEC220 Datasheet HTML 4Page - List of Unclassifed Manufacturers MEC220 Datasheet HTML 5Page - List of Unclassifed Manufacturers MEC220 Datasheet HTML 6Page - List of Unclassifed Manufacturers MEC220 Datasheet HTML 7Page - List of Unclassifed Manufacturers MEC220 Datasheet HTML 8Page - List of Unclassifed Manufacturers MEC220 Datasheet HTML 9Page - List of Unclassifed Manufacturers MEC220 Datasheet HTML 10Page - List of Unclassifed Manufacturers MEC220 Datasheet HTML 11Page - List of Unclassifed Manufacturers MEC220 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
DS1015 v1.2 11 July 2012
www.InfinitePowerSolutions.com
Product Data Sheet
9
THINERGY® MEC202: Solid-State, Flexible, Rechargeable Thin-Film Micro-Energy Cell
Figure 9 shows an extrapolated ten year self-discharge
curve. Extrapolation is used since no known failure mech-
anism has been identified in MECs that would cause the
discharge curve to deviate from observed normal dis-
charge behavior. As noted previously, the MEC capacity is
largely reserved in the voltage region between 3.9 and
4.0V. This demonstrates that the MEC capacity has been
reduced by only a fraction, even after ten years of storage
at room temperature. Figure 10 shows the extrapolated
remaining MEC capacity after 10 years of storage time.
X-Ref Target - Figure 9
Figure 9: Ten-Year Extrapolated Voltage Decay at 25°C
X-Ref Target - Figure 10
Figure 10: Extrapolated Ten-Year Remaining Capacity at 25°C
DS1015_09_20110827
3.5
3.6
3.7
3.8
3.9
4
4.1
4.2
02
468
10
12
Years
DS1015_10_20110827
50
55
60
65
70
75
80
85
90
95
100
024
6
8
10
Years
Includes both self-discharge and
non-reversible capacity loss.


Similar Part No. - MEC220

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
MEC-PSA-ID LINX-MEC-PSA-ID Datasheet
828Kb / 3P
   Weatherized assembly for outdoor installation
8/31/2017
logo
List of Unclassifed Man...
MEC0251V1-0000-A99 ETC-MEC0251V1-0000-A99 Datasheet
1Mb / 10P
   DR MagLev motor fan
2010/05/31
MEC0251V2-0000-A99 ETC-MEC0251V2-0000-A99 Datasheet
1Mb / 10P
   DR MagLev motor fan
2010/05/31
MEC0251V3-0000-A99 ETC-MEC0251V3-0000-A99 Datasheet
1Mb / 10P
   DR MagLev motor fan
2010/05/31
MEC0252V1-0000-A99 ETC-MEC0252V1-0000-A99 Datasheet
1Mb / 10P
   DR MagLev motor fan
2010/05/31
More results

Similar Description - MEC220

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ALMD-EL3E AVAGO-ALMD-EL3E Datasheet
655Kb / 12P
   Compact form factor
logo
Laird Tech Smart Techno...
DL-210-24-00-00-00 LSTD-DL-210-24-00-00-00 Datasheet
241Kb / 3P
   Compact form factor
logo
AVAGO TECHNOLOGIES LIMI...
ALMD-EL3D AVAGO-ALMD-EL3D Datasheet
1Mb / 14P
   Compact form factor
logo
American Electronic Com...
DA30-P736 AEC-DA30-P736 Datasheet
327Kb / 2P
   compact form factor
logo
Laird Tech Smart Techno...
LA-024-12-02-00-00 LSTD-LA-024-12-02-00-00 Datasheet
262Kb / 3P
   Compact form factor
LA-160-24-02-00-00 LSTD-LA-160-24-02-00-00 Datasheet
307Kb / 3P
   Compact form factor
logo
STMicroelectronics
EVAL6520-1421 STMICROELECTRONICS-EVAL6520-1421 Datasheet
1Mb / 16P
   Standard form factor
logo
Laird Tech Smart Techno...
LA-075-24-02-00-00 LSTD-LA-075-24-02-00-00 Datasheet
264Kb / 3P
   Compact form factor
logo
TE Connectivity Ltd
408-32215 TEC-408-32215 Datasheet
277Kb / 4P
   Small Form-Factor Pluggable
logo
Texas Instruments
ADS1271EVM TI-ADS1271EVM Datasheet
388Kb / 16P
[Old version datasheet]   modular EVM form factor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com