Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCIMX6S5DVM10AB Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MCIMX6S5DVM10AB
Description  Applications Processors for Consumer Products
Download  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX6S5DVM10AB Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MCIMX6S5DVM10AB Datasheet HTML 6Page - Freescale Semiconductor, Inc MCIMX6S5DVM10AB Datasheet HTML 7Page - Freescale Semiconductor, Inc MCIMX6S5DVM10AB Datasheet HTML 8Page - Freescale Semiconductor, Inc MCIMX6S5DVM10AB Datasheet HTML 9Page - Freescale Semiconductor, Inc MCIMX6S5DVM10AB Datasheet HTML 10Page - Freescale Semiconductor, Inc MCIMX6S5DVM10AB Datasheet HTML 11Page - Freescale Semiconductor, Inc MCIMX6S5DVM10AB Datasheet HTML 12Page - Freescale Semiconductor, Inc MCIMX6S5DVM10AB Datasheet HTML 13Page - Freescale Semiconductor, Inc MCIMX6S5DVM10AB Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 168 page
background image
i.MX 6Solo/6DualLite Applications Processors for Consumer Products, Rev. 3
10
Freescale Semiconductor
Modules List
3
Modules List
The i.MX 6Solo/6DualLite processors contain a variety of digital and analog modules. Table 3 describes
these modules in alphabetical order.
Table 3. i.MX 6Solo/6DualLite Modules List
Block Mnemonic
Block Name
Subsystem
Brief Description
ARM
ARM Platform
ARM
The ARM Core Platform includes 1x (Solo) Cortex-A9
core for i.MX 6Solo and 2x (Dual) Cortex-A9 cores for
i.MX 6DualLite. It also includes associated sub-blocks,
such as the Level 2 Cache Controller, SCU (Snoop
Control Unit), GIC (General Interrupt Controller), private
timers, watchdog, and CoreSight debug modules.
APBH-DMA
NAND Flash and BCH
ECC DMA controller
System Control
Peripherals
DMA controller used for GPMI2 operation
ASRC
Asynchronous Sample
Rate Converter
Multimedia
Peripherals
The Asynchronous Sample Rate Converter (ASRC)
converts the sampling rate of a signal associated to an
input clock into a signal associated to a different output
clock. The ASRC supports concurrent sample rate
conversion of up to 10 channels of about -120dB
THD+N. The sample rate conversion of each channel is
associated to a pair of incoming and outgoing sampling
rates. The ASRC supports up to three sampling rate
pairs.
AUDMUX
Digital Audio Mux
Multimedia
Peripherals
The AUDMUX is a programmable interconnect for voice,
audio, and synchronous data routing between host
serial interfaces (for example, SSI1, SSI2, and SSI3)
and peripheral serial interfaces (audio and voice
codecs). The AUDMUX has seven ports with identical
functionality and programming models. A desired
connectivity is achieved by configuring two or more
AUDMUX ports.
BCH40
Binary-BCH ECC
Processor
System Control
Peripherals
The BCH40 module provides up to 40-bit ECC
encryption/decryption for NAND Flash controller (GPMI)
CAAM
Cryptographic
accelerator and
assurance module
Security
CAAM is a cryptographic accelerator and assurance
module. CAAM implements several encryption and
hashing functions, a run-time integrity checker, and a
Pseudo Random Number Generator (PRNG). The
pseudo random number generator is certified by
Cryptographic Algorithm Validation Program (CAVP) of
National Institute of Standards and Technology (NIST).
Its DRBG validation number is 94 and its SHS validation
number is 1455.
CAAM also implements a Secure Memory mechanism.
In i.MX 6Solo/6DualLite processors, the security
memory provided is 16 KB.
CCM
GPC
SRC
Clock Control Module,
General Power Controller,
System Reset Controller
Clocks, Resets, and
Power Control
These modules are responsible for clock and reset
distribution in the system, and also for the system power
management.
CSI
MIPI CSI-2 i/f
Multimedia
Peripherals
The CSI IP provides MIPI CSI-2 standard camera
interface port. The CSI-2 interface supports from 80
Mbps to 1 Gbps speed per data lane.


Similar Part No. - MCIMX6S5DVM10AB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MCIMX6S5DVM10AB NXP-MCIMX6S5DVM10AB Datasheet
3Mb / 169P
   i.MX 6Solo/6DualLite Applications Processors for Consumer Products
Rev. 9, 11/2018
MCIMX6S5DVM10AB NXP-MCIMX6S5DVM10AB Datasheet
2Mb / 161P
   i.MX 6Solo/6DualLite Applications Processors for Industrial Products
Rev. 9, 11/2018
MCIMX6S5DVM10AB NXP-MCIMX6S5DVM10AB Datasheet
3Mb / 169P
   i.MX 6Solo/6DualLite Automotive and Infotainment Applications Processors
Rev. 9, 11/2018
More results

Similar Description - MCIMX6S5DVM10AB

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
IMX53CEC FREESCALE-IMX53CEC Datasheet
3Mb / 204P
   Applications Processors for Consumer Products
MCIMX50 FREESCALE-MCIMX50 Datasheet
2Mb / 134P
   i.MX50 Applications Processors for Consumer Products
logo
NXP Semiconductors
IMX50CEC NXP-IMX50CEC Datasheet
2Mb / 136P
   i.MX50 Applications Processors for Consumer Products
Rev. 7, 10/2013
IMX28CEC NXP-IMX28CEC Datasheet
817Kb / 74P
   i.MX28 Applications Processors for Consumer Products
Rev. 4, 10/2018
logo
Freescale Semiconductor...
MCIMX53XD FREESCALE-MCIMX53XD Datasheet
1Mb / 204P
   i.MX53xD Applications Processors for Consumer Products
logo
NXP Semiconductors
IMX53CEC NXP-IMX53CEC Datasheet
1Mb / 177P
   i.MX53xD Applications Processors for Consumer Products
Rev. 8, 02/2021
IMX6SXCEC NXP-IMX6SXCEC Datasheet
4Mb / 207P
   i.MX 6SoloX Applications Processors for Consumer Products
Rev. 4, 11/2018
MCIMX35SR2CEC NXP-MCIMX35SR2CEC Datasheet
2Mb / 147P
   i.MX35 Applications Processors for Industrial and Consumer Products
Rev. 10, 06/2012
IMX6SDLCEC NXP-IMX6SDLCEC Datasheet
3Mb / 169P
   i.MX 6Solo/6DualLite Applications Processors for Consumer Products
Rev. 9, 11/2018
logo
Freescale Semiconductor...
MCIMX35_101 FREESCALE-MCIMX35_101 Datasheet
1Mb / 148P
   i.MX35 Applications Processors for Industrial and Consumer Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com