Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34924A Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # 34924A
Description  Multifunction Switch/Measure Unit
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

34924A Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button 34924A Datasheet HTML 6Page - Agilent(Hewlett-Packard) 34924A Datasheet HTML 7Page - Agilent(Hewlett-Packard) 34924A Datasheet HTML 8Page - Agilent(Hewlett-Packard) 34924A Datasheet HTML 9Page - Agilent(Hewlett-Packard) 34924A Datasheet HTML 10Page - Agilent(Hewlett-Packard) 34924A Datasheet HTML 11Page - Agilent(Hewlett-Packard) 34924A Datasheet HTML 12Page - Agilent(Hewlett-Packard) 34924A Datasheet HTML 13Page - Agilent(Hewlett-Packard) 34924A Datasheet HTML 14Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
10
Table 3.
Multiplexer selection table—specifications and characteristics
34921A
34922A
34923A
34924A
34925A
Channels/configurations
402-wire
702-wire
801-wire
702-wire
801-wire
20 4-wire
35 4-wire
40 2-wire
35 4-wire
40 2-wire
4-current
20 4-wire
20 4-wire
1.5 A Fused
Switch type
Armature
Armature
Reed
Reed
Optically
latching
latching
isolated FET
Input characteristics (per channel)
Max volts
± 300 V
[1]
± 300 V
[1]
± 150 V peak
[2]
± 150 V peak
[2]
± 80 V peak
[2]
Maxcurrent(DC,ACRMS)
Switch current
1 A
1 A
0.5 A
[5]/ 0.05 A [11]
0.5 A
[5]/ 0.05 A [11]
0.02 A
[8]
Carry current
2 A
2 A
1.5 A
[5]/ 0.05 A [11]
1.5 A
[5]/ 0.05 A [11]
Power (W, VA)
[6]
60 W
60 W
10 W
10 W
1.6 W
Volt-Hertz limit
108
108
108
108
107
Initial closed channel res
[3][12]
<1.5Ω
<1.5Ω
< 1.5 Ω
[5]/200 Ω[11]
< 1.5 Ω
[5]/200 Ω[11]
<700Ω
nominal
nominal
General specifications
Offset voltage
[3]
< 3 uV
< 3 uV
< 50 uV
< 50 uV
< 3 uV
< 100 uV 1-wire
DCIsolation(ch-ch,ch-earth)
>10GΩ
>10GΩ
>10GΩ
>10GΩ
>10GΩ
Leakagecurrent[3]
N/A
N/A
N/A
N/A
20nA[9]
T/C cold junction accuracy
[3, 10]
<1°C
N/A
N/A
N/A
N/A
AC characteristics
Bandwidthatterminalblock[4]
45 MHz
25 MHz
45 MHz
[5]/4 MHz
25 MHz
[5]/4 MHz[11]
1 MHz
10 MHz 1-wire
Crosstalk at terminal block (ch-ch)
[4]
300kHz
-75dB
-75dB
-75dB
-75dB
Notrecommendedfor
RFsignalswitching
1MHz
-75dB
-75dB
-75dB
-70dB
20MHz
-50dB
-50dB
-50dB
-45dB
45MHz
-40dB
-40dB
Capacitance at terminal block
HI-LO
150pF
250pF
130pF
200pF
100pF
LO–earth
150pF
200pF
120pF
170pF
300pF(600pF1-wire)
[1]
DCorACRMSvoltage,channel-to-channelorchannel-to-earth
[2] Peak voltage, channel-to-channel or channel-to-earth
[3] Into analog bus. System errors are included in the internal DMM measurement accuracy specifications
[4] 50Ωsource,50Ωload,differentialmeasurementsverifiedwith4-portnetworkanalyzer(Sdd21)
[5] Withinputresistorsbypassed.Bypassingresistorswillreducelifetimeofrelays.Seetheratedloadrelaylifecharacteristics.
[6] Limitedto6Wofchannelresistancepowerlosspermodule
[7] Speedsarefor2-wireohmsorDCV,41/
2
digits, delay 0, display off, autozero off, and within bank
[8] DC or peak AC current
[9] Ambient temperature < 30°C
[10] Includes 0.5°C temperature reference sensor and 0.5°C terminal block isothermal gradient error, measured under worst case loading of the mainframe; see User’s
Guide for information on supported external reference sensors
[11]Withinputprotectionresistors:2x100Ω±5%; 0.5W; TC=±200ppm/°C.Theseriesresistanceofthe34923/24/25limitstheuseofthe100Ωrange.
[12]Channelresistanceistypically<1.5Ωbutcangoashighas50Ωwhenachannelisusedinmeasurementapplicationswith<10mAloadcurrent.Increased
relay channel resistance for measurements with load currents below 10 mA can occur on cards that have been out of service or following relay inactivity for peri-
ods of greater than 1 week. Switching relays for 2K cycles prior to use may reduce the variation in channel resistance. Applies to the 34921A and 34922A. Agilent
recommendstheuseof4-wireOhmsforresistancemeasurements.Forhighaccuracyvoltagemeasurements,selecttheDMMinputresistancesettingof>10G
ohms to minimize the impact of relay contact resistance.


Similar Part No. - 34924A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
34924A KEYSIGHT-34924A Datasheet
1Mb / 35P
   Multifunction Switch/Measure Unit
More results

Similar Description - 34924A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
34931T KEYSIGHT-34931T Datasheet
1Mb / 35P
   Multifunction Switch/Measure Unit
34946A KEYSIGHT-34946A Datasheet
1Mb / 35P
   Multifunction Switch/Measure Unit
34947A KEYSIGHT-34947A Datasheet
1Mb / 35P
   Multifunction Switch/Measure Unit
34933T KEYSIGHT-34933T Datasheet
1Mb / 35P
   Multifunction Switch/Measure Unit
34939A KEYSIGHT-34939A Datasheet
1Mb / 35P
   Multifunction Switch/Measure Unit
34945A KEYSIGHT-34945A Datasheet
1Mb / 35P
   Multifunction Switch/Measure Unit
34951A KEYSIGHT-34951A Datasheet
1Mb / 35P
   Multifunction Switch/Measure Unit
34942A KEYSIGHT-34942A Datasheet
1Mb / 35P
   Multifunction Switch/Measure Unit
logo
Agilent(Hewlett-Packard...
34980A HP-34980A Datasheet
1Mb / 31P
   Multifunction Switch/Measure Unit
logo
Keysight Technologies
34924T KEYSIGHT-34924T Datasheet
1Mb / 35P
   Multifunction Switch/Measure Unit
34925A KEYSIGHT-34925A Datasheet
1Mb / 35P
   Multifunction Switch/Measure Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com