Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G3NH-2075B Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # G3NH-2075B
Description  Model Number Structure
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3NH-2075B Datasheet(HTML) 4 Page - Omron Electronics LLC

  G3NH-2075B Datasheet HTML 1Page - Omron Electronics LLC G3NH-2075B Datasheet HTML 2Page - Omron Electronics LLC G3NH-2075B Datasheet HTML 3Page - Omron Electronics LLC G3NH-2075B Datasheet HTML 4Page - Omron Electronics LLC G3NH-2075B Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Solid State Relays
G3NH
201
Replacement
Be sure to turn off the power before replacement.
1. First, remove the four screws (shown below as “A”) and the
transparent protective cover from the relay housing and then
disconnect the wiring.
2. Remove the four screws (shown in the following as “B”) and the
nameplate from the relay housing.
3. Remove the three screws (shown in the following as “C”) from
inside the housing and pull the Base Assembly up to detach. (The
Base Assembly cannot be removed thoroughly because of the
leads connected to the base.)
4. When the Base Assembly is detached, you will see the leads
connected to the built-in thyristor module. Pull the connector to
disconnect the leads. At this point, if any defect exists in any of
the electronic components on the PWB, the SSR may fail again
even after the replacement of the built-in thyristor module. In such
a case, consult OMRON about appropriate remedial action.
5. Remove the two screws (shown in the following as “D”) and take
out the built-in thyristor module.
Assembly of the thyristor module must be performed in the exact
reverse order of the previous disassembly steps 1 to 5.
6. Before mounting the new thyristor module for replacement, wipe
off the silicone grease adhering to the heat sink, keep clean the
jointing surfaces of the heat sink and thyristor module, and apply
the new grease (supplied as an accessory) to the jointing
surfaces. Secure the thyristor module to the heat sink with the two
screws “D” and tighten each screw to a torque of 2.45 to
2.94 N·m.
7. Connect the thyristor module to the PWB with the socket. (The
socket may be inserted in either direction.) Assemble the Base
Assembly with the heat sink by aligning the PWB with the PWB
securing groove and the protective cover with the protective cover
securing groove, respectively, while exercising caution not to get
any of the leads caught between the Base Assembly and the heat
sink.
8. Secure the Base Assembly with the three screws “C”. Because a
large current flows into these screw parts, make sure that any of
the screws is not clogged with foreign matter and tighten each
screw to a torque of 4.41 to 4.90 N·m.
9. Check the assembled parts again for any lead caught between
the Base Assembly and heat sink and for proper fitting of the
PWB and protective cover into their respective securing grooves.
Then, replace the nameplate and secure it with the four screws
“B”.
10.Complete the wiring and secure the protective cover with the four
screws “A”.
11.Apply power to the relay and check the relay for proper operation.
A
A
A
A
B
B
B
B
Name plate
C
Base
Connector
Protection cover
PWB
Connecting to thyristor module
Protection cover
securing groove
D
D
PWB securing groove
Heat sink


Similar Part No. - G3NH-2075B

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3NH OMRON-G3NH Datasheet
694Kb / 36P
   Digital Controller
More results

Similar Description - G3NH-2075B

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OEMC28J09G6-RGB OPTOSUPPLY-OEMC28J09G6-RGB Datasheet
129Kb / 3P
   LED model number: OSR5XZE1E1E, OSG5XZE1E1E, OSB5XZE1E1E
logo
Roithner LaserTechnik G...
RLZS-1608 ROITHNER-RLZS-1608 Datasheet
76Kb / 4P
   The first seven characters show model number
logo
OSA Opto Light GmbH
150234-1060 OSA-150234-1060 Datasheet
43Kb / 2P
   Structure
logo
Coolgear Inc.
CG-3520-7X1.5A COOLGEAR-CG-3520-7X1.5A Datasheet
3Mb / 2P
   CG Labs 7 Port USB hub 1 Charging Port Board Model Number:
Rev 01.200715
logo
Shanghai Semitech Semic...
MSMF05C SEMITECH-MSMF05C Datasheet
181Kb / 3P
   Monolithic Structure
logo
OSA Opto Light GmbH
150234-1050 OSA-150234-1050 Datasheet
43Kb / 2P
   Mesa structure
logo
AVAGO TECHNOLOGIES LIMI...
IEC60747-5-2 AVAGO-IEC60747-5-2 Datasheet
54Kb / 3P
   Specify Part Number followed by Option Number
logo
Sony Corporation
DVP-C600D SONY-DVP-C600D Datasheet
7Mb / 26P
   US Model, Canadian Model, Mexican Model
logo
Hirose Electric
GT32 HIROSE-GT32 Datasheet
250Kb / 6P
   Full shielded structure
logo
Sony Corporation
XR-4880 SONY-XR-4880 Datasheet
1Mb / 7P
   AEP Model UK Model
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com