Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KWIKSTIK-K40 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # KWIKSTIK-K40
Description  KwikStik board assembly
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KWIKSTIK-K40 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button KWIKSTIK-K40 Datasheet HTML 7Page - Freescale Semiconductor, Inc KWIKSTIK-K40 Datasheet HTML 8Page - Freescale Semiconductor, Inc KWIKSTIK-K40 Datasheet HTML 9Page - Freescale Semiconductor, Inc KWIKSTIK-K40 Datasheet HTML 10Page - Freescale Semiconductor, Inc KWIKSTIK-K40 Datasheet HTML 11Page - Freescale Semiconductor, Inc KWIKSTIK-K40 Datasheet HTML 12Page - Freescale Semiconductor, Inc KWIKSTIK-K40 Datasheet HTML 13Page - Freescale Semiconductor, Inc KWIKSTIK-K40 Datasheet HTML 14Page - Freescale Semiconductor, Inc KWIKSTIK-K40 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
KWIKSTIKK40UM
KwikStik-K40 User's Manual
Page 11 of 19
Refer to Table 4 “I/O Connectors and Pin Usage Table” for the specific K40 pin connections to the
General Purpose TWRPI socket.
Table 2. General Purpose TWRPI socket pinout
Left-side 2x10 Connector
Right-side 2x10 Connector
Pin
Description
1
5V VCC
2
3.3 V VCC
3
GND
4
3.3V VDDA
5
VSS (Analog GND)
6
VSS (Analog GND)
7
VSS (Analog GND)
8
ADC: Analog 0
9
ADC: Analog 1
10
VSS (Analog GND)
11
VSS (Analog GND)
12
ADC: Analog 2
13
VSS (Analog GND)
14
VSS (Analog GND)
15
GND
16
GND
17
ADC: TWRPI ID 0
18
ADC: TWRPI ID 1
19
GND
20
Reset
Pin
Description
1
GND
2
GND
3
I2C: SCL
4
I2C: SDA
5
GND
6
GND
7
GND
8
GND
9
SPI: MISO
10
SPI: MOSI
11
SPI: SS
12
SPI: CLK
13
GND
14
GND
15
GPIO: GPIO0/IRQ
16
GPIO: GPIO1/IRQ
17
GPIO: GPIO2
18
GPIO: GPIO3
19
GPIO: GPIO4/Timer
20
GPIO: GPIO5/Timer
2.7 Touch Interface
The capacitive touch sensing interface of the KwikStik implements the TSI module of the K40X256 as
well as the Freescale TSS touch sensing software suite (freescale.com/touch).
There are six individual electrodes on-board the KwikStik that simulate buttons. Touch Sensing
Software (TSS) can be implemented for all of the electrodes. Additionally, two of these signals (E1 and
E2) can use the TSI module.
The touch sensing input (TSI) module of the Kinetis MCUs provides capacitive touch sensing detection
with high sensitivity and enhanced robustness. Each TSI pin implements the capacitive measurement of
an electrode. In order to use TSI on E1 and E2, the pull-up resistors R107 and R108 must be removed
(they are not populated by default).
The Xtrinsic Touch Sensing Software (TSS) transforms Freescale MCUs into touch sensors, giving
designers the flexibility to select from more than 650 Freescale MCUs to add cost-effective touch
sensing functionality to their human-machine interface (HMI) designs.
Refer to Table 4 “I/O Connectors and Pin Usage Table” for the TSI and TSS signal connection details.


Similar Description - KWIKSTIK-K40

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
BBL-132-G-F SAMTEC-BBL-132-G-F Datasheet
160Kb / 1P
   ASSEMBLY BOARD TO BOARD SPACING
logo
Tyco Electronics
408-8502 MACOM-408-8502 Datasheet
88Kb / 2P
   Fixture Board Assembly
2106154-1 MACOM-2106154-1 Datasheet
842Kb / 4P
   Board-to-Board Screw down Jumper Assembly
logo
Molex Electronics Ltd.
75555 MOLEX-75555 Datasheet
1Mb / 3P
   EXTreme PowerMass??High-Current Assembly Board-to-Board
logo
Microsemi Corporation
LXMG1800_LS MICROSEMI-LXMG1800_LS Datasheet
84Kb / 4P
   Ambient Light Sensor Board Assembly
logo
Edal Industries, Inc.
B980 EDAL-B980 Datasheet
119Kb / 1P
   SILICON HIGH VOLTAGE ASSEMBLY BOARD
logo
RF Micro Devices
AN0010 RFMD-AN0010 Datasheet
22Kb / 2P
   Evaluation Board Assembly Biasing Configuration
logo
Edal Industries, Inc.
B1168 EDAL-B1168 Datasheet
89Kb / 1P
   SILICON HIGH VOLTAGE ASSEMBLY BOARD
logo
BRIGHT LED ELECTRONICS ...
BL-C34-2G-V1K BRIGHT-BL-C34-2G-V1K Datasheet
157Kb / 2P
   ease in circuit board assembly
logo
TE Connectivity Ltd
C-2213189 TEC-C-2213189 Datasheet
416Kb / 4P
   ASSEMBLY, POKE-IN INVERTED THROUGH BOARD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com