Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

294254 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 294254
Description  0,8 DRC-Q, F 26 polig
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

294254 Datasheet(HTML) 1 Page - ERNI Electronics

  294254 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Abspulrichtung -
Reel off Direction
150
330
32,5
Tape on Reel Packaging
Verpackungseinheit: 650 Stück -
Verpackt in Gurtverpackung
-
Packaging unit: 650 pcs
0,1 mm
Coplanarity Area of Termination
Anforderungsstufe 2
Performance Level 2
Kontaktbereich vergoldet
Mating Area gold plating
Anschlussbereich verzinnt 4-6 µm
Terminal Area 4-6 µm tin plating
Koplanarität der Anschlüsse
0,1 mm
b1
16
0,8
±0,03
11,6
0,7
14,6
13
-0,03
12 x 0,8 = 9,6
0,7 -0,03
A3
prior notice.
contact one of the ERNI companies
Date
e03
Index
DRCQ
0,8 DRC-Q, F 26 pin
0,8 DRC-Q, F 26 polig
294254
5:1
Information:
Tolerances
Scale
All Dimensions
I
www.ERNI.com
Designation
Class
in mm
before using.
Drawing will not be updated.
Subject to modification without
All rights reserved.
Only for Information.
To ensure that this is the latest
version of this drawing, please
4,4
-0,05
0,7
4
b13
b1
PCB-Layout Proposal for SMT
a1
Leiterplatten-Layout Vorschlag für SMT
a13
±0,03
0,8
±0,03
11,6
0,55
0,8
1
-0,03
1,35
0,15
9,6
12 x 0,8 =
1 -0,03


Similar Part No. - 294254

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
294250B112JO0 CDE-294250B112JO0 Datasheet
3Mb / 11P
   Cylindrical Case, High-Current and High-Voltage Circuits
294250B122JO0 CDE-294250B122JO0 Datasheet
3Mb / 11P
   Cylindrical Case, High-Current and High-Voltage Circuits
294250B132JO0 CDE-294250B132JO0 Datasheet
3Mb / 11P
   Cylindrical Case, High-Current and High-Voltage Circuits
294250B152JO0 CDE-294250B152JO0 Datasheet
3Mb / 11P
   Cylindrical Case, High-Current and High-Voltage Circuits
294250B162JO0 CDE-294250B162JO0 Datasheet
3Mb / 11P
   Cylindrical Case, High-Current and High-Voltage Circuits
More results

Similar Description - 294254

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
294252 ERNI-294252 Datasheet
76Kb / 1P
   0,8 DRC-Q, F 16 polig
294256 ERNI-294256 Datasheet
93Kb / 1P
   0,8 DRC-Q, F 40 polig
294255 ERNI-294255 Datasheet
89Kb / 1P
   0,8 DRC-Q, F 32 polig
294259 ERNI-294259 Datasheet
105Kb / 1P
   0,8 DRC-Q, F 80 polig
294261 ERNI-294261 Datasheet
115Kb / 1P
   0,8 DRC-Q, F 120 polig
294258 ERNI-294258 Datasheet
98Kb / 1P
   0,8 DRC-Q, F 68 polig
100100100005 ERNI-100100100005 Datasheet
126Kb / 1P
   0,8 DRC-Q, F 50 polig
294253 ERNI-294253 Datasheet
79Kb / 1P
   0,8 DRC-Q, F 20 polig
294257 ERNI-294257 Datasheet
99Kb / 1P
   0,8 DRC-Q, F 50 polig
294251 ERNI-294251 Datasheet
74Kb / 1P
   0,8 DRC-Q, F 12 polig
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com