Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT512 Datasheet(PDF) 6 Page - Active-Semi, Inc

Part # ACT512
Description  CCM and Quasi-Resonant Operation
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT512 Datasheet(HTML) 6 Page - Active-Semi, Inc

Back Button ACT512_14 Datasheet HTML 2Page - Active-Semi, Inc ACT512_14 Datasheet HTML 3Page - Active-Semi, Inc ACT512_14 Datasheet HTML 4Page - Active-Semi, Inc ACT512_14 Datasheet HTML 5Page - Active-Semi, Inc ACT512_14 Datasheet HTML 6Page - Active-Semi, Inc ACT512_14 Datasheet HTML 7Page - Active-Semi, Inc ACT512_14 Datasheet HTML 8Page - Active-Semi, Inc ACT512_14 Datasheet HTML 9Page - Active-Semi, Inc ACT512_14 Datasheet HTML 10Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
ACT512
Rev 4, 13-Feb-14
Innovative PowerTM
- 6 -
www.active-semi.com
Copyright © 2014 Active-Semi, Inc.
Active-Semi Proprietary―For Authorized Recipients and Customers
ActiveQR
TM is a trademark of Active-Semi.
ACT512 is a high performance peak current mode
low-voltage PWM controller IC. The controller
includes the most advance features that are
required in the adaptor applications up to 60 Watt.
Unique fast startup, frequency foldback, QR
switching technique, accurate peak current line
compensation, idle mode, short winding protection,
OCP, OTP, OVP and UVLO are included in the
controller.
Startup
Startup current of ACT512 is designed to be very
low so that VDD could be charged to VDDON
threshold level and device starts up quickly. A large
value startup resistor can therefore be used to
minimize the power loss yet reliable startup in
application. For a typical AC/DC adaptor with
universal input range design, two 1MΩ, 1/8 W
startup resistors could be used together with a VDD
capacitor(4.7uF) to provide a fast startup and yet
low power dissipation design solution.
During startup period, the IC begins to operate with
minimum Ippk to minimize the switching stresses
for the main switch, output diode and transformers.
And then, the IC operates at maximum power
output to achieve fast rise time. After this, VOUT
reaches about 90% VOUT , the IC operates with a
‘soft-landing’ mode(decrease Ippk) to avoid output
overshoot.
Constant Voltage (CV) Mode Operation
In
constant
voltage
operation,
the
ACT512
regulates its output voltage through secondary side
control circuit . The output voltage information is
sensed at FB pin through OPTO coupling. The error
signal at FB pin is amplified through TL431 and
OPTO circuit. When the secondary output voltage is
above regulation, the error amplifier output voltage
decreases to reduce the switch current. When the
secondary output voltage is below regulation, the
error amplifier output voltage increases to ramp up
the switch current to bring the secondary output
back to regulation. The output regulation voltage is
determined by the following relationship:
where RF1 (R15) and RF2 (R16) are top and bottom
feedback resistor of the TL431.
No Load Idle Mode
In no load standby mode, the feedback voltage falls
below VFBBM2 and reaches VFBBM1, ACT512 stop
switching. After it stops, as a result of a feedback
reaction, the feedback voltage increases. When the
feedback voltage reaches VFBBM2, ACT512 start
switching again. Feedback voltage drops again and
output voltage starts to bounds back and forward
with very small output ripple. ACT512 leaves idle
mode when load is added strong enough to pull
feedback voltage exceed VFBBM2.
Figure 2:
Idle Mode
Primary Inductor Current Limit
Compensation
The ACT512 integrates a primary inductor peak
current limit compensation circuit to achieve
constant OLP over wide line and wide inductance.
Frequency Foldback
When the load drops to 75% of full load level,
ACT512 starts to reduce the switching frequency,
which is proportional to the load current ,to improve
the efficiency of the converter.
ACT512’s load adaptive switching frequency
enables applications to meet all latest green energy
standards. The actual minimum average switching
frequency
is
programmable
with
output
capacitance, feedback circuit and dummy load
(while still meeting standby power).
Valley Switching
ACT512 employed valley switching from no load to
heavy load to reduce switching loss and EMI. In
discontinuous mode operation, the resonant voltage
between inductance and parasitic capacitance on
MOSFET source pin is coupled by auxiliary winding
and reflected on VDET pin through feedback
network R5, R6. Internally, the VDET pin is
connected to an zero-crossing detector to generate
the switch turn on signal when the conditions are
met.
FUNCTIONAL DESCRIPTION
(1)
)
R
R
1
(
V
V
2
F
1
F
431
TL
_
REF
OUTCV
+
×
=
Ip
Vo
Vfb
t
Ip_FL
Ilim
Vfb_fl
Vfb_olp
2A
Vfbbm1
Io
12V
Vfbbm2
0A


Similar Part No. - ACT512_14

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT512US-T ACTIVE-SEMI-ACT512US-T Datasheet
178Kb / 4P
   ActiveQR Quasi-Resonant PWM Controller
05-Dec-12
ACT512US-T ACTIVE-SEMI-ACT512US-T Datasheet
178Kb / 4P
   ActiveQRTM Quasi-Resonant PWM Controller
18-Feb-14
More results

Similar Description - ACT512_14

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE2QR2280G-1 INFINEON-ICE2QR2280G-1 Datasheet
1Mb / 27P
   Quasi resonant operation
V2.2 2014-07-10
logo
Fairchild Semiconductor
FAN6300SY FAIRCHILD-FAN6300SY Datasheet
555Kb / 14P
   High-Voltage Startup, Quasi-Resonant Operation
logo
Dialog Semiconductor
IW1691 DIALOG-IW1691 Datasheet
1Mb / 24P
   Digital PWM Current-Mode Controller for Quasi-Resonant Operation
logo
Renesas Technology Corp
IW1691 RENESAS-IW1691 Datasheet
2Mb / 32P
   Digital PWM Current-Mode Controller for Quasi-Resonant Operation
22-Jan-2022
logo
Dialog Semiconductor
IW1710 DIALOG-IW1710 Datasheet
1Mb / 20P
   Digital PWM Current-Mode Controller for Quasi-Resonant Operation
logo
Renesas Technology Corp
IW1710 RENESAS-IW1710 Datasheet
1Mb / 30P
   Digital PWM Current-Mode Controller for Quasi-Resonant Operation
24-Jan-2022
logo
List of Unclassifed Man...
FA5530 ETC2-FA5530 Datasheet
256Kb / 4P
   Quasi-Resonant IC
logo
Infineon Technologies A...
ICE5QSAG INFINEON-ICE5QSAG Datasheet
1Mb / 27P
   Quasi-Resonant Controller
V 2.1 2020-02-03
logo
Monolithic Power System...
HFC0100 MPS-HFC0100 Datasheet
290Kb / 15P
   QUASI RESONANT CONTROLLER
EVHFC0100HS-00A MPS-EVHFC0100HS-00A Datasheet
241Kb / 6P
   Quasi Resonant Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com