Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT3780QY410-T Datasheet(PDF) 3 Page - Active-Semi, Inc

Part # ACT3780QY410-T
Description  50mΩ Battery Switch for Highest Efficiency
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT3780QY410-T Datasheet(HTML) 3 Page - Active-Semi, Inc

  ACT3780QY410-T Datasheet HTML 1Page - Active-Semi, Inc ACT3780QY410-T Datasheet HTML 2Page - Active-Semi, Inc ACT3780QY410-T Datasheet HTML 3Page - Active-Semi, Inc ACT3780QY410-T Datasheet HTML 4Page - Active-Semi, Inc ACT3780QY410-T Datasheet HTML 5Page - Active-Semi, Inc ACT3780QY410-T Datasheet HTML 6Page - Active-Semi, Inc ACT3780QY410-T Datasheet HTML 7Page - Active-Semi, Inc ACT3780QY410-T Datasheet HTML 8Page - Active-Semi, Inc ACT3780QY410-T Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ACT3780
Rev 8, 09-Jul-13
Innovative PowerTM
- 3 -
www.active-semi.com
Copyright © 2013 Active-Semi, Inc.
Active-Semi Proprietary―For Authorized Recipients and Customers
ActivePath
TM is a trademark of Active-Semi.
PIN DESCRIPTIONS
PIN
NAME
DESCRIPTION
1
nACOK
CHG_IN Status Output. nACOK is an open-drain which sinks current whenever VCHG_IN is
within it's valid operating range.
2
nBLV1
Battery Voltage level Monitor Output 1. Open-drain output that sinks current when asserted.
Connect a 10k or greater pull-up resistors between nBLV1 and a suitable voltage supply. See
Battery Voltage Level Indication
Section for more information.
3
nBLV2
Battery Voltage level Monitor Output 2. Open-drain output that sinks current when asserted.
Connect a 10k or greater pull-up resistors between nBLV2 and a suitable voltage supply. See
Battery Voltage Level Indication
Section for more information.
4
nSTAT3
CHG_IN OVP Status Output. Open-drain output that sinks current whenever VCHG_IN is greater
than OVP threshold 6.9V (typ) while battery is present. For a logic-level charge status indicator,
simply connect a 10k or greater pull-up resistor between nSTAT3 and a suitable voltage supply.
5
nSTAT1
Charge State Indicator. Open-drain output with an internal 6mA current limit, allowing this pin
to directly drive an indicator LED. For a logic-level charge status indicator, simply connect a
10k or greater pull-up resistor between nSTAT1 and a suitable voltage supply. See the
Charging Status Indication
Section for more information.
13
G
Ground.
7
CHG_IN
Power Input. Bypass to G with a high quality ceramic capacitor placed as close to the IC as
possible.
8, 9
BAT
Battery Charger output. Connect this pin to the positive terminal of the battery. Bypass to G
with a high quality ceramic capacitor placed as close to the IC as possible.
10
CHGLEV
Charging State Select Input. Drive CHGLEV to VSYS or to a logic high for high-current
charging mode or drive to G or a logic low for low-current charging mode. See the ACIN and
CHGLEV Inputs
section for more information.
11
EN
EN Charger Enable Input. Drive to a logic high to enable IC, drive to a logic low to disable the
device and enter suspend mode.
12
ISET
Charge Current Set Input. Connect a resistor from ISET to G to set the fast-charge current.
14
ACIN
AC Adaptor Detect Logic Input. Detects presence of a wall adaptor and automatically adjusts
the charge current to the maximum charge current level. See the ACIN and CHGLEV Inputs
section for more information.
15
TH
Temperature Sensing Input. Connect to battery thermistor terminal. See the Battery
Temperature Monitoring
section for more information.
16
DCCC
Dynamic Control of Charging Current Set Input. Connect a resistor from DCCC to G to set the
DCCC voltage. See the Dynamic Charge Current Control section for more information.
17
BTR
Safety Timer Programming Input. Connect a resistor from BTR to G to set the safety timers. Do
not leave this pin floating. See the Charging Safety Timers Section for more information.
18, 19,
20
SYS
System Power Output. Bypass to G with a high quality ceramic capacitor placed as close to the
IC as possible.
EP
Exposed Pad. Must be soldered to ground on the PCB.
6
nSTAT2
Charge State Indicator. Open-drain output with an internal 6mA current limit, allowing this pin
to directly drive an indicator LED. For a logic-level charge status indicator, simply connect a
10k or greater pull-up resistor between nSTAT2 and a suitable voltage supply. See the
Charging Status Indication
Section for more information.


Similar Part No. - ACT3780QY410-T

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT3780QY410-T ACTIVE-SEMI-ACT3780QY410-T Datasheet
101Kb / 2P
   ActivePath Battery Charger
05-Dec-12
More results

Similar Description - ACT3780QY410-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8606 MAXIM-MAX8606_08 Datasheet
178Kb / 14P
   USB/AC Adapter, Li Linear Battery Charger with Integrated 50mΩ Battery Switch in TDFN
Rev 1; 12/08
logo
GREATECS
DX62 GREATECS-DX62 Datasheet
1Mb / 8P
   DIP Switch Half Pitch SMT for Highest Reliability
logo
Taoglas antenna solutio...
PAD.71X.A TAOGLAS-PAD.71X.A Datasheet
1Mb / 21P
   Highest Efficiency Wide-band Embedded MIMO Antenna
logo
Analog Devices
ADP3808 AD-ADP3808 Datasheet
414Kb / 16P
   High Efficiency Switch Mode Li-Ion Battery Charger
REV. 0
logo
ON Semiconductor
ADP3808A ONSEMI-ADP3808A Datasheet
210Kb / 15P
   High Efficiency Switch Mode Li-Ion Battery Charger
January, 2009 ??Rev. 1
logo
International Rectifier
IRL6283MTRPBF IRF-IRL6283MTRPBF Datasheet
508Kb / 9P
   Load switch for battery application
logo
Shanghai awinic technol...
AW3215A AWINIC-AW3215A Datasheet
2Mb / 30P
    Switch, efficiency, 1.5 A, lithium battery charging control controller
logo
List of Unclassifed Man...
TS52002 ETC2-TS52002 Datasheet
1Mb / 14P
   High Efficiency NiMH Battery Charger for Photovoltaic Sources
logo
Galaxy Power, Inc.
GHTW5V040 GALAXY-GHTW5V040 Datasheet
910Kb / 8P
   TAURUS HC Series Industry?셲 Highest Efficiency DC/DC Converter
logo
OptoSupply Internationa...
OSXXXME1C1S OPTOSUPPLY-OSXXXME1C1S Datasheet
116Kb / 1P
   Xeon 1 Power LED Highest Luminous Flux Super Energy Efficiency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com