Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT3780 Datasheet(PDF) 5 Page - Active-Semi, Inc

Part # ACT3780
Description  50mΩ Battery Switch for Highest Efficiency
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT3780 Datasheet(HTML) 5 Page - Active-Semi, Inc

  ACT3780 Datasheet HTML 1Page - Active-Semi, Inc ACT3780 Datasheet HTML 2Page - Active-Semi, Inc ACT3780 Datasheet HTML 3Page - Active-Semi, Inc ACT3780 Datasheet HTML 4Page - Active-Semi, Inc ACT3780 Datasheet HTML 5Page - Active-Semi, Inc ACT3780 Datasheet HTML 6Page - Active-Semi, Inc ACT3780 Datasheet HTML 7Page - Active-Semi, Inc ACT3780 Datasheet HTML 8Page - Active-Semi, Inc ACT3780 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ACT3780
Rev 8, 09-Jul-13
Innovative PowerTM
- 5 -
www.active-semi.com
Copyright © 2013 Active-Semi, Inc.
Active-Semi Proprietary―For Authorized Recipients and Customers
ActivePath
TM is a trademark of Active-Semi.
ELECTRICAL CHARACTERISTICS CONT’D
(VCHG_IN = 5.0V, RISET = 1kΩ, RBTR = 62kΩ, RDCCC = 18.7kΩ, TA = 25°C, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Charger
BAT to SYS On Resistance
RDSON_Q2
50
mΩ
SYS to BAT Turn On
Threshold
VCHG_ON
SYS - BAT
40
75
mV
SYS to BAT Turn Off
Threshold
VCHG_OFF
SYS - BAT
-30
Charge Termination Voltage
VTERM
ACT3780QY
4.179
4.200
4.221
V
ACT3780QY410
4.075
4.100
4.125
Battery Reverse Leakage
Current
IBAT_REV
VSYS < VBAT + 100mV, ISYS = 0mA
2.5
5
µA
Line Regulation
VSYS = 4.5V to 5.5V, IBAT = 10mA
0.025
%/V
ISET Pin Voltage
VFSTSET
Fast Charge
1
V
VPRESET
Precondition Charge
0.1
Charge Current
IFSTCHG
VBAT = 3.5V
RISET = 1kΩ
ACIN = G, CHGLEV = G
80
90
100
mA
ACIN = G, CHGLEV = SYS2
400
450
500
ACIN = SYS, CHGLEV = G
-17.5% 0.5*ISET 17.5%
ACIN = SYS, CHGLEV = SYS
-12.5%
ISET
12.5%
Precondition Charge Current
IPRECHG
VBAT = 2.5V
ACIN = G, CHGLEV = G
MIN(10%ISET, 90mA)
mA
ACIN = G, CHGLEV = SYS
10%
ISET
ACIN = SYS, CHGLEV = G
10%
ISET
ACIN = SYS, CHGLEV = SYS
10%
ISET
Precondition Voltage
Threshold
VPRECHG
VBAT Voltage Rising
2.7
2.85
3.00
V
Precondition Threshold
Hysteresis
VHYS(PRECHG) VBAT Voltage Falling
150
220
mV
End-of Charge Current
Threshold
IEOC
VBAT = 4.2V
ACIN = G
4
%
ACIN = SYS
10
Sleep-Mode Entry Threshold
VSLPENT
150
250
mV
Sleep-Mode Exit Threshold
VSLPEXIT
50
150
mV
Charge Restart Threshold
VRCH
VSYS – VBAT, VBAT Falling
150
175
200
mV
Fast Charge Safety Timer
TNORMAL
RBTR = 62kΩ
3
hr
Precondition Safety Timer
TPRE
RBTR = 62kΩ
1
hr
TA = 25°C
Leakage Current to BAT
ILKG_BAT
VCHG_IN = 5V, Charger is in EOC state or
time-out fault state or disabled.
0
5
µA


Similar Part No. - ACT3780

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT3780 ACTIVE-SEMI-ACT3780 Datasheet
147Kb / 2P
   ActivePath??Battery Charger
29-May-08
ACT3780NY-T ACTIVE-SEMI-ACT3780NY-T Datasheet
147Kb / 2P
   ActivePath??Battery Charger
29-May-08
ACT3780QY-T ACTIVE-SEMI-ACT3780QY-T Datasheet
147Kb / 2P
   ActivePath??Battery Charger
29-May-08
ACT3780QY-T ACTIVE-SEMI-ACT3780QY-T Datasheet
101Kb / 2P
   ActivePath Battery Charger
05-Dec-12
ACT3780QY410-T ACTIVE-SEMI-ACT3780QY410-T Datasheet
101Kb / 2P
   ActivePath Battery Charger
05-Dec-12
More results

Similar Description - ACT3780

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8606 MAXIM-MAX8606_08 Datasheet
178Kb / 14P
   USB/AC Adapter, Li Linear Battery Charger with Integrated 50mΩ Battery Switch in TDFN
Rev 1; 12/08
logo
GREATECS
DX62 GREATECS-DX62 Datasheet
1Mb / 8P
   DIP Switch Half Pitch SMT for Highest Reliability
logo
Taoglas antenna solutio...
PAD.71X.A TAOGLAS-PAD.71X.A Datasheet
1Mb / 21P
   Highest Efficiency Wide-band Embedded MIMO Antenna
logo
Analog Devices
ADP3808 AD-ADP3808 Datasheet
414Kb / 16P
   High Efficiency Switch Mode Li-Ion Battery Charger
REV. 0
logo
ON Semiconductor
ADP3808A ONSEMI-ADP3808A Datasheet
210Kb / 15P
   High Efficiency Switch Mode Li-Ion Battery Charger
January, 2009 ??Rev. 1
logo
International Rectifier
IRL6283MTRPBF IRF-IRL6283MTRPBF Datasheet
508Kb / 9P
   Load switch for battery application
logo
Shanghai awinic technol...
AW3215A AWINIC-AW3215A Datasheet
2Mb / 30P
    Switch, efficiency, 1.5 A, lithium battery charging control controller
logo
List of Unclassifed Man...
TS52002 ETC2-TS52002 Datasheet
1Mb / 14P
   High Efficiency NiMH Battery Charger for Photovoltaic Sources
logo
Galaxy Power, Inc.
GHTW5V040 GALAXY-GHTW5V040 Datasheet
910Kb / 8P
   TAURUS HC Series Industry?셲 Highest Efficiency DC/DC Converter
logo
OptoSupply Internationa...
OSXXXME1C1S OPTOSUPPLY-OSXXXME1C1S Datasheet
116Kb / 1P
   Xeon 1 Power LED Highest Luminous Flux Super Energy Efficiency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com