Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3S-DS30E4S Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # E3S-DS30E4S
Description  Photoelectric Sensor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3S-DS30E4S Datasheet(HTML) 5 Page - Omron Electronics LLC

  E3S-DS30E4S Datasheet HTML 1Page - Omron Electronics LLC E3S-DS30E4S Datasheet HTML 2Page - Omron Electronics LLC E3S-DS30E4S Datasheet HTML 3Page - Omron Electronics LLC E3S-DS30E4S Datasheet HTML 4Page - Omron Electronics LLC E3S-DS30E4S Datasheet HTML 5Page - Omron Electronics LLC E3S-DS30E4S Datasheet HTML 6Page - Omron Electronics LLC E3S-DS30E4S Datasheet HTML 7Page - Omron Electronics LLC E3S-DS30E4S Datasheet HTML 8Page - Omron Electronics LLC E3S-DS30E4S Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
E3S
E3S
5
Operation
Output Circuits
-E4 Type (NPN Output)
-B4 Type (PNP Output)
-E4S(1) Type
Main circuit
+V
Output
Brown
Black
Blue
Light-
ON
Dark-
ON
Blue
Black
Brown
0 V
Main circuit
+V
Brown
Black
Blue
Light-
ON
Dark-
ON
Blue
Black
Brown
0 V
Output
2.2
Z
Z
Z
Brown
Black
Orange
0 V
+12 to 24 VDC
Logic
circuit
Self-diagnostic output
Z: Zener diode
*The color of the code for the self-diagnostic output is
orange for models whose model number suffix is S1.
Load
(relay)
Load
(relay)
Blue
Main circuit


Similar Part No. - E3S-DS30E4S

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3S-DS30E4S OMRON-E3S-DS30E4S Datasheet
256Kb / 12P
   Photoelectric Sensor
E3S-DS30E4S1 OMRON-E3S-DS30E4S1 Datasheet
256Kb / 12P
   Photoelectric Sensor
More results

Similar Description - E3S-DS30E4S

ManufacturerPart #DatasheetDescription
logo
SICK AG
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1251 SICK-WTB250-2N1251 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
GRSE18S-N2421V SICK-GRSE18S-N2421V Datasheet
332Kb / 6P
   PHOTOELECTRIC SENSOR
logo
Contrinex AG Industrial...
LRR-M18PA-NMS-101 CONTRINEX-LRR-M18PA-NMS-101 Datasheet
482Kb / 6P
   PHOTOELECTRIC SENSOR
logo
Omron Electronics LLC
E3S-LS3C1D OMRON-E3S-LS3C1D Datasheet
186Kb / 8P
   Photoelectric Sensor
E3SLS10XE4 OMRON-E3SLS10XE4 Datasheet
186Kb / 8P
   Photoelectric Sensor
E3S-R2E41 OMRON-E3S-R2E41 Datasheet
256Kb / 12P
   Photoelectric Sensor
logo
SICK AG
GRSE18S-F2336 SICK-GRSE18S-F2336 Datasheet
1Mb / 7P
   PHOTOELECTRIC SENSOR
logo
Omron Electronics LLC
E3C-S10 OMRON-E3C-S10 Datasheet
302Kb / 16P
   Photoelectric Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com