Electronic Components Datasheet Search |
|
ACT4501 Datasheet(PDF) 1 Page - Active-Semi, Inc |
|
ACT4501 Datasheet(HTML) 1 Page - Active-Semi, Inc |
1 / 16 page Innovative Power TM - 1 - www.active-semi.com Copyright © 2012 Active-Semi, Inc. FEATURES • 10V-30V Input Voltage • 40V Transparent Input Voltage Surge • Up to 1.25A Constant Output Current • Output Voltage up to 12V • Good EMC Performance on Single Layer PCB • Patent Pending ActiveCC Constant Current Control − Integrated Current Control Improves Efficiency, Lowers Cost, and Reduces Component Count • Resistor Programmable Outputs − Current Limit from 500mA to 1250mA Patented cable compensation from DC Cable Compensation from 0Ω to 0.5Ω • 2% Feedback Voltage Accuracy • Up to 90% Efficiency • 125kHz Switching Frequency Eases EMI Design • Advanced Feature Set − Integrated Soft Start − Thermal Shutdown − Secondary Cycle-by-Cycle Current Limit − Protection Against Shorted ISET Pin • SOP-8 Package APPLICATIONS • Car Charger • Rechargeable Portable Devices • General-Purpose CC/CV Power Supply GENERAL DESCRIPTION ACT4501 is a dedicated cost-effective DC-DC converter for 5V/1A car charger applications with a wide input voltage and high efficiency. The converter operates in either CV (Constant Output Voltage) mode or CC (Constant Output Current) mode. ACT4501 provides up to 1.25A output current at 125kHz switching frequency. ActiveCC is a patent-pending control scheme to achieve high accuracy sensorless constant current control. ActiveCC eliminates the expensive, high accuracy current sense resistor, making it ideal for battery charging applications and high-brightness LED drive for architectural lighting. The ACT4501 achieves higher efficiency than traditional constant current switching regulators by eliminating the sense resistor and its associated power loss. Protection features include cycle-by-cycle current limit, thermal shutdown, and frequency foldback at short circuit. The devices are available in a SOP-8 package and require very few external devices for operation. ACT4501 1.25A CC/CV Step-Down DC/DC Converter Rev 2, 14-Nov-12 Load Current (mA) 10 100 1000 10000 1 100 90 80 70 60 50 40 Efficiency vs. Load Current VIN = 12V VOUT = 5V VIN = 24V VIN = 16V |
Similar Part No. - ACT4501_14 |
|
Similar Description - ACT4501_14 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |