Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

354185 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 354185
Description  M09 MSpeed Blind Mate 50 SMD
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

354185 Datasheet(HTML) 1 Page - ERNI Electronics

  354185 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Abspulrichtung -
Reel off Direction
Kontaktbereich vergoldet
Mating Area gold plating
Anschlussbereich verzinnt 4-6 µm
Terminal Area 4-6 µm tin plating
Koplanarität der Anschlüsse 0,1 mm
Coplanarity Area of Termination
Anforderungsstufe 1
Performance Level 1
0,1 mm
330
Tape on Reel Packaging
Verpackungseinheit: 170 Stück
Verpackt in Gurtverpackung
Packaging unit: 170 pcs
Drill tool
1)
Leiterplatten-Layout Vorschlag /
PCB-layout proposal
1) Durchmesser des Bohrers /
1)
0,8
3
±0,03
8 x 3 = 24
0,85
26 ±0,03
0,9
±0,03
0,85
24 x 1 = 24
1
1
0,5
0,7
Class
A3
prior notice.
contact one of the ERNI companies
Date
23.04.2013
e
Index
MSPEED
M09 MSpeed Blind Mate 50 SMD
354185
5:1
Information:
Tolerances
Scale
www.ERNI.com
before using.
in mm
I
All Dimensions
Drawing will not be updated.
Subject to modification without
Designation
All rights reserved.
Only for Information.
To ensure that this is the latest
version of this drawing, please
Ansaughaube
hood
26
8,95
0,6
28,95
0,5
X
4,6
6,75
0,8
4,125
b25
b1
a25
a1
1
25,45
24 x 1 = 24
27,55
Einzelheit X
M 20:1
signaling contact
a1
20


Similar Part No. - 354185

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
35418 BELDEN-35418 Datasheet
152Kb / 2P
   Lead Wire, #18 Str TC, XLPO Ins, AWM 3436 CSA TYPE CL1251 AND AWM
05-05-2023
35418-009500 BELDEN-35418-009500 Datasheet
152Kb / 2P
   Lead Wire, #18 Str TC, XLPO Ins, AWM 3436 CSA TYPE CL1251 AND AWM
05-05-2023
35418-010500 BELDEN-35418-010500 Datasheet
152Kb / 2P
   Lead Wire, #18 Str TC, XLPO Ins, AWM 3436 CSA TYPE CL1251 AND AWM
05-05-2023
35418-0105000 BELDEN-35418-0105000 Datasheet
152Kb / 2P
   Lead Wire, #18 Str TC, XLPO Ins, AWM 3436 CSA TYPE CL1251 AND AWM
05-05-2023
logo
Molex Electronics Ltd.
35418-9002 MOLEX5-35418-9002 Datasheet
73Kb / 2P
   MP-Lock??Quick Disconnect with Vibration Support, Flag Type, Metal Strip, Tab 2.79 by 0.50mm (.187 by .020"), Pre-Tin Plated
More results

Similar Description - 354185

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
100200750002 ERNI-100200750002 Datasheet
114Kb / 1P
   M09 MSpeed Blind Mate 50 SMD
DC0007570 ERNI-DC0007570 Datasheet
91Kb / 1P
   M09 Mspeed Blind Mate 50 SMD
354186 ERNI-354186 Datasheet
85Kb / 1P
   M09 MSpeed Blind Mate 50 THR
DC0007573 ERNI-DC0007573 Datasheet
85Kb / 1P
   M09 Mspeed Blind Mate 50 THR
354183 ERNI-354183 Datasheet
106Kb / 1P
   M02 MSpeed Blind Mate 50 SMD
100103210032 ERNI-100103210032 Datasheet
131Kb / 1P
   M02 MSpeed Blind Mate 50 SMD
100201750001 ERNI-100201750001 Datasheet
133Kb / 1P
   M01 MSpeed Blind Mate 50 SMD
101103900001 ERNI-101103900001 Datasheet
127Kb / 1P
   M01 MSpeed Blind Mate 50 SMD
DC0000120 ERNI-DC0000120 Datasheet
90Kb / 1P
   M10 Mspeed Blind Mate 50 SMD
DC0000121 ERNI-DC0000121 Datasheet
87Kb / 1P
   M10 Mspeed Blind Mate 50 SMD
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com